Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJ-037B Datasheet(PDF) 2 Page - CUI INC

Part # PJ-037B
Description  DC POWER JACK
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PJ-037B Datasheet(HTML) 2 Page - CUI INC

  PJ-037B Datasheet HTML 1Page - CUI INC PJ-037B Datasheet HTML 2Page - CUI INC PJ-037B Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
cui.com
CUI Inc
│ MODEL: PJ-037B │ DESCRIPTION: DC POWER JACK
date 04/08/2016
│ page 2 of 3
7.70.303
6.00.236
2.00 0.079
(2 PLCS)
PCB LAYOUT
TOP VIEW
1.00X3.00
21
1.00X3.50
2.50 0.098
0.354
9.0
0.256
6.50
0.256
6.50
0.433
11.0
3.00 0.118
2.50 0.098
7.7 0.303
6.0 0.236
Cut Away Area
0.5 deep
0.051
1.30
1.30 0.051
(TYP)
1
2
1.00 0.039
(2 PLCS)
0.571
14.5
3.50 0.138
(2 PLCS)
0.079
2.00
1.50 0.059
(2 PLCS)
3.50.138
0.3 (2 PLCS)
2
1
MECHANICAL DRAWING
MATERIAL
PLATING
center pin
copper
nickel
terminal 1
brass
tin
terminal 2
copper alloy
tin
plastic
PBT
units: mm[inches]
tolerance:
X.X ±0.2mm
X.XX ±0.1mm
X.XXX ±0.05mm
Note:
1. All specifications measured at 10~35°C, humidity at 45~85%, under standard atmospheric pressure, unless otherwise noted.
SCHEMATIC
Model
PJ-037B
Center Pin
Ø2.5 mm
MATING PLUG
Jack Insertion Depth: 9.0 mm
For more information, please visit the product page
|
For information on related products, view External Power Supplies


Similar Part No. - PJ-037B

ManufacturerPart #DatasheetDescription
logo
CUI INC
PJ-037B-SMT CUI-PJ-037B-SMT Datasheet
74Kb / 1P
   2.5mm SURFACE MOUNT POWER JACK
PJ-037BH CUI-PJ-037BH Datasheet
343Kb / 3P
   DC POWER JACK
PJ-037BH-SMT CUI-PJ-037BH-SMT Datasheet
189Kb / 3P
   DC POWER JACK
PJ-037BH-SMT-TR CUI-PJ-037BH-SMT-TR Datasheet
384Kb / 4P
   DC POWER JACK
More results

Similar Description - PJ-037B

ManufacturerPart #DatasheetDescription
logo
CUI INC
PJ-032BH CUI-PJ-032BH Datasheet
154Kb / 3P
   DC POWER JACK
logo
Adam Technologies, Inc.
ADC-H-026-X ADAM-TECH-ADC-H-026-X Datasheet
87Kb / 1P
   DC POWER JACK
ADC-37A-X ADAM-TECH-ADC-37A-X Datasheet
83Kb / 1P
   DC POWER JACK
ADC-055-9-HT ADAM-TECH-ADC-055-9-HT Datasheet
79Kb / 1P
   DC POWER JACK
ADC-086-X ADAM-TECH-ADC-086-X Datasheet
106Kb / 1P
   DC POWER JACK
logo
CUI INC
PJ1-023 CUI-PJ1-023 Datasheet
245Kb / 3P
   DC POWER JACK
PJ-003A CUI-PJ-003A Datasheet
331Kb / 3P
   DC POWER JACK
PJ-006B CUI-PJ-006B Datasheet
60Kb / 1P
   DC POWER JACK
PJ-029C CUI-PJ-029C Datasheet
271Kb / 3P
   DC POWER JACK
PJ-014CH-SMT CUI-PJ-014CH-SMT Datasheet
128Kb / 3P
   DC POWER JACK
PJ-028-SMT CUI-PJ-028-SMT Datasheet
155Kb / 3P
   DC POWER JACK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com