Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF13-20DP-1.25DSA Datasheet(PDF) 10 Page - Hirose Electric

Part # DF13-20DP-1.25DSA
Description  1.25mm Pitch Miniature Crimping Connector
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF13-20DP-1.25DSA Datasheet(HTML) 10 Page - Hirose Electric

Back Button DF13-20DP-1.25DSA Datasheet HTML 3Page - Hirose Electric DF13-20DP-1.25DSA Datasheet HTML 4Page - Hirose Electric DF13-20DP-1.25DSA Datasheet HTML 5Page - Hirose Electric DF13-20DP-1.25DSA Datasheet HTML 6Page - Hirose Electric DF13-20DP-1.25DSA Datasheet HTML 7Page - Hirose Electric DF13-20DP-1.25DSA Datasheet HTML 8Page - Hirose Electric DF13-20DP-1.25DSA Datasheet HTML 9Page - Hirose Electric DF13-20DP-1.25DSA Datasheet HTML 10Page - Hirose Electric DF13-20DP-1.25DSA Datasheet HTML 11Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
B192
BEmbossed Carrier Tape Dimensions
KDF13B-*P-1.25V With boss
KDF13C-*P-1.25V Without boss
KDF13-*P-1.25H
KDF13A-*P-1.25H
Product Type
Number of Contacts
A
B
C
D
DF13B-*P-1.25V
DF13C-*P-1.25V
DF13-*P-1.25H
DF13A-*P-1.25H
2, 3
4 to 90
10 to 14
15
16
24
32
44
–––––––
–––––––
28.4
40.4
7.5
11.5
14.2
20.2
16.4
24.4
32.4
44.4
Unit: mm
Note:The 13 contacts is not serialized.


Similar Part No. - DF13-20DP-1.25DSA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF13-20DS-1.25C HIROSE-DF13-20DS-1.25C Datasheet
363Kb / 12P
   1.25mm Pitch Miniature Crimping Connector (UL Listed)
More results

Similar Description - DF13-20DP-1.25DSA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF13C-3P-1.25V50 HIROSE-DF13C-3P-1.25V50 Datasheet
428Kb / 11P
   1.25mm Pitch Miniature Crimping Connector
DF13-3P-1.25V50 HIROSE-DF13-3P-1.25V50 Datasheet
661Kb / 12P
   1.25mm Pitch Miniature Crimping Connector
DF13 HIROSE-DF13 Datasheet
363Kb / 12P
   1.25mm Pitch Miniature Crimping Connector (UL Listed)
DF14-2S-1.25C HIROSE-DF14-2S-1.25C Datasheet
195Kb / 6P
   1.25mm Pitch Super Low profile Crimping Connector
DF14A-20P-1.25H55 HIROSE-DF14A-20P-1.25H55 Datasheet
273Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF14 HIROSE-DF14 Datasheet
299Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF14A-5P-1.25H56 HIROSE-DF14A-5P-1.25H56 Datasheet
273Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF1420P1.25H55 HIROSE-DF1420P1.25H55 Datasheet
273Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF14-2S-1.25C HIROSE-DF14-2S-1.25C_1 Datasheet
284Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
logo
YEONHO ELECTRONICS
12507TS YEONHO-12507TS Datasheet
216Kb / 1P
   1.25mm PITCH CONNECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com