Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YSOT24C Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # YSOT24C
Description  TVS DIODE ARRAY FOR LATCH-UP PROTECTION
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

YSOT24C Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  YSOT24C Datasheet HTML 1Page - Yea Shin Technology Co., Ltd YSOT24C Datasheet HTML 2Page - Yea Shin Technology Co., Ltd YSOT24C Datasheet HTML 3Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DATA SHEET
SEMICONDUCTOR
http://www.yeashin.com
1
REV.02 20131002
YSOTxxC
H
APPLICATIONS
◆ Portable Electronics
◆ Cellular Handsets and Accessories
◆ Industrial Controls
◆ Portable instrumentation
◆ Set-Top Box
◆ Peripherals
IEC COMPATIBILITY
◆ IEC61000-4-2 (ESD) ±30kV (air), ±30kV (contact) -- 3.0V~15V
◆ IEC61000-4-2 (ESD) ±15kV (air), ±8kV (contact) -- 24V~36V
◆ IEC61000-4-4 (EFT) 40A (5/50ηs)
◆ IEC61000-4-5 (Lightning) 5A (8/20µs)
FEATURES
◆ 400 Watts Peak Pulse Power per Line (tp=8/20µs)
◆ Protects two I/O lines
◆ Low clamping voltage
◆ Working voltages: 3.0V ~ 36V
◆ Low leakage current
MECHANICAL CHARACTERISTICS
◆ JEDEC SOT-23 Package
◆ Molding Compound Flammability Rating : UL 94V-O
◆ Weight 8 Millgrams (Approximate)
◆ Quantity Per Reel : 3,000pcs
◆ Reel Size : 7 inch
◆ Lead Finish : Lead Free
PIN CONFIGURATION
TVS DIODE ARRAY
FOR LATCH-UP PROTECTION
SOT-23


Similar Part No. - YSOT24C

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
YSOT24C YEASHIN-YSOT24C Datasheet
800Kb / 3P
   TVS DIODE ARRAY FOR LATCH-UP PROTECTION
YSOT24C YEASHIN-YSOT24C Datasheet
819Kb / 3P
   TVS DIODE ARRAY FOR LATCH-UP PROTECTION
YSOT24C YEASHIN-YSOT24C Datasheet
800Kb / 3P
   TVS DIODE ARRAY FOR LATCH-UP PROTECTION
YSOT24C YEASHIN-YSOT24C Datasheet
800Kb / 3P
   TVS DIODE ARRAY FOR LATCH-UP PROTECTION
More results

Similar Description - YSOT24C

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
ECTXXW5 E-CMOS-ECTXXW5 Datasheet
217Kb / 4P
   TVS Diode Array for Latch up Protection
logo
Yea Shin Technology Co....
YSOT12C YEASHIN-YSOT12C Datasheet
800Kb / 3P
   TVS DIODE ARRAY FOR LATCH-UP PROTECTION
YSOT15C YEASHIN-YSOT15C Datasheet
800Kb / 3P
   TVS DIODE ARRAY FOR LATCH-UP PROTECTION
YSOT05C-A YEASHIN-YSOT05C-A Datasheet
819Kb / 3P
   TVS DIODE ARRAY FOR LATCH-UP PROTECTION
YSOT05C YEASHIN-YSOT05C Datasheet
800Kb / 3P
   TVS DIODE ARRAY FOR LATCH-UP PROTECTION
logo
Shanghai Leiditech Elec...
TPD2E007DCKR LEIDITECH-TPD2E007DCKR Datasheet
334Kb / 3P
   BIDIRECTIONAL TVS DIODE ARRAY FOR LATCH-UP PROTECTION
Rev : 01.06.2014
logo
StarHope
TESD03G2U SPSEMI-TESD03G2U Datasheet
506Kb / 3P
   BIDIRECTIONAL TVS DIODE ARRAY FOR LATCH-UP PROTECTION
TESD03G2B SPSEMI-TESD03G2B Datasheet
459Kb / 3P
   BIDIRECTIONAL TVS DIODE ARRAY FOR LATCH-UP PROTECTION
logo
Shanghai Leiditech Elec...
SMC15Q LEIDITECH-SMC15Q Datasheet
608Kb / 3P
   BIDIRECTIONAL TVS DIODE ARRAY FOR LATCH-UP PROTECTION
ESD0503B LEIDITECH-ESD0503B Datasheet
730Kb / 4P
   TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com