Electronic Components Datasheet Search |
|
SPM3020T-1R5M-LR Datasheet(PDF) 3 Page - TDK Electronics |
|
SPM3020T-1R5M-LR Datasheet(HTML) 3 Page - TDK Electronics |
3 / 9 page (3/9) INDUC T O RS 20160411 / inductor_commercial_power_spm3020-lr_en.fm Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use. Please note that the contents may change without any prior notice due to reasons such as upgrading. Inductors for Power Circuits Wound Metal FEATURES Magnetic shield type wound inductor for power circuits using a metallic magnetic material. Low-profile product. Compared to ferrite wound type inductors, it is possible to achieve large current, low Rdc, and compactness. Low inductance variance in high-temperature environments with good DC superimposition characteristics. Metallic magnetic material is used, and the structure has an integrated molded coil, so hum noise is lower than with core adhesive coils. APPLICATION Tablet terminals, note PCs, HDDs, servers, VRMs, compact power supply modules, other PART NUMBER CONSTRUCTION OPERATING TEMPERATURE RANGE, PACKAGE QUANTITY, PRODUCT WEIGHT Operating temperature range includes self-temperature rise. The Storage temperature range is for after the circuit board is mounted. Product compatible with RoHS directive Halogen-free Compatible with lead-free solders Overview of SPM3020-LR Type SPM 3020 T - R47 M - LR Series name L×W×H Dimensions Packaging style Inductance Inductance tolerance Internal code (mm max.) (μH) 3020 3.2×3.0×2.0 T Taping R47 0.47 M ±20% 1R5 1.5 2R2 2.2 Type Temperature range Package quantity Individual weight Operating temperature (°C) Storage temperature (°C) (pieces/reel) (g) SPM3020-LR –40 to +125 –40 to +125 2000 0.0858 RoHS Directive Compliant Product: See the following for more details related to RoHS Directive compliant products. http://product.tdk.com/en/environment/rohs/ Halogen-free: Indicates that Cl content is less than 900ppm, Br content is less than 900ppm, and that the total Cl and Br content is less than 1500ppm. |
Similar Part No. - SPM3020T-1R5M-LR |
|
Similar Description - SPM3020T-1R5M-LR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |