Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH690AT Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SFH690AT
Description  Optocoupler, Phototransistor Output, SOP-4, Mini-Flat Package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH690AT Datasheet(HTML) 5 Page - Vishay Siliconix

  SFH690AT Datasheet HTML 1Page - Vishay Siliconix SFH690AT Datasheet HTML 2Page - Vishay Siliconix SFH690AT Datasheet HTML 3Page - Vishay Siliconix SFH690AT Datasheet HTML 4Page - Vishay Siliconix SFH690AT Datasheet HTML 5Page - Vishay Siliconix SFH690AT Datasheet HTML 6Page - Vishay Siliconix SFH690AT Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SFH690ABT/ AT/ BT/ CT
Document Number 83686
Rev. 1.5, 20-Apr-04
Vishay Semiconductors
www.vishay.com
5
Figure 6. Collector Current vs. Collector-Emitter Saturation
Voltage
Figure 7. Normalized Output Current vs. Ambient Temperature
Figure 8. Normalized Output Current vs. Ambient Temperature
isfh690at_05
Collector-Emitter Saturation Voltage, VCE (sat) (V)
100.000
10.000
1.000
0.100
0.010
0.001
0.0
0.2
0.4
0.6
0.8
1.0
IF =25mA
IF =10mA
IF = 5.0 mA
IF = 2.0 mA
IF = 1.0 mA
isfh690at_06
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
Ambient Temperature, TA (°C)
–60
–40
–20
0
20
40
60
80
100
Normalized to 1.0 at TA =25°C
IF = 1.0 mA, VCE = 5.0 V
isfh690at_07
1.2
1.0
0.8
0.6
0.4
0.2
0.0
Ambient Temperature, TA (°C)
–60
–40
–20
0
20
40
60
80
100
Normalized to 1.0 at TA =25°C
IF = 5.0 mA, VCE = 5.0 V
Figure 9. Current Transfer Ratio vs. Forward Current
Figure 10. Switching Time vs. Load Resistance
Figure 11. Switching Time vs. Load Resistance
isfh690at_08
Forward Current, IF (mA)
300
250
200
150
100
50
0
0.1
1.0
10.0
50 100.0
VCE=5.0 V
Typical for
CTR=250%
Typical for
CTR=150%
isfh690at_09
Load Resistance, RL (Ω)
100.0
10.0
1.0
0.1
0
500
1000
1500
2000
t on
t off
td
ts
VCC = 5.0 V
IC =2.0 mA
isfh690at_10
Load Resistance, RL (Ω)
1000
100
10
1
0
100
1000
10000
100000
IF = 5.0 mA
VCC = 5.0 V
CTR = 150%
t r
td
t s
tf


Similar Part No. - SFH690AT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH690AT VISHAY-SFH690AT Datasheet
129Kb / 7P
   Optocoupler Phototransistor Output, SOP-4, 100 mil Pitch, Mini-Flat Package
Rev. 2.5, 23-May-13
SFH690AT VISHAY-SFH690AT Datasheet
135Kb / 8P
   Optocoupler Phototransistor Output, SOP-4, 100 mil Pitch, Mini-Flat Package
Rev. 2.6, 17-Nov-15
SFH690AT VISHAY-SFH690AT Datasheet
132Kb / 8P
   Optocoupler Phototransistor Output, SOP-4, 100 mil Pitch, Mini-Flat Package
01-Jan-2022
logo
Infineon Technologies A...
SFH690AT INFINEON-SFH690AT Datasheet
405Kb / 4P
   Phototransistor Optocoupler Miniflat SOP Package
February 29, 2000-11
logo
Vishay Siliconix
SFH690AT3 VISHAY-SFH690AT3 Datasheet
132Kb / 8P
   Optocoupler Phototransistor Output, SOP-4, 100 mil Pitch, Mini-Flat Package
01-Jan-2022
More results

Similar Description - SFH690AT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH691AT VISHAY-SFH691AT_08 Datasheet
97Kb / 5P
   Optocoupler, Phototransistor Output, SOP-4, AC Input, Mini-Flat Package
Rev. 1.7, 16-May-08
SFH691AT VISHAY-SFH691AT Datasheet
117Kb / 6P
   Optocoupler, Phototransistor Output, SOP-4, AC Input, Mini-Flat Package
Rev. 1.6, 26-Oct-04
SFH691AT VISHAY-SFH691AT_V02 Datasheet
97Kb / 5P
   Optocoupler, Phototransistor Output, SOP-4, AC Input, Mini-Flat Package
01-Jan-2023
TCLT1000 VISHAY-TCLT1000_07 Datasheet
129Kb / 9P
   Optocoupler,Phototransistor Output, SOP-4L,Long Mini-Flat Package
Rev. 2.2, 21-Nov-07
TCLT100 VISHAY-TCLT100 Datasheet
130Kb / 6P
   Optocoupler, Phototransistor Output, SOP-4L, Long Mini-Flat Package
Rev. 2.4, 29-Apr-11
TCLT100 VISHAY-TCLT100_V02 Datasheet
169Kb / 9P
   Optocoupler, Phototransistor Output, SOP-4L, Long Mini-Flat Package
01-Jan-2023
SFH690DT VISHAY-SFH690DT Datasheet
129Kb / 7P
   Optocoupler Phototransistor Output, SOP-4, 100 mil Pitch, Mini-Flat Package
Rev. 2.5, 23-May-13
VOMA618A VISHAY-VOMA618A_V01 Datasheet
235Kb / 10P
   Optocoupler, Phototransistor Output, Low Input Current, SOP-4, Mini-Flat Package
01-Jan-2023
VOMA617A VISHAY-VOMA617A_V01 Datasheet
226Kb / 10P
   Optocoupler, Phototransistor Output, Low Input Current, SOP-4, Mini-Flat Package
01-Jan-2022
SFH690D VISHAY-SFH690D_V01 Datasheet
132Kb / 8P
   Optocoupler Phototransistor Output, SOP-4, 100 mil Pitch, Mini-Flat Package
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com