Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

124-93-952-41-002 Datasheet(PDF) 1 Page - Precid-Dip Durtal SA

Part # 124-93-952-41-002
Description  Dual-in-line sockets Open frame Wire-wrap 1 / 2 / 3 / 4 level
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREDIP [Precid-Dip Durtal SA]
Direct Link  http://www.precidip.com
Logo PREDIP - Precid-Dip Durtal SA

124-93-952-41-002 Datasheet(HTML) 1 Page - Precid-Dip Durtal SA

  124-93-952-41-002 Datasheet HTML 1Page - Precid-Dip Durtal SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
62
Series 121 / 122 / 123 / 124
Dual-in-line sockets
Open frame
Wire-wrap 1 / 2 / 3 / 4 level
Solderless wire-wrap ter-
minals are firmly locked in
the insulator body to
withstand torque of
wrapping tool
Length of terminal for
one-level wrapping
two-level wrapping
three-level wrapping
four-level wrapping
Insertion characteristics:
4-finger standard
Platings
Sleeve
Clip
Pin
13
0.25
µm Au
0.75
µm Au
91
5
µm Sn Pb
0.25
µm Au
93
5
µm Sn Pb
0.75
µm Au
99
5
µm Sn Pb
5
µm Sn Pb
Ordering information
For standard versions see table (order codes)
Platings available:
Series 121: 93
122: 13, 91, 93, 99
123: 13, 91, 93, 99
124: 93
Replace xx with required plating code
10
121-93-210-41-001
122-xx-210-41-001
123-xx-210-41-001
124-93-210-41-002
Fig. 1
12.6
5.08
7.6
4
121-93-304-41-001
122-xx-304-41-001
123-xx-304-41-001
124-93-304-41-002
Fig. 2
5.0
7.62 10.1
6
121-93-306-41-001
122-xx-306-41-001
123-xx-306-41-001
124-93-306-41-002
Fig. 3
7.6
7.62 10.1
8
121-93-308-41-001
122-xx-308-41-001
123-xx-308-41-001
124-93-308-41-002
Fig. 4
10.1
7.62 10.1
10
121-93-310-41-001
122-xx-310-41-001
123-xx-310-41-001
124-93-310-41-002
Fig. 5
12.6
7.62 10.1
12
121-93-312-41-001
122-xx-312-41-001
123-xx-312-41-001
124-93-312-41-002
aFig. 5a
15.2
7.62 10.1
14
121-93-314-41-001
122-xx-314-41-001
123-xx-314-41-001
124-93-314-41-002
Fig. 6
17.7
7.62 10.1
16
121-93-316-41-001
122-xx-316-41-001
123-xx-316-41-001
124-93-316-41-002
Fig. 7
20.3
7.62 10.1
18
121-93-318-41-001
122-xx-318-41-001
123-xx-318-41-001
124-93-318-41-002
Fig. 8
22.8
7.62 10.1
20
121-93-320-41-001
122-xx-320-41-001
123-xx-320-41-001
124-93-320-41-002
Fig. 9
25.3
7.62 10.1
22
121-93-322-41-001
122-xx-322-41-001
123-xx-322-41-001
124-93-322-41-002
Fig. 10
27.8
7.62 10.1
24
121-93-324-41-001
122-xx-324-41-001
123-xx-324-41-001
124-93-324-41-002
Fig. 11
30.4
7.62 10.1
28
121-93-328-41-001
122-xx-328-41-001
123-xx-328-41-001
124-93-328-41-002
Fig. 12
35.5
7.62 10.1
20
121-93-420-41-001
122-xx-420-41-001
123-xx-420-41-001
124-93-420-41-002
aFig. 12a
25.3 10.16 12.6
22
121-93-422-41-001
122-xx-422-41-001
123-xx-422-41-001
124-93-422-41-002
Fig. 13
27.8 10.16 12.6
24
121-93-424-41-001
122-xx-424-41-001
123-xx-424-41-001
124-93-424-41-002
Fig. 14
30.4 10.16 12.6
28
121-93-428-41-001
122-xx-428-41-001
123-xx-428-41-001
124-93-428-41-002
Fig. 15
35.5 10.16 12.6
32
121-93-432-41-001
122-xx-432-41-001
123-xx-432-41-001
124-93-432-41-002
Fig. 16
40.6 10.16 12.6
10
121-93-610-41-001
122-xx-610-41-001
123-xx-610-41-001
124-93-610-41-001
aFig. 16a
12.6 15.24 17.7
24
121-93-624-41-001
122-xx-624-41-001
123-xx-624-41-001
124-93-624-41-002
Fig. 17
30.4 15.24 17.7
28
121-93-628-41-001
122-xx-628-41-001
123-xx-628-41-001
124-93-628-41-002
Fig. 18
35.5 15.24 17.7
32
121-93-632-41-001
122-xx-632-41-001
123-xx-632-41-001
124-93-632-41-002
Fig. 19
40.6 15.24 17.7
36
121-93-636-41-001
122-xx-636-41-001
123-xx-636-41-001
124-93-636-41-002
Fig. 20
45.7 15.24 17.7
40
121-93-640-41-001
122-xx-640-41-001
123-xx-640-41-001
124-93-640-41-002
Fig. 21
50.6 15.24 17.7
42
121-93-642-41-001
122-xx-642-41-001
123-xx-642-41-001
124-93-642-41-002
Fig. 22
53.2 15.24 17.7
48
121-93-648-41-001
122-xx-648-41-001
123-xx-648-41-001
124-93-648-41-002
Fig. 23
60.9 15.24 17.7
50
121-93-650-41-001
122-xx-650-41-001
123-xx-650-41-001
124-93-650-41-002
Fig. 24
63.4 15.24 17.7
52
121-93-652-41-001
122-xx-652-41-001
123-xx-652-41-001
124-93-652-41-002
Fig. 25
65.9 15.24 17.7
50
121-93-950-41-001
122-xx-950-41-001
123-xx-950-41-001
124-93-950-41-002
Fig. 26
63.4 22.86 25.3
52
121-93-952-41-001
122-xx-952-41-001
123-xx-952-41-001
124-93-952-41-002
Fig. 27
65.9 22.86 25.3
64
121-93-964-41-001
122-xx-964-41-001
123-xx-964-41-001
124-93-964-41-002
Fig. 28
81.1 22.86 25.3
No.
Order Codes
Insulator
of
dimen-
poles
Plating: see ordering information
sions
WW-1 level
WW-2 levels
WW-3 levels
WW-4 levels
See
ABC
L = 6.6 mm
L = 9.40 mm
L = 12.95 mm
L = 16 mm
page 50
B
B
B
Products not available from stock. Please consult PRECI-DIP.
B


Similar Part No. - 124-93-952-41-002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
124-902 ETC2-124-902 Datasheet
397Kb / 3P
   R E L AYS AND CONTAC TOR S
124-903 ETC2-124-903 Datasheet
397Kb / 3P
   R E L AYS AND CONTAC TOR S
124-904 ETC2-124-904 Datasheet
397Kb / 3P
   R E L AYS AND CONTAC TOR S
124-906 ETC2-124-906 Datasheet
397Kb / 3P
   R E L AYS AND CONTAC TOR S
124-907 ETC2-124-907 Datasheet
397Kb / 3P
   R E L AYS AND CONTAC TOR S
More results

Similar Description - 124-93-952-41-002

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
126-93-210-41-001 PREDIP-126-93-210-41-001 Datasheet
35Kb / 1P
   Dual-in-line sockets Open frame Wire-wrap posts with solder tails
110-93-628-41-001 PREDIP-110-93-628-41-001 Datasheet
40Kb / 1P
   Dual-in-line sockets Open frame Solder tail
logo
Mill-Max Mfg. Corp.
110-13-308-41-001000 MILL-MAX-110-13-308-41-001000 Datasheet
137Kb / 1P
   DUAL-IN-LINE SOCKETS Standard Solder Tail Open Frame
logo
Precid-Dip Durtal SA
116-93-210-41-006 PREDIP-116-93-210-41-006 Datasheet
42Kb / 1P
   Dual-in-line sockets interconnect Open frame Solder tail
110-91-210-41-105 PREDIP-110-91-210-41-105 Datasheet
36Kb / 1P
   Dual-in-line sockets and headers Open frame / surface mount
110-91-306-41-605 PREDIP-110-91-306-41-605 Datasheet
37Kb / 1P
   Dual-in-line sockets automatic insertion Open frame Solder tail
110-91-210-41-005 PREDIP-110-91-210-41-005 Datasheet
39Kb / 1P
   Dual-in-line sockets automatic insertion Open frame Solder tail
110-93-308-41-801 PREDIP-110-93-308-41-801 Datasheet
44Kb / 1P
   Dual-in-line sockets with capacitor Open frame Solder tail
111-91-210-41-001 PREDIP-111-91-210-41-001 Datasheet
40Kb / 1P
   Dual-in-line sockets for multilayer PCB Open frame Solder tail
146-91-306-41-036 PREDIP-146-91-306-41-036 Datasheet
38Kb / 1P
   Dual-in-line sockets Open frame Press-fit with compliant pins
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com