Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

999-11-110-10 Datasheet(PDF) 1 Page - Precid-Dip Durtal SA

Part # 999-11-110-10
Description  Jumpers Male or female
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREDIP [Precid-Dip Durtal SA]
Direct Link  http://www.precidip.com
Logo PREDIP - Precid-Dip Durtal SA

999-11-110-10 Datasheet(HTML) 1 Page - Precid-Dip Durtal SA

  999-11-110-10 Datasheet HTML 1Page - Precid-Dip Durtal SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
77
Series 999
Jumpers
Male or female
Series 999 jumpers are available
With insulators in various colors for
easier identification
Male version will fit standard receptacles; female version with
open or closed body fits square pin headers
Ordering information
Replace xx with required plating code
Applies to jumpers for square pin headers only
Option:
Wire dia 0.50 mm instead of 0.56 mm. Change second group of figu-
res into 51. Example: 999-11-113-10 becomes 999-51-113-10. (Ap-
plies only to jumpers for receptacle connectors without insulator)
Platings:
0.25
µm Au
5
µm Sn Pb
999-11-110-10
999-11-110-90
999-11-210-10
999-11-210-90
999-11-210-11
999-11-210-91
Jumpers for receptacle connec-
tors. B = 2.54 mm
Insulator:
none
black
red
Platings:
0.25
µm Au
5
µm Sn Pb
999-11-112-10
999-11-112-90
999-11-220-10
999-11-220-90
999-11-220-11
999-11-220-91
Jumpers for receptacle connec-
tors. B = 5.08 mm
Insulator:
none
black
red
Platings:
0.25
µm Au
5
µm Sn Pb
999-11-113-10
999-11-113-90
999-11-230-10
999-11-230-90
999-11-230-11
999-11-230-91
Jumpers for receptacle connec-
tors. B = 7.62 mm
Insulator:
none
black
red
Body style
Open body
Closed body
999-xx-310-00
999-xx-210-00
999-xx-310-02
999-xx-210-02
999-xx-310-06
999-xx-210-06
Female jumpers for 2.54 mm
square pin headers:
black
red
blue
Platings
Sleeve
Clip
Pin
19
0.25
µm Au*
39
0.75
µm Au*
90
5
µm Sn Pb
* selective
Products not available from stock. Please consult PRECI-DIP.
B


Similar Part No. - 999-11-110-10

ManufacturerPart #DatasheetDescription
logo
Littelfuse
999 LITTELFUSE-999 Datasheet
54Kb / 1P
   Blade Terminal & Special Purpose Fuses - Low Voltage
logo
NXP Semiconductors
999 PHILIPS-999 Datasheet
112Kb / 12P
   Octal latched transceiver with dual enable 3-State
1998 Sep 24
logo
Belden Inc.
9990 BELDEN-9990 Datasheet
159Kb / 2P
   Audio, Control & Instrument, #24-3pr, PO, Indiv. Foil, PVC Jkt, CM
01-20-2023
9990.0601000 BELDEN-9990.0601000 Datasheet
159Kb / 2P
   Audio, Control & Instrument, #24-3pr, PO, Indiv. Foil, PVC Jkt, CM
01-20-2023
9990.060500 BELDEN-9990.060500 Datasheet
159Kb / 2P
   Audio, Control & Instrument, #24-3pr, PO, Indiv. Foil, PVC Jkt, CM
01-20-2023
More results

Similar Description - 999-11-110-10

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
110-87-320-41-005101 PREDIP-110-87-320-41-005101 Datasheet
4Mb / 29P
   MaLE JumpERS
logo
WECO ELECTRICAL CONNECT...
307-V WECO-307-V Datasheet
81Kb / 1P
   Jumpers Accessories
04.18
logo
Molex Electronics Ltd.
1300390386 MOLEX-1300390386 Datasheet
30Kb / 1P
   Micro-Change Terminator, Female with Jumpers, 5 Pole
09/01/2022
logo
Samtec, Inc
SNT-100-BK-H SAMTEC-SNT-100-BK-H Datasheet
655Kb / 1P
   SHUNTS JUMPERS
logo
Aries Electronics, Inc.
10-002-101T ARIES-10-002-101T Datasheet
181Kb / 1P
   DIP Jumpers
logo
KOA Speer Electronics, ...
Z16CT52A KOA-Z16CT52A Datasheet
223Kb / 2P
   zero ohm jumpers
logo
Aries Electronics, Inc.
0517 ARIES-0517 Datasheet
656Kb / 1P
   Mount components, jumpers
logo
Omron Electronics LLC
XJ8 OMRON-XJ8 Datasheet
745Kb / 6P
   Header Plugs / Jumpers
logo
KOA Speer Electronics, ...
Z16CT26A KOA-Z16CT26A Datasheet
89Kb / 2P
   zero ohm jumpers
logo
Tyco Electronics
FSK-21A-18 MACOM-FSK-21A-18 Datasheet
88Kb / 1P
   FLEXSTRIP 짰 Jumpers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com