Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLG0603P68NJT000 Datasheet(PDF) 11 Page - TDK Electronics

Part # MLG0603P68NJT000
Description  Inductors for High Frequency Circuits Multilayer Ceramic
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLG0603P68NJT000 Datasheet(HTML) 11 Page - TDK Electronics

Back Button MLG0603P68NJT000 Datasheet HTML 7Page - TDK Electronics MLG0603P68NJT000 Datasheet HTML 8Page - TDK Electronics MLG0603P68NJT000 Datasheet HTML 9Page - TDK Electronics MLG0603P68NJT000 Datasheet HTML 10Page - TDK Electronics MLG0603P68NJT000 Datasheet HTML 11Page - TDK Electronics MLG0603P68NJT000 Datasheet HTML 12Page - TDK Electronics MLG0603P68NJT000 Datasheet HTML 13Page - TDK Electronics MLG0603P68NJT000 Datasheet HTML 14Page - TDK Electronics MLG0603P68NJT000 Datasheet HTML 15Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
(11/17)
INDUC
T
O
RS
20150216 / inductor_commercial_high-frequency_mlg0603p_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MLG0603P Type
ELECTRICAL CHARACTERISTICS
L, Q FREQUENCY CHARACTERISTICS TABLE
Please contact us for information on inductance tolerance, G (±2%).
○ Measurement equipment
* Equivalent measurement equipment may be used.
L(nH)typ.
Q typ.
Part No.
500MHz
800MHz
1.8GHz
2.0GHz
2.4GHz
500MHz
800MHz
1.8GHz
2.0GHz
2.4GHz
0.6
0.6
0.6
0.6
0.6
16min.
22min.
35min.
37min.
41min.
MLG0603P0N6BT000
0.6
0.6
0.6
0.6
0.6
16min.
22min.
35min.
37min.
41min.
MLG0603P0N6CT000
0.7
0.7
0.7
0.7
0.7
16min.
22min.
35min.
37min.
41min.
MLG0603P0N7BT000
0.7
0.7
0.7
0.7
0.7
16min.
22min.
35min.
37min.
41min.
MLG0603P0N7CT000
0.8
0.8
0.8
0.8
0.4
16
22
35
37
41
MLG0603P0N8BT000
0.8
0.8
0.8
0.8
0.4
16
22
35
37
41
MLG0603P0N8CT000
0.9
0.9
0.9
0.9
0.9
17
22
35
37
41
MLG0603P0N9BT000
0.9
0.9
0.9
0.9
0.9
17
22
35
37
41
MLG0603P0N9CT000
1.0
1.0
1.0
1.0
1.0
16
21
33
36
40
MLG0603P1N0BT000
1.0
1.0
1.0
1.0
1.0
16
21
33
36
40
MLG0603P1N0CT000
1.0
1.0
1.0
1.0
1.0
16
21
33
36
40
MLG0603P1N0ST000
1.1
1.1
1.1
1.1
1.1
17
23
36
38
43
MLG0603P1N1BT000
1.1
1.1
1.1
1.1
1.1
17
23
36
38
43
MLG0603P1N1CT000
1.1
1.1
1.1
1.1
1.1
17
23
36
38
43
MLG0603P1N1ST000
1.2
1.2
1.2
1.2
1.2
18
24
38
40
45
MLG0603P1N2BT000
1.2
1.2
1.2
1.2
1.2
18
24
38
40
45
MLG0603P1N2CT000
1.2
1.2
1.2
1.2
1.2
18
24
38
40
45
MLG0603P1N2ST000
1.3
1.3
1.3
1.3
1.3
17
22
34
36
40
MLG0603P1N3BT000
1.3
1.3
1.3
1.3
1.3
17
22
34
36
40
MLG0603P1N3CT000
1.3
1.3
1.3
1.3
1.3
17
22
34
36
40
MLG0603P1N3ST000
1.4
1.4
1.4
1.4
1.4
18
23
36
39
43
MLG0603P1N4BT000
1.4
1.4
1.4
1.4
1.4
18
23
36
39
43
MLG0603P1N4CT000
1.4
1.4
1.4
1.4
1.4
18
23
36
39
43
MLG0603P1N4ST000
1.5
1.5
1.5
1.5
1.5
17
22
33
35
39
MLG0603P1N5BT000
1.5
1.5
1.5
1.5
1.5
17
22
33
35
39
MLG0603P1N5CT000
1.5
1.5
1.5
1.5
1.5
17
22
33
35
39
MLG0603P1N5ST000
1.6
1.6
1.6
1.6
1.6
17
22
33
35
38
MLG0603P1N6BT000
1.6
1.6
1.6
1.6
1.6
17
22
33
35
38
MLG0603P1N6CT000
1.6
1.6
1.6
1.6
1.6
17
22
33
35
38
MLG0603P1N6ST000
1.7
1.7
1.7
1.7
1.7
17
22
33
35
39
MLG0603P1N7BT000
1.7
1.7
1.7
1.7
1.7
17
22
33
35
39
MLG0603P1N7CT000
1.7
1.7
1.7
1.7
1.7
17
22
33
35
39
MLG0603P1N7ST000
1.8
1.8
1.8
1.8
1.8
17
22
34
35
39
MLG0603P1N8BT000
1.8
1.8
1.8
1.8
1.8
17
22
34
35
39
MLG0603P1N8CT000
1.8
1.8
1.8
1.8
1.8
17
22
34
35
39
MLG0603P1N8ST000
1.9
1.9
1.9
1.9
1.9
18
24
36
38
42
MLG0603P1N9BT000
1.9
1.9
1.9
1.9
1.9
18
24
36
38
42
MLG0603P1N9CT000
1.9
1.9
1.9
1.9
1.9
18
24
36
38
42
MLG0603P1N9ST000
2.0
2
2.0
2.0
2.0
19
23
35
37
41
MLG0603P2N0BT000
2.0
2
2.0
2.0
2.0
19
23
35
37
41
MLG0603P2N0CT000
2.0
2
2.0
2.0
2.0
19
23
35
37
41
MLG0603P2N0ST000
2.1
2.1
2.1
2.1
2.1
18
23
34
36
39
MLG0603P2N1BT000
2.1
2.1
2.1
2.1
2.1
18
23
34
36
39
MLG0603P2N1CT000
2.1
2.1
2.1
2.1
2.1
18
23
34
36
39
MLG0603P2N1ST000
2.2
2.2
2.2
2.2
2.3
18
23
35
36
40
MLG0603P2N2BT000
2.2
2.2
2.2
2.2
2.3
18
23
35
36
40
MLG0603P2N2CT000
2.2
2.2
2.2
2.2
2.3
18
23
35
36
40
MLG0603P2N2ST000
2.3
2.3
2.3
2.4
2.4
18
22
33
35
38
MLG0603P2N3BT000
2.3
2.3
2.3
2.4
2.4
18
22
33
35
38
MLG0603P2N3CT000
2.3
2.3
2.3
2.4
2.4
18
22
33
35
38
MLG0603P2N3ST000
Product No.
Manufacturer
4291B+16197A
Agilent Technologies


Similar Part No. - MLG0603P68NJT000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLG0603P68NJT000 TDK-MLG0603P68NJT000 Datasheet
249Kb / 17P
   High Q type inductor for high-frequency circuits
MLG0603P68NJT000 TDK-MLG0603P68NJT000 Datasheet
130Kb / 3P
   Inductors (Coils)
MLG0603P68NJT000 TDK-MLG0603P68NJT000_17 Datasheet
130Kb / 3P
   Inductors (Coils)
More results

Similar Description - MLG0603P68NJT000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MHQ0402P0N2BT000 TDK-MHQ0402P0N2BT000 Datasheet
189Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ1005P15NGTD25 TDK-MHQ1005P15NGTD25 Datasheet
208Kb / 20P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLK0603L10NJT000 TDK-MLK0603L10NJT000 Datasheet
119Kb / 10P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ0402P0N7CT000 TDK-MHQ0402P0N7CT000 Datasheet
189Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ0603P0N6BT000 TDK-MHQ0603P0N6BT000 Datasheet
175Kb / 16P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ1005P0N7BT000 TDK-MHQ1005P0N7BT000 Datasheet
208Kb / 20P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603S43NJTD25 TDK-MLG0603S43NJTD25 Datasheet
155Kb / 15P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG1005S0N3BT000 TDK-MLG1005S0N3BT000 Datasheet
239Kb / 16P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603S TDK-MLG0603S_13 Datasheet
3Mb / 24P
   Inductors for High Frequency Multilayer Ceramic
MHQ-P TDK-MHQ-P Datasheet
158Kb / 17P
   Inductors for High Frequency Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com