Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS6K60 Datasheet(PDF) 1 Page - Taiwan Memory Technology

Part # TS6K60
Description  6A, 400V - 800V Glass Passivated Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

TS6K60 Datasheet(HTML) 1 Page - Taiwan Memory Technology

  TS6K60 Datasheet HTML 1Page - Taiwan Memory Technology TS6K60 Datasheet HTML 2Page - Taiwan Memory Technology TS6K60 Datasheet HTML 3Page - Taiwan Memory Technology TS6K60 Datasheet HTML 4Page - Taiwan Memory Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TS6K40 - TS6K80
CREAT BY ART
- Glass passivated junction
- Ideal for printed circuit board
- Typical IR less than 0.1μA
- High surge current capability
- UL Recognized File # E-326243
- Halogen-free according to IEC 61249-2-21
Molding compound, UL flammability classification rating 94V-0
Part no. with suffix "H" means AEC-Q101 qualified
Packing code with suffix "G" means green compound (halogen-free)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 2 whisker test
SYMBOL
Unit
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
I
2tA2s
RθJC
°C/W
TJ
°C
TSTG
°C
Document Number: DS_D1312022
Version: E15
TS4K
MECHANICAL DATA
Case:
TS4K
Polarity:
Polarity as marked on the body
Taiwan Semiconductor
6A, 400V - 800V Glass Passivated Bridge Rectifiers
FEATURES
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
Mounting torque:
8.17 in-lbs maximum
Weight:
4 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
PARAMETER
TS6K40
TS6K60
TS6K80
Maximum repetitive peak reverse voltage
400
600
800
Maximum RMS voltage
280
420
560
Maximum DC blocking voltage
400
600
800
Maximum average forward rectified current
6
Maximum reverse current @ rated VR
TJ=25°C
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
150
A
Rating for fusing (t<8.3ms)
93
- 55 to +150
VF
1.0
1.1
V
IR
5
500
μA
TJ=125°C
Maximum instantaneous forward voltage
(Note 1)
IF=3A
IF=6A
Note 1: Pulse test with PW=300μs, 1% duty cycle
Typical thermal resistance
3
Operating junction temperature range
- 55 to +150
Storage temperature range
+
~
~ –


Similar Part No. - TS6K60

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS6K60 TSC-TS6K60 Datasheet
212Kb / 2P
   Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
TS6K60 TSC-TS6K60 Datasheet
210Kb / 4P
   Glass Passivated Bridge Rectifiers
TS6K60-T TSC-TS6K60-T Datasheet
455Kb / 5P
   6A, 400V - 800V Glass Passivated Bridge Rectifier
More results

Similar Description - TS6K60

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS6K40-T TSC-TS6K40-T Datasheet
455Kb / 5P
   6A, 400V - 800V Glass Passivated Bridge Rectifier
TS4K40 TSC-TS4K40_16 Datasheet
203Kb / 4P
   4A, 400V - 800V Glass Passivated Bridge Rectifiers
GBU604-K TSC-GBU604-K_16 Datasheet
183Kb / 4P
   6A, 400V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
GBU604-K TSC-GBU604-K Datasheet
183Kb / 4P
   6A, 400V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
TS4K40-A TSC-TS4K40-A Datasheet
462Kb / 5P
   4A, 400V - 800V Glass Passivated Bridge Rectifier
TS10K40-A TSC-TS10K40-A Datasheet
456Kb / 5P
   10A, 400V - 800V Glass Passivated Bridge Rectifier
DBLS204G-T TSC-DBLS204G-T Datasheet
296Kb / 4P
   2A, 400V - 1000V Glass Passivated Bridge Rectifiers
DBLS204G-T TSC-DBLS204G-T_16 Datasheet
296Kb / 4P
   2A, 400V - 1000V Glass Passivated Bridge Rectifiers
TS15P04G-K TSC-TS15P04G-K_16 Datasheet
204Kb / 4P
   15A, 400V - 1000V Glass Passivated Bridge Rectifiers
DBL154G-T TSC-DBL154G-T Datasheet
348Kb / 4P
   1.5A, 400V - 1000V Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com