Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3A Datasheet(PDF) 4 Page - Taiwan Memory Technology

Part # S3A
Description  3A, 50V - 1000V Surface Mount Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

S3A Datasheet(HTML) 4 Page - Taiwan Memory Technology

  S3A Datasheet HTML 1Page - Taiwan Memory Technology S3A Datasheet HTML 2Page - Taiwan Memory Technology S3A Datasheet HTML 3Page - Taiwan Memory Technology S3A Datasheet HTML 4Page - Taiwan Memory Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CREAT BY ART
assumes no responsibility or liability for any errors or inaccuracies.
Information contained herein is intended to provide a product description only. No license, express or implied, to
any intellectual property rights is granted by this document. Except as provided in TSC's terms and conditions of
sale for such products, TSC assumes no liability whatsoever, and disclaims any express or implied warranty,
relating to sale and/or use of TSC products including liability or warranties relating to fitness for a particular purpose,
merchantability, or infringement of any patent, copyright, or other intellectual property right.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications.
Customers using or selling these products for use in such applications do so at their own risk and agree to fully
indemnify TSC for any damages resulting from such improper use or sale.
Document Number: DS_D1410016
Version: K15
S3A - S3M
Taiwan Semiconductor
Notice
Specifications of the products displayed herein are subject to change without notice. TSC or anyone on its behalf,


Similar Part No. - S3A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S3A PANJIT-S3A Datasheet
415Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE- 50-100 Volts CURRENT- 3.0 Ampere)
logo
GUANGDONG HOTTECH INDUS...
S3A HOTTECH-S3A Datasheet
231Kb / 2P
   Plastic-Encapsulate Diodes
logo
CHENG-YI ELECTRONIC CO....
S3A CHENG-YI-S3A Datasheet
119Kb / 2P
   SURFACE MOUNT RECTIFIER
logo
Diotec Semiconductor
S3A DIOTEC-S3A Datasheet
166Kb / 2P
   Surface Mount Si-Rectifiers
logo
DACO SEMICONDUCTOR CO.,...
S3A DACO-S3A Datasheet
521Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
More results

Similar Description - S3A

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
S3AB TMT-S3AB_16 Datasheet
359Kb / 4P
   3A, 50V - 1000V Surface Mount Rectifiers
logo
Taiwan Semiconductor Co...
S3ABH TSC-S3ABH Datasheet
553Kb / 6P
   3A, 50V - 1000V Surface Mount Rectifier
S3AH TSC-S3AH Datasheet
577Kb / 6P
   3A, 50V - 1000V Surface Mount Rectifier
logo
T&S Brass. All Rights R...
S3ABH TS-S3ABH Datasheet
553Kb / 6P
   3A, 50V - 1000V Surface Mount Rectifier
S3AH TS-S3AH Datasheet
577Kb / 6P
   3A, 50V - 1000V Surface Mount Rectifier
logo
Taiwan Semiconductor Co...
S3A-T TSC-S3A-T Datasheet
304Kb / 5P
   3A, 50V - 1000V Surface Mount Rectifier
logo
Taiwan Memory Technolog...
1N5400 TMT-1N5400_16 Datasheet
173Kb / 4P
   3A, 50V - 1000V Silicon Rectifiers
S4A TMT-S4A_16 Datasheet
359Kb / 4P
   4A, 50V - 1000V Surface Mount Rectifiers
S2AA TMT-S2AA_16 Datasheet
365Kb / 4P
   2A, 50V - 1000V Surface Mount Rectifiers
S5A TMT-S5A_16 Datasheet
359Kb / 4P
   5A, 50V - 1000V Surface Mount Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com