Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CG2 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CG2
Description  Standard Sinterglass Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CG2 Datasheet(HTML) 1 Page - Vishay Siliconix

  CG2 Datasheet HTML 1Page - Vishay Siliconix CG2 Datasheet HTML 2Page - Vishay Siliconix CG2 Datasheet HTML 3Page - Vishay Siliconix CG2 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
VISHAY
CG2 / DG2
Document Number 86082
Rev. 1.3, 11-Aug-04
Vishay Semiconductors
www.vishay.com
1
17031
Standard Sinterglass Diode
Features
• Specially designed for clamping circuits, horizon-
tal deflection systems and damper applications
• High temperature metallurgically bonded con-
struction
• Cavity-free glass passivated junction
• 2.0 ampere operation at Tamb = 50 °C with no ther-
mal runaway
• Hermetically sealed package
Mechanical Data
Case: DO-204AP Sintered glass case
Terminals: Solder plated axial leads, solderable per
MILSTD- 750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: approx. 560 mg
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Maximum Thermal Resistance
Tamb = 25 °C, unless otherwise specified
1) Thermal resistance from junction to ambient at 0.375 " (9.5 mm) lead length, P.C.B. mounted
Part
Type differentiation
Package
CG2
VRRM = 1400 V
DO-204AP(G-1)
DG2
VRRM = 1500 V
DO-204AP(G-1)
Parameter
Test condition
Part
Symbol
Value
Unit
Reverse voltage = Repetitive
peak reverse voltage
see electrical characteristics
CG2
VR = VRRM
1400
V
DG2
VR = VRRM
1500
V
Maximum average forward
rectified current
0.375 " (9.5 mm) lead length at
Tamb = 50 °C
IF(AV)
2.0
A
Peak forward surge current
8.3 ms single half sine wave
superimposed on rated load
(JEDEC Method)
IFSM
40
A
Maximum full load reverse
current full cycle average
0.375 " (9.5 mm) lead length at
Tamb =100 °C
IR(AV)
200
µA
Operating junction and storage
temperature range
TJ, TSTG
- 55 to + 175
°C
Parameter
Test condition
Symbol
Value
Unit
Typical thermal resistance 1)
RθJA
55
K/W


Similar Part No. - CG2

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
CG2 GE-CG2 Datasheet
52Kb / 2P
   MINIATURE CLAMPER / DAMPER GLASS PASSIVATED RECTIFIER
logo
Littelfuse
CG2-350L LITTELFUSE-CG2-350L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
CG2.230L LITTELFUSE-CG2.230L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
logo
Schurter Inc.
CG20.6101.151 SCHURTER-CG20.6101.151 Datasheet
563Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Series-Parallel)
logo
SAB North America
CG200PG SAB-CG200PG Datasheet
171Kb / 1P
   Polyamide 6 Cord Grips
More results

Similar Description - CG2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYT51A VISHAY-BYT51A_10 Datasheet
113Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.8, 25-Aug-10
BYW82 VISHAY-BYW82_10 Datasheet
108Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
logo
Shenzhen Luguang Electr...
BY228 LUGUANG-BY228 Datasheet
211Kb / 3P
   Standard Avalanche Sinterglass Diode
logo
Vishay Siliconix
1348380 VISHAY-1348380 Datasheet
120Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
BY527 VISHAY-BY527_V01 Datasheet
139Kb / 4P
   Standard Avalanche Sinterglass Diode
01-Jan-2022
BYT62 VISHAY-BYT62_V01 Datasheet
155Kb / 5P
   Standard Avalanche Sinterglass Diode
01-Jan-2022
1N5059 VISHAY-1N5059_15 Datasheet
130Kb / 5P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 12-Sep-12
BY527 VISHAY-BY527_10 Datasheet
120Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
S330D VISHAY-S330D_10 Datasheet
114Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.6, 25-Aug-10
BY228TAP VISHAY-BY228TAP Datasheet
111Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.8, 12-Sep-12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com