Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTCG203SH333J Datasheet(PDF) 9 Page - TDK Electronics

Part # NTCG203SH333J
Description  NTC Thermistors SMD
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NTCG203SH333J Datasheet(HTML) 9 Page - TDK Electronics

Back Button NTCG203SH333J Datasheet HTML 5Page - TDK Electronics NTCG203SH333J Datasheet HTML 6Page - TDK Electronics NTCG203SH333J Datasheet HTML 7Page - TDK Electronics NTCG203SH333J Datasheet HTML 8Page - TDK Electronics NTCG203SH333J Datasheet HTML 9Page - TDK Electronics NTCG203SH333J Datasheet HTML 10Page - TDK Electronics NTCG203SH333J Datasheet HTML 11Page - TDK Electronics NTCG203SH333J Datasheet HTML 12Page - TDK Electronics NTCG203SH333J Datasheet HTML 13Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
(9/27)
20150928 / tpd_ntc-thermistor_ntcg_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
Temperature Protection Devices
NTCG series 
NTCG06 Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
The " □ " of the Part Number contains the nominal resistance tolerance, H (±3%) or J (±5%). However, in case the nominal resistance value is 30: or less,
only J can be contained.
RESISTANCE vs. TEMPERATURE CHARACTERISTICS TABLE (CONVERSION TABLE)
Examples
1 R25=R25/R25(1.000)u30=30:
2 R25=R25/R25(1.000)u10=10k:
3 B25/50: 3380±1%
R85=R85/R25(0.1610)
uR25(30:)=4.83:
R85=R85/R25(0.09989)
uR25(10k:)=0.999k:
Resistance-temperature group
Part No.
Nominal resistance value
[25°C]
B constant
[25/85°C]
[25/50°C]
A
NTCG063EH300
30
:
3250K±3%
(3244K)
NTCG063EH400
40
:
3250K±3%
(3244K)
B
NTCG062QH101
100
:
2800K±3%
(2794K)
D
NTCG064KH202
2.0k
:
4500K±3%
(4498K)
NTCG064KH302
3.0k
:
4500K±3%
(4498K)
E
NTCG064BH103
10k
:
4100K±3%
(4067K)
H
NTCG063JH103
10k
:
3435K±3%
(3380K)
Temp.(°C)
Resistance-temperature
group
A
B
D
E
H
RT/R25
B(25/T)
RT/R25
B(25/T)
RT/R25
B(25/T)
RT/R25
B(25/T)
RT/R25
B(25/T)
–40
19.59
3182
12.65
2714
58.88
4358
38.44
3903
18.850
3140
–35
14.79
3188
9.960
2720
40.29
4374
27.34
3915
14.429
3159
–30
11.28
3193
7.912
2726
27.92
4389
19.68
3928
11.133
3176
–25
8.685
3199
6.337
2732
19.59
4402
14.33
3939
8.656
3194
–20
6.753
3204
5.116
2738
13.90
4415
10.54
3951
6.779
3210
–15
5.298
3208
4.161
2743
9.976
4426
7.837
3962
5.346
3226
–10
4.192
3213
3.408
2749
7.236
4436
5.883
3972
4.245
3241
–5
3.343
3217
2.810
2754
5.303
4446
4.456
3982
3.393
3256
0
2.687
3220
2.332
2759
3.925
4454
3.406
3992
2.728
3270
5
2.176
3224
1.947
2763
2.933
4462
2.625
4001
2.207
3283
10
1.774
3227
1.635
2768
2.212
4469
2.039
4010
1.796
3296
15
1.456
3230
1.381
2772
1.683
4475
1.596
4018
1.470
3308
20
1.203
3233
1.172
2776
1.292
4480
1.259
4026
1.209
3320
25
1.0001
3235
1.000
2780
1.000
4485
1.0002
4034
1.000
3332
30
0.8360
3237
0.857
2783
0.7801
4488
0.7997
4041
0.831
3343
35
0.7029
3239
0.738
2786
0.6133
4492
0.6437
4048
0.694
3353
40
0.5941
3241
0.639
2789
0.4857
4494
0.5213
4055
0.583
3363
45
0.5047
3243
0.555
2792
0.3875
4497
0.4248
4061
0.491
3373
50
0.4309
3244
0.484
2794
0.3112
4498
0.3481
4067
0.416
33823
(3346 to
3414)
55
0.3697
3246
0.424
2796
0.2516
4500
0.2869
4072
0.354
3390
60
0.3185
3247
0.373
2797
0.2048
4501
0.2377
4078
0.302
3399
65
0.2757
3248
0.329
2799
0.1677
4501
0.1979
4083
0.259
3407
70
0.2396
3248
0.292
2799
0.1381
4501
0.1657
4087
0.223
3414
75
0.2091
3249
0.260
2800
0.11439
4501
0.1393
4092
0.192
3422
80
0.1832
3250
0.232
2800
0.09528
4501
0.1177
4096
0.167
3428
85
0.16101
3250
0.207
2800
0.07978
4500
0.099892
4100
0.145
3435
90
0.1421
3250
0.186
2799
0.06714
4499
0.08513
4104
0.127
3441
95
0.1258
3251
0.168
2798
0.05679
4498
0.07286
4107
0.111
3447
100
0.1118
3251
0.152
2797
0.04826
4497
0.06260
4110
0.0975
3453
105
0.09960
3251
0.138
2795
0.04119
4495
0.05400
4114
0.0860
3458
110
0.08903
3251
0.125
2793
0.03532
4493
0.04675
4116
0.0760
3463
115
0.07981
3251
0.114
2790
0.03041
4491
0.04063
4119
0.0674
3468
120
0.07175
3251
0.104
2787
0.02629
4489
0.03543
4122
0.0599
3473
125
0.06468
3251
0.096
2783
0.02282
4487
0.03099
4124
0.0534
3478


Similar Part No. - NTCG203SH333J

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NTCG203SH333JT1 TDK-NTCG203SH333JT1 Datasheet
110Kb / 2P
   Chip NTC Thermistors (Sensor)
More results

Similar Description - NTCG203SH333J

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
TSM MERITEK-TSM Datasheet
156Kb / 3P
   NTC Thermistors SMD Thermistors
logo
AVX Corporation
NC12P00104JBB AVX-NC12P00104JBB Datasheet
200Kb / 5P
   NTC SMD Thermistors
NB20K00103MBA AVX-NB20K00103MBA Datasheet
200Kb / 5P
   NTC SMD Thermistors
NC20K00103KBA AVX-NC20K00103KBA_17 Datasheet
379Kb / 10P
   NTC SMD Thermistors
NC12 AVX-NC12 Datasheet
200Kb / 5P
   NTC SMD Thermistors
logo
TDK Electronics
B57321V2103J060 TDK-B57321V2103J060 Datasheet
451Kb / 21P
   SMD NTC thermistors,
B57251V5103J060 TDK-B57251V5103J060 Datasheet
485Kb / 21P
   SMD NTC thermistors
logo
AVX Corporation
NC20K00103MBA AVX-NC20K00103MBA Datasheet
379Kb / 10P
   NTC SMD Thermistors
NB21K00103MBB AVX-NB21K00103MBB Datasheet
235Kb / 5P
   NTC SMD Thermistors
logo
TDK Electronics
NTCG06 TDK-NTCG06 Datasheet
146Kb / 14P
   NTC Thermistors SMD NTCG series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com