Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLG1005SR20JT000 Datasheet(PDF) 11 Page - TDK Electronics

Part # MLG1005SR20JT000
Description  Inductors for High Frequency Circuits Multilayer Ceramic
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLG1005SR20JT000 Datasheet(HTML) 11 Page - TDK Electronics

Back Button MLG1005SR20JT000 Datasheet HTML 7Page - TDK Electronics MLG1005SR20JT000 Datasheet HTML 8Page - TDK Electronics MLG1005SR20JT000 Datasheet HTML 9Page - TDK Electronics MLG1005SR20JT000 Datasheet HTML 10Page - TDK Electronics MLG1005SR20JT000 Datasheet HTML 11Page - TDK Electronics MLG1005SR20JT000 Datasheet HTML 12Page - TDK Electronics MLG1005SR20JT000 Datasheet HTML 13Page - TDK Electronics MLG1005SR20JT000 Datasheet HTML 14Page - TDK Electronics MLG1005SR20JT000 Datasheet HTML 15Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
(11/16)
INDUC
T
O
RS
20160521 / inductor_commercial_high-frequency_mlg1005s_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MLG1005S Type
ELECTRICAL CHARACTERISTICS
L, Q FREQUENCY CHARACTERISTICS TABLE
Please contact us for ±2% inductance tolerance (code G) products.
○ Measurement equipment
* Equivalent measurement equipment may be used.
L(nH)typ.
Q typ.
Part No.*
500MHz
800MHz
1.8GHz
2.0GHz
2.4GHz
500MHz
800MHz
1.8GHz
2.0GHz
2.4GHz
3.2
3.2
3.3
3.4
3.5
24
30
46
48
53
MLG1005S3N3BT000
3.2
3.2
3.3
3.4
3.5
24
30
46
48
53
MLG1005S3N3CT000
3.2
3.2
3.3
3.4
3.5
24
30
46
48
53
MLG1005S3N3ST000
3.4
3.4
3.6
3.6
3.8
21
26
40
42
46
MLG1005S3N6BT000
3.4
3.4
3.6
3.6
3.8
21
26
40
42
46
MLG1005S3N6CT000
3.4
3.4
3.6
3.6
3.8
21
26
40
42
46
MLG1005S3N6ST000
3.7
3.7
3.9
3.9
4.1
22
28
43
45
50
MLG1005S3N9BT000
3.7
3.7
3.9
3.9
4.1
22
28
43
45
50
MLG1005S3N9CT000
3.7
3.7
3.9
3.9
4.1
22
28
43
45
50
MLG1005S3N9ST000
4.1
4.1
4.3
4.4
4.6
24
30
47
49
53
MLG1005S4N3CT000
4.1
4.1
4.3
4.4
4.6
24
30
47
49
53
MLG1005S4N3ST000
4.5
4.5
4.8
4.9
5.2
23
30
45
47
50
MLG1005S4N7CT000
4.5
4.5
4.8
4.9
5.2
23
30
45
47
50
MLG1005S4N7ST000
4.9
4.9
5.4
5.6
6.1
23
29
42
43
44
MLG1005S5N1CT000
4.9
4.9
5.4
5.6
6.1
23
29
42
43
44
MLG1005S5N1ST000
5.4
5.4
5.8
5.9
6.3
22
28
42
43
45
MLG1005S5N6CT000
5.4
5.4
5.8
5.9
6.3
22
28
42
43
45
MLG1005S5N6ST000
6.0
6.0
6.8
7.1
7.8
24
29
42
43
43
MLG1005S6N2HT000
6.0
6.0
6.8
7.1
7.8
24
29
42
43
43
MLG1005S6N2ST000
6.5
6.6
7.4
7.8
8.6
23
28
40
41
41
MLG1005S6N8HT000
6.5
6.6
7.4
7.8
8.6
23
28
40
41
41
MLG1005S6N8JT000
7.2
7.4
8.6
9.2
10.5
24
30
41
41
39
MLG1005S7N5HT000
7.2
7.4
8.6
9.2
10.5
24
30
41
41
39
MLG1005S7N5JT000
7.9
8.0
9.3
9.9
11.3
23
28
38
38
36
MLG1005S8N2HT000
7.9
8.0
9.3
9.9
11.3
23
28
38
38
36
MLG1005S8N2JT000
8.8
9.0
10.8
11.6
13.7
24
30
40
39
36
MLG1005S9N1HT000
8.8
9.0
10.8
11.6
13.7
24
30
40
39
36
MLG1005S9N1JT000
9.7
9.9
12.4
13.5
16.7
24
30
37
36
31
MLG1005S10NHT000
9.7
9.9
12.4
13.5
16.7
24
30
37
36
31
MLG1005S10NJT000
10.6
10.9
13.8
15.1
19.0
23
28
34
33
28
MLG1005S11NHT000
10.6
10.9
13.8
15.1
19.0
23
28
34
33
28
MLG1005S11NJT000
11.7
12.1
16.2
18.3
23
29
33
31
MLG1005S12NHT000
11.7
12.1
16.2
18.3
23
29
33
31
MLG1005S12NJT000
12.6
13.0
18.3
21.3
20
24
25
22
MLG1005S13NHT000
12.6
13
18.3
21.3
20
24
25
22
MLG1005S13NJT000
14.7
15.3
22.0
26.0
23
28
29
26
MLG1005S15NHT000
14.7
15.3
22.0
26.0
23
28
29
26
MLG1005S15NJT000
15.6
16.2
24.1
29.0
22
26
26
22
MLG1005S16NHT000
15.6
16.2
24.1
29.0
22
26
26
22
MLG1005S16NJT000
17.7
18.6
29.0
23
28
26
MLG1005S18NHT000
17.7
18.6
29.0
23
28
26
MLG1005S18NJT000
19.7
20.8
36.8
21
25
21
MLG1005S20NHT000
19.7
20.8
36.8
21
25
21
MLG1005S20NJT000
21.8
23.3
22
27
MLG1005S22NHT000
21.8
23.3
22
27
MLG1005S22NJT000
23.8
25.5
22
26
MLG1005S24NHT000
23.8
25.5
22
26
MLG1005S24NJT000
27.0
29.6
20
23
MLG1005S27NHT000
27.0
29.6
20
23
MLG1005S27NJT000
Product No.
Manufacturer
4291B +16193A
Keysight Technologies


Similar Part No. - MLG1005SR20JT000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLG1005SR20JT000 TDK-MLG1005SR20JT000 Datasheet
135Kb / 3P
   Inductors (Coils)
MLG1005SR20JT000 TDK-MLG1005SR20JT000_17 Datasheet
135Kb / 3P
   Inductors (Coils)
More results

Similar Description - MLG1005SR20JT000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MHQ0402P0N2BT000 TDK-MHQ0402P0N2BT000 Datasheet
189Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603P1N1ST000 TDK-MLG0603P1N1ST000 Datasheet
182Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ1005P15NGTD25 TDK-MHQ1005P15NGTD25 Datasheet
208Kb / 20P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLK0603L10NJT000 TDK-MLK0603L10NJT000 Datasheet
119Kb / 10P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ0402P0N7CT000 TDK-MHQ0402P0N7CT000 Datasheet
189Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ0603P0N6BT000 TDK-MHQ0603P0N6BT000 Datasheet
175Kb / 16P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ1005P0N7BT000 TDK-MHQ1005P0N7BT000 Datasheet
208Kb / 20P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603S43NJTD25 TDK-MLG0603S43NJTD25 Datasheet
155Kb / 15P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603S TDK-MLG0603S_13 Datasheet
3Mb / 24P
   Inductors for High Frequency Multilayer Ceramic
MHQ-P TDK-MHQ-P Datasheet
158Kb / 17P
   Inductors for High Frequency Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com