Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GP1605 Datasheet(PDF) 1 Page - Taiwan Memory Technology

Part # GP1605
Description  16A, 50V - 1000V Glass Passivated Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

GP1605 Datasheet(HTML) 1 Page - Taiwan Memory Technology

  GP1605 Datasheet HTML 1Page - Taiwan Memory Technology GP1605 Datasheet HTML 2Page - Taiwan Memory Technology GP1605 Datasheet HTML 3Page - Taiwan Memory Technology GP1605 Datasheet HTML 4Page - Taiwan Memory Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GP1601 - GP1607
CREAT BY ART
- High efficiency, low VF
- High current capability
- High surge current capability
- Low power loss
- Halogen-free according to IEC 61249-2-21
Molding compound, UL flammability classification rating 94V-0
Part no. with suffix "H" means AEC-Q101 qualified
Packing code with suffix "G" means green compound (halogen-free)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 2 whisker test
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
IF(AV)
A
CJ
pF
RθJC
°C/W
TJ
°C
TSTG
°C
Version: F1511
MECHANICAL DATA
Case:
TO-220AB
Taiwan Semiconductor
16A, 50V - 1000V Glass Passivated Rectifiers
FEATURES
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
TO-220AB
Polarity:
As marked
Mounting torque:
0.56 Nm max.
Weight:
1.82 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
GP
1607
UNIT
GP
1603
GP
1604
GP
1605
GP
1606
Maximum repetitive peak reverse voltage
Maximum RMS voltage
PARAMETER
SYMBOL
GP
1601
GP
1602
Maximum DC blocking voltage
Maximum average forward rectified current
16
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
150
A
Maximum instantaneous forward voltage (Note 1)
@ 8 A
VF
1.1
V
Maximum reverse current @ rated VR
TJ=25°C
IR
10
μA
TJ=125°C
250
Typical junction capacitance (Note 2)
50
Typical thermal resistance
1.5
Operating junction temperature range
- 55 to +150
Storage temperature range
- 55 to +150
Note 1: Pulse test with PW=300μs, 1% duty cycle
Note 2: Measured at 1 MHz and applied reverse voltage of 4.0 V DC.


Similar Part No. - GP1605

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
GP1605 TSC-GP1605 Datasheet
91Kb / 2P
   16.0 AMPS. Glass Passivated Rectifiers
GP1605 TSC-GP1605 Datasheet
344Kb / 2P
   16.0 AMPS. Glass Passivated Rectifiers
logo
RFE international
GP1605 RFE-GP1605 Datasheet
95Kb / 1P
   LEADED (THRU-HOLE) General Purpose & Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
GP1605 TSC-GP1605 Datasheet
528Kb / 2P
   16.0 AMPS. Glass Passivated Rectifiers
logo
Thinki Semiconductor Co...
GP1605 THINKISEMI-GP1605 Datasheet
307Kb / 2P
   16.0 Ampere Dual Common Cathode General Purpose Rectifier Diodes
More results

Similar Description - GP1605

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
1T1G TMT-1T1G_16 Datasheet
173Kb / 4P
   1A, 50V - 1000V Glass Passivated Rectifiers
GP1001 TMT-GP1001_16 Datasheet
202Kb / 4P
   10A, 50V - 1000V Glass Passivated Rectifiers
1N4001G TMT-1N4001G_16 Datasheet
172Kb / 4P
   1A, 50V - 1000V Glass Passivated Rectifiers
logo
Taiwan Semiconductor Co...
TS10B01G TSC-TS10B01G_16 Datasheet
194Kb / 4P
   10A, 50V - 1000V Glass Passivated Bridge Rectifiers
logo
Taiwan Memory Technolog...
TS6P01G TMT-TS6P01G_16 Datasheet
206Kb / 4P
   6A, 50V - 1000V Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBLS101G TSC-DBLS101G_16 Datasheet
208Kb / 4P
   1A, 50V - 1000V Glass Passivated Bridge Rectifiers
TS15P01G TSC-TS15P01G_16 Datasheet
207Kb / 4P
   15A, 50V - 1000V Glass Passivated Bridge Rectifiers
TS25P04G-K TSC-TS25P04G-K_16 Datasheet
207Kb / 4P
   25A, 50V - 1000V Glass Passivated Bridge Rectifiers
logo
Taiwan Memory Technolog...
TS8P01G TMT-TS8P01G_16 Datasheet
341Kb / 4P
   8A, 50V - 1000V Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
TS20P01G TSC-TS20P01G_16 Datasheet
206Kb / 4P
   20A, 50V - 1000V Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com