Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTCG203EH681J Datasheet(PDF) 5 Page - TDK Electronics

Part # NTCG203EH681J
Description  NTC Thermistors SMD
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NTCG203EH681J Datasheet(HTML) 5 Page - TDK Electronics

  NTCG203EH681J Datasheet HTML 1Page - TDK Electronics NTCG203EH681J Datasheet HTML 2Page - TDK Electronics NTCG203EH681J Datasheet HTML 3Page - TDK Electronics NTCG203EH681J Datasheet HTML 4Page - TDK Electronics NTCG203EH681J Datasheet HTML 5Page - TDK Electronics NTCG203EH681J Datasheet HTML 6Page - TDK Electronics NTCG203EH681J Datasheet HTML 7Page - TDK Electronics NTCG203EH681J Datasheet HTML 8Page - TDK Electronics NTCG203EH681J Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
(5/27)
20150928 / tpd_ntc-thermistor_ntcg_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
Temperature Protection Devices
Overview of the NTCG Series
RESISTANCE VALUE RANGE
LIST OF SERIES BY TYPE
The B constant indicates the magnitude of a change in a zero-load resistance value to a temperature, and is obtained based on arbitrary
two temperatures in resistance-to-temperature characteristics.
B constant calculation formula
B:
B Constant (K)
T1: Arbitrary temperature (K)
T2: Arbitrary temperature different from T1 (K)
R1: Zero-load resistance value at temperature T1(
:)
R2: Zero-load resistance value at temperature T2(
:)
Each temperature is measured in absolute temperature. 0°C=273.15K
Type
10
Ω
100
Ω
1k
Ω
10k
Ω
100k
Ω
1M
Ω
Resistance
NTCG06
NTCG10
NTCG16
NTCG20
1M
Ω
1M
Ω
1M
Ω
150k
Ω
30
Ω
30
Ω
30
Ω
470
Ω
Type
B constant(K)
Nominal resistance(
Ω) [at 25°C]
10
Ω
1.0k
Ω
1.0k
Ω
4.7k
Ω
10k
Ω
47k
Ω
100k
Ω
150k
Ω
33k
Ω
15k
Ω
3.3k
Ω
1.5k
Ω
470
Ω
3.0k
Ω
15k
Ω
1M
Ω
150k
Ω
3.0k
Ω
10k
Ω
100
Ω
1k
Ω
10k
Ω
100k
Ω
1M
Ω
NTCG06
NTCG10
NTCG16
2800K
3250K
3435K
3650K
4100K
4100K
4550K
4750K
4500K
NTCG20
3250K
3100K
3300K
3450K
3650K
3850K
4000K
4150K
150
Ω
3.3k
Ω
22k
Ω
220k
Ω
2.0k
Ω
680
Ω
6.8k
Ω
68k
Ω
22k
Ω
B constant is calculated from the resistance at 25°C and 85°C
30
Ω
2.2k
Ω
(0603 type: 33k
Ω min.)
680
Ω
220
Ω
100
Ω
InR1InR2
(1/T1)(1/T2)
B=


Similar Part No. - NTCG203EH681J

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NTCG203EH681JT1 TDK-NTCG203EH681JT1 Datasheet
110Kb / 2P
   Chip NTC Thermistors (Sensor)
More results

Similar Description - NTCG203EH681J

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
TSM MERITEK-TSM Datasheet
156Kb / 3P
   NTC Thermistors SMD Thermistors
logo
AVX Corporation
NC12P00104JBB AVX-NC12P00104JBB Datasheet
200Kb / 5P
   NTC SMD Thermistors
NB20K00103MBA AVX-NB20K00103MBA Datasheet
200Kb / 5P
   NTC SMD Thermistors
NC20K00103KBA AVX-NC20K00103KBA_17 Datasheet
379Kb / 10P
   NTC SMD Thermistors
NC12 AVX-NC12 Datasheet
200Kb / 5P
   NTC SMD Thermistors
logo
TDK Electronics
B57321V2103J060 TDK-B57321V2103J060 Datasheet
451Kb / 21P
   SMD NTC thermistors,
B57251V5103J060 TDK-B57251V5103J060 Datasheet
485Kb / 21P
   SMD NTC thermistors
logo
AVX Corporation
NC20K00103MBA AVX-NC20K00103MBA Datasheet
379Kb / 10P
   NTC SMD Thermistors
NB21K00103MBB AVX-NB21K00103MBB Datasheet
235Kb / 5P
   NTC SMD Thermistors
logo
TDK Electronics
NTCG06 TDK-NTCG06 Datasheet
146Kb / 14P
   NTC Thermistors SMD NTCG series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com