Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLG1005SR12HT000 Datasheet(PDF) 6 Page - TDK Electronics

Part # MLG1005SR12HT000
Description  Inductors for High Frequency Circuits Multilayer Ceramic
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLG1005SR12HT000 Datasheet(HTML) 6 Page - TDK Electronics

Back Button MLG1005SR12HT000 Datasheet HTML 2Page - TDK Electronics MLG1005SR12HT000 Datasheet HTML 3Page - TDK Electronics MLG1005SR12HT000 Datasheet HTML 4Page - TDK Electronics MLG1005SR12HT000 Datasheet HTML 5Page - TDK Electronics MLG1005SR12HT000 Datasheet HTML 6Page - TDK Electronics MLG1005SR12HT000 Datasheet HTML 7Page - TDK Electronics MLG1005SR12HT000 Datasheet HTML 8Page - TDK Electronics MLG1005SR12HT000 Datasheet HTML 9Page - TDK Electronics MLG1005SR12HT000 Datasheet HTML 10Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
(6/16)
INDUC
T
O
RS
20160521 / inductor_commercial_high-frequency_mlg1005s_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MLG1005S Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
Please contact us for ±2% inductance tolerance (code G) products.
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
Q
L, Q measuring
frequency
Self-resonant
frequency
DC resistance
Rated current
Part No.
(nH)
Tolerance
min.
(MHz)
(GHz)min.
(GHz)typ.
(
:)max. (:)typ.
(mA)max.
0.3
±0.1nH
100
10.0
20up
0.10
0.01
1000
MLG1005S0N3BT000
0.3
±0.2nH
100
10.0
20up
0.10
0.01
1000
MLG1005S0N3CT000
0.4
±0.1nH
100
10.0
20up
0.10
0.01
1000
MLG1005S0N4BT000
0.4
±0.2nH
100
10.0
20up
0.10
0.01
1000
MLG1005S0N4CT000
0.5
±0.1nH
100
10.0
20up
0.10
0.01
1000
MLG1005S0N5BT000
0.5
±0.2nH
100
10.0
20up
0.10
0.01
1000
MLG1005S0N5CT000
0.6
±0.1nH
100
10.0
20up
0.10
0.01
1000
MLG1005S0N6BT000
0.6
±0.2nH
100
10.0
20up
0.10
0.01
1000
MLG1005S0N6CT000
0.7
±0.1nH
100
10.0
18.7
0.10
0.02
1000
MLG1005S0N7BT000
0.7
±0.2nH
100
10.0
18.7
0.10
0.02
1000
MLG1005S0N7CT000
0.8
±0.1nH
100
10.0
16.4
0.10
0.02
1000
MLG1005S0N8BT000
0.8
±0.2nH
100
10.0
16.4
0.10
0.02
1000
MLG1005S0N8CT000
0.9
±0.1nH
100
10.0
17.7
0.10
0.04
1000
MLG1005S0N9BT000
0.9
±0.2nH
100
10.0
17.7
0.10
0.04
1000
MLG1005S0N9CT000
1.0
±0.1nH
7
100
10.0
13.8
0.10
0.04
1000
MLG1005S1N0BT000
1.0
±0.2nH
7
100
10.0
13.8
0.10
0.04
1000
MLG1005S1N0CT000
1.0
±0.3nH
7
100
10.0
13.8
0.10
0.04
1000
MLG1005S1N0ST000
1.1
±0.1nH
7
100
10.0
19.3
0.10
0.03
1000
MLG1005S1N1BT000
1.1
±0.2nH
7
100
10.0
19.3
0.10
0.03
1000
MLG1005S1N1CT000
1.1
±0.3nH
7
100
10.0
19.3
0.10
0.03
1000
MLG1005S1N1ST000
1.2
±0.1nH
7
100
10.0
11.6
0.10
0.04
1000
MLG1005S1N2BT000
1.2
±0.2nH
7
100
10.0
11.6
0.10
0.04
1000
MLG1005S1N2CT000
1.2
±0.3nH
7
100
10.0
11.6
0.10
0.04
1000
MLG1005S1N2ST000
1.3
±0.1nH
7
100
8.0
11.7
0.10
0.04
1000
MLG1005S1N3BT000
1.3
±0.2nH
7
100
8.0
11.7
0.10
0.04
1000
MLG1005S1N3CT000
1.3
±0.3nH
7
100
8.0
11.7
0.10
0.04
1000
MLG1005S1N3ST000
1.5
±0.1nH
7
100
8.0
9.6
0.10
0.06
1000
MLG1005S1N5BT000
1.5
±0.2nH
7
100
8.0
9.6
0.10
0.06
1000
MLG1005S1N5CT000
1.5
±0.3nH
7
100
8.0
9.6
0.10
0.06
1000
MLG1005S1N5ST000
1.6
±0.1nH
7
100
7.5
9.4
0.12
0.05
1000
MLG1005S1N6BT000
1.6
±0.2nH
7
100
7.5
9.4
0.12
0.05
1000
MLG1005S1N6CT000
1.6
±0.3nH
7
100
7.5
9.4
0.12
0.05
1000
MLG1005S1N6ST000
1.8
±0.1nH
7
100
8.0
10.3
0.15
0.06
900
MLG1005S1N8BT000
1.8
±0.2nH
7
100
8.0
10.3
0.15
0.06
900
MLG1005S1N8CT000
1.8
±0.3nH
7
100
8.0
10.3
0.15
0.06
900
MLG1005S1N8ST000
2.0
±0.1nH
7
100
7.5
9.3
0.15
0.07
900
MLG1005S2N0BT000
2.0
±0.2nH
7
100
7.5
9.3
0.15
0.07
900
MLG1005S2N0CT000
2.0
±0.3nH
7
100
7.5
9.3
0.15
0.07
900
MLG1005S2N0ST000
2.2
±0.1nH
7
100
7.0
8.6
0.15
0.08
900
MLG1005S2N2BT000
2.2
±0.2nH
7
100
7.0
8.6
0.15
0.08
900
MLG1005S2N2CT000
2.2
±0.3nH
7
100
7.0
8.6
0.15
0.08
900
MLG1005S2N2ST000
2.4
±0.1nH
7
100
7.0
8.2
0.15
0.08
800
MLG1005S2N4BT000
2.4
±0.2nH
7
100
7.0
8.2
0.15
0.08
800
MLG1005S2N4CT000
2.4
±0.3nH
7
100
7.0
8.2
0.15
0.08
800
MLG1005S2N4ST000
2.7
±0.1nH
7
100
6.0
7.3
0.15
0.08
800
MLG1005S2N7BT000
2.7
±0.2nH
7
100
6.0
7.3
0.15
0.08
800
MLG1005S2N7CT000
2.7
±0.3nH
7
100
6.0
7.3
0.15
0.08
800
MLG1005S2N7ST000
Measurement item
Product No.
Manufacturer
L, Q
4291B +16193A
Keysight Technologies
Self-resonant frequency
8720C
Keysight Technologies
DC resistance
Type-7561
Yokogawa


Similar Part No. - MLG1005SR12HT000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLG1005SR12HT000 TDK-MLG1005SR12HT000 Datasheet
136Kb / 3P
   Inductors (Coils)
MLG1005SR12HT000 TDK-MLG1005SR12HT000_17 Datasheet
136Kb / 3P
   Inductors (Coils)
More results

Similar Description - MLG1005SR12HT000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MHQ0402P0N2BT000 TDK-MHQ0402P0N2BT000 Datasheet
189Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603P1N1ST000 TDK-MLG0603P1N1ST000 Datasheet
182Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ1005P15NGTD25 TDK-MHQ1005P15NGTD25 Datasheet
208Kb / 20P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLK0603L10NJT000 TDK-MLK0603L10NJT000 Datasheet
119Kb / 10P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ0402P0N7CT000 TDK-MHQ0402P0N7CT000 Datasheet
189Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ0603P0N6BT000 TDK-MHQ0603P0N6BT000 Datasheet
175Kb / 16P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ1005P0N7BT000 TDK-MHQ1005P0N7BT000 Datasheet
208Kb / 20P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603S43NJTD25 TDK-MLG0603S43NJTD25 Datasheet
155Kb / 15P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603S TDK-MLG0603S_13 Datasheet
3Mb / 24P
   Inductors for High Frequency Multilayer Ceramic
MHQ-P TDK-MHQ-P Datasheet
158Kb / 17P
   Inductors for High Frequency Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com