Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLG0603SR10JTD25 Datasheet(PDF) 6 Page - TDK Electronics

Part # MLG0603SR10JTD25
Description  Inductors for High Frequency Circuits Multilayer Ceramic
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLG0603SR10JTD25 Datasheet(HTML) 6 Page - TDK Electronics

Back Button MLG0603SR10JTD25 Datasheet HTML 2Page - TDK Electronics MLG0603SR10JTD25 Datasheet HTML 3Page - TDK Electronics MLG0603SR10JTD25 Datasheet HTML 4Page - TDK Electronics MLG0603SR10JTD25 Datasheet HTML 5Page - TDK Electronics MLG0603SR10JTD25 Datasheet HTML 6Page - TDK Electronics MLG0603SR10JTD25 Datasheet HTML 7Page - TDK Electronics MLG0603SR10JTD25 Datasheet HTML 8Page - TDK Electronics MLG0603SR10JTD25 Datasheet HTML 9Page - TDK Electronics MLG0603SR10JTD25 Datasheet HTML 10Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
(6/15)
INDUC
T
O
RS
20150109 / inductor_automotive_high-frequency_mlg0603s_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MLG0603S Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
Please contact us for ±2% inductance tolerance (code G) products.
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
Q
L, Q measuring
frequency
Self-resonant
frequency
DC resistance
Rated current
Part No.
(nH)
Tolerance
min.
(MHz)
(GHz)min.
(GHz)typ.
(
:)max. (:)typ.
(mA)max.
0.3
±0.1nH
100
10.0
20up
0.1
0.02
600
MLG0603S0N3BTD25
0.3
±0.2nH
100
10.0
20up
0.1
0.02
600
MLG0603S0N3CTD25
0.4
±0.1nH
100
10.0
20up
0.1
0.02
600
MLG0603S0N4BTD25
0.4
±0.2nH
100
10.0
20up
0.1
0.02
600
MLG0603S0N4CTD25
0.5
±0.1nH
100
10.0
20up
0.1
0.02
600
MLG0603S0N5BTD25
0.5
±0.2nH
100
10.0
20up
0.1
0.02
600
MLG0603S0N5CTD25
0.6
±0.1nH
100
10.0
20up
0.1
0.02
600
MLG0603S0N6BTD25
0.6
±0.2nH
100
10.0
20up
0.1
0.02
600
MLG0603S0N6CTD25
0.7
±0.1nH
100
10.0
16.3
0.1
0.02
600
MLG0603S0N7BTD25
0.7
±0.2nH
100
10.0
16.3
0.1
0.02
600
MLG0603S0N7CTD25
0.8
±0.1nH
100
10.0
16.1
0.1
0.03
600
MLG0603S0N8BTD25
0.8
±0.2nH
100
10.0
16.1
0.1
0.03
600
MLG0603S0N8CTD25
0.9
±0.1nH
100
10.0
13.8
0.1
0.03
600
MLG0603S0N9BTD25
0.9
±0.2nH
100
10.0
13.8
0.1
0.03
600
MLG0603S0N9CTD25
1.0
±0.1nH
4
100
10.0
14.4
0.1
0.04
600
MLG0603S1N0BTD25
1.0
±0.2nH
4
100
10.0
14.4
0.1
0.04
600
MLG0603S1N0CTD25
1.0
±0.3nH
4
100
10.0
14.4
0.1
0.04
600
MLG0603S1N0STD25
1.1
±0.1nH
4
100
10.0
13.6
0.15
0.04
550
MLG0603S1N1BTD25
1.1
±0.2nH
4
100
10.0
13.6
0.15
0.04
550
MLG0603S1N1CTD25
1.1
±0.3nH
4
100
10.0
13.6
0.15
0.04
550
MLG0603S1N1STD25
1.2
±0.1nH
4
100
10.0
12.3
0.15
0.06
550
MLG0603S1N2BTD25
1.2
±0.2nH
4
100
10.0
12.3
0.15
0.06
550
MLG0603S1N2CTD25
1.2
±0.3nH
4
100
10.0
12.3
0.15
0.06
550
MLG0603S1N2STD25
1.3
±0.1nH
4
100
9.0
11.4
0.15
0.07
550
MLG0603S1N3BTD25
1.3
±0.2nH
4
100
9.0
11.4
0.15
0.07
550
MLG0603S1N3CTD25
1.3
±0.3nH
4
100
9.0
11.4
0.15
0.07
550
MLG0603S1N3STD25
1.5
±0.1nH
4
100
9.0
10.4
0.15
0.07
550
MLG0603S1N5BTD25
1.5
±0.2nH
4
100
9.0
10.4
0.15
0.07
550
MLG0603S1N5CTD25
1.5
±0.3nH
4
100
9.0
10.4
0.15
0.07
550
MLG0603S1N5STD25
1.6
±0.1nH
4
100
9.0
11.5
0.2
0.09
500
MLG0603S1N6BTD25
1.6
±0.2nH
4
100
9.0
11.5
0.2
0.09
500
MLG0603S1N6CTD25
1.6
±0.3nH
4
100
9.0
11.5
0.2
0.09
500
MLG0603S1N6STD25
1.8
±0.1nH
4
100
8.5
10.0
0.2
0.12
500
MLG0603S1N8BTD25
1.8
±0.2nH
4
100
8.5
10.0
0.2
0.12
500
MLG0603S1N8CTD25
1.8
±0.3nH
4
100
8.5
10.0
0.2
0.12
500
MLG0603S1N8STD25
2.0
±0.1nH
4
100
8.2
9.8
0.25
0.14
400
MLG0603S2N0BTD25
2.0
±0.2nH
4
100
8.2
9.8
0.25
0.14
400
MLG0603S2N0CTD25
2.0
±0.3nH
4
100
8.2
9.8
0.25
0.14
400
MLG0603S2N0STD25
2.2
±0.1nH
4
100
8.0
8.9
0.25
0.14
400
MLG0603S2N2BTD25
2.2
±0.2nH
4
100
8.0
8.9
0.25
0.14
400
MLG0603S2N2CTD25
2.2
±0.3nH
4
100
8.0
8.9
0.25
0.14
400
MLG0603S2N2STD25
2.4
±0.1nH
4
100
8.0
9.2
0.25
0.15
300
MLG0603S2N4BTD25
2.4
±0.2nH
4
100
8.0
9.2
0.25
0.15
300
MLG0603S2N4CTD25
2.4
±0.3nH
4
100
8.0
9.2
0.25
0.15
300
MLG0603S2N4STD25
Measurement item
Product No.
Manufacturer
L, Q
4291B+16197A
Agilent Technologies
Self-resonant frequency
8720C
Agilent Technologies
DC resistance
Type-7561
Yokogawa


Similar Part No. - MLG0603SR10JTD25

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLG0603SR10JTD25 TDK-MLG0603SR10JTD25 Datasheet
133Kb / 3P
   Inductors (Coils)
More results

Similar Description - MLG0603SR10JTD25

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MHQ0402P0N2BT000 TDK-MHQ0402P0N2BT000 Datasheet
189Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603P1N1ST000 TDK-MLG0603P1N1ST000 Datasheet
182Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ1005P15NGTD25 TDK-MHQ1005P15NGTD25 Datasheet
208Kb / 20P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLK0603L10NJT000 TDK-MLK0603L10NJT000 Datasheet
119Kb / 10P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ0402P0N7CT000 TDK-MHQ0402P0N7CT000 Datasheet
189Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ0603P0N6BT000 TDK-MHQ0603P0N6BT000 Datasheet
175Kb / 16P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ1005P0N7BT000 TDK-MHQ1005P0N7BT000 Datasheet
208Kb / 20P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG1005S0N3BT000 TDK-MLG1005S0N3BT000 Datasheet
239Kb / 16P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603S TDK-MLG0603S_13 Datasheet
3Mb / 24P
   Inductors for High Frequency Multilayer Ceramic
MHQ-P TDK-MHQ-P Datasheet
158Kb / 17P
   Inductors for High Frequency Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com