Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MHQ1005P40NGT000 Datasheet(PDF) 10 Page - TDK Electronics

Part # MHQ1005P40NGT000
Description  Inductors for High Frequency Circuits Multilayer Ceramic
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MHQ1005P40NGT000 Datasheet(HTML) 10 Page - TDK Electronics

Back Button MHQ1005P40NGT000 Datasheet HTML 6Page - TDK Electronics MHQ1005P40NGT000 Datasheet HTML 7Page - TDK Electronics MHQ1005P40NGT000 Datasheet HTML 8Page - TDK Electronics MHQ1005P40NGT000 Datasheet HTML 9Page - TDK Electronics MHQ1005P40NGT000 Datasheet HTML 10Page - TDK Electronics MHQ1005P40NGT000 Datasheet HTML 11Page - TDK Electronics MHQ1005P40NGT000 Datasheet HTML 12Page - TDK Electronics MHQ1005P40NGT000 Datasheet HTML 13Page - TDK Electronics MHQ1005P40NGT000 Datasheet HTML 14Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
(10/20)
INDUC
T
O
RS
20150105 / inductor_commercial_high-frequency_mhq1005p_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MHQ1005P Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
Short bar residual inductance =0.556nH
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
L measuring
frequency
Q
Q measuring
frequency
Self-resonant
frequency
DC resistance
Rated current
Part No.
(nH)
Tolerance
(MHz)
min.
(MHz)
(GHz)min.
(GHz)typ.
(
:)max. (:)typ.
(mA)max.
33
±2%
100
20
250
1.6
2.3
1.50
0.74
220
MHQ1005P33NGT000
33
±3%
100
20
250
1.6
2.3
1.50
0.74
220
MHQ1005P33NHT000
33
±5%
100
20
250
1.6
2.3
1.50
0.74
220
MHQ1005P33NJT000
36
±2%
100
20
250
1.6
2.2
1.50
0.92
190
MHQ1005P36NGT000
36
±3%
100
20
250
1.6
2.2
1.50
0.92
190
MHQ1005P36NHT000
36
±5%
100
20
250
1.6
2.2
1.50
0.92
190
MHQ1005P36NJT000
39
±2%
100
20
250
1.4
2.1
1.50
0.95
190
MHQ1005P39NGT000
39
±3%
100
20
250
1.4
2.1
1.50
0.95
190
MHQ1005P39NHT000
39
±5%
100
20
250
1.4
2.1
1.50
0.95
190
MHQ1005P39NJT000
40
±2%
100
20
250
1.4
2.1
1.50
1.12
190
MHQ1005P40NGT000
40
±3%
100
20
250
1.4
2.1
1.50
1.12
190
MHQ1005P40NHT000
40
±5%
100
20
250
1.4
2.1
1.50
1.12
190
MHQ1005P40NJT000
43
±2%
100
22
250
1.4
2.0
1.60
1.06
190
MHQ1005P43NGT000
43
±3%
100
22
250
1.4
2.0
1.60
1.06
190
MHQ1005P43NHT000
43
±5%
100
22
250
1.4
2.0
1.60
1.06
190
MHQ1005P43NJT000
47
±2%
100
22
250
1.3
1.9
1.60
1.09
190
MHQ1005P47NGT000
47
±3%
100
22
250
1.3
1.9
1.60
1.09
190
MHQ1005P47NHT000
47
±5%
100
22
250
1.3
1.9
1.60
1.09
190
MHQ1005P47NJT000
51
±2%
100
22
250
1.3
1.8
1.80
1.17
190
MHQ1005P51NGT000
51
±3%
100
22
250
1.3
1.8
1.80
1.17
190
MHQ1005P51NHT000
51
±5%
100
22
250
1.3
1.8
1.80
1.17
190
MHQ1005P51NJT000
56
±2%
100
22
250
1.2
1.8
1.80
1.22
180
MHQ1005P56NGT000
56
±3%
100
22
250
1.2
1.8
1.80
1.22
180
MHQ1005P56NHT000
56
±5%
100
22
250
1.2
1.8
1.80
1.22
180
MHQ1005P56NJT000
62
±2%
100
22
250
1.1
1.6
1.90
1.36
180
MHQ1005P62NGT000
62
±3%
100
22
250
1.1
1.6
1.90
1.36
180
MHQ1005P62NHT000
62
±5%
100
22
250
1.1
1.6
1.90
1.36
180
MHQ1005P62NJT000
68
±2%
100
22
250
1.1
1.6
2.00
1.43
160
MHQ1005P68NGT000
68
±3%
100
22
250
1.1
1.6
2.00
1.43
160
MHQ1005P68NHT000
68
±5%
100
22
250
1.1
1.6
2.00
1.43
160
MHQ1005P68NJT000
72
±2%
100
22
250
1.1
1.5
2.20
1.62
160
MHQ1005P72NGT000
72
±3%
100
22
250
1.1
1.5
2.20
1.62
160
MHQ1005P72NHT000
72
±5%
100
22
250
1.1
1.5
2.20
1.62
160
MHQ1005P72NJT000
75
±2%
100
22
250
1.1
1.5
2.20
1.53
160
MHQ1005P75NGT000
75
±3%
100
22
250
1.1
1.5
2.20
1.53
160
MHQ1005P75NHT000
75
±5%
100
22
250
1.1
1.5
2.20
1.53
160
MHQ1005P75NJT000
82
±2%
100
22
250
0.9
1.5
2.30
1.61
160
MHQ1005P82NGT000
82
±3%
100
22
250
0.9
1.5
2.30
1.61
160
MHQ1005P82NHT000
82
±5%
100
22
250
0.9
1.5
2.30
1.61
160
MHQ1005P82NJT000
91
±2%
100
23
250
0.9
1.4
2.30
1.78
160
MHQ1005P91NGT000
91
±3%
100
23
250
0.9
1.4
2.30
1.78
160
MHQ1005P91NHT000
91
±5%
100
23
250
0.9
1.4
2.30
1.78
160
MHQ1005P91NJT000
100
±2%
100
23
250
0.9
1.2
2.50
1.80
150
MHQ1005PR10GT000
100
±3%
100
23
250
0.9
1.2
2.50
1.80
150
MHQ1005PR10HT000
100
±5%
100
23
250
0.9
1.2
2.50
1.80
150
MHQ1005PR10JT000
Measurement item
Product No.
Manufacturer
L, Q
4291B+16193A
Agilent Technologies
Self-resonant frequency
8720C
Agilent Technologies
DC resistance
Type-7561
Yokogawa


Similar Part No. - MHQ1005P40NGT000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MHQ1005P40NGT000 TDK-MHQ1005P40NGT000 Datasheet
129Kb / 3P
   Inductors (Coils)
MHQ1005P40NGT000 TDK-MHQ1005P40NGT000_17 Datasheet
129Kb / 3P
   Inductors (Coils)
More results

Similar Description - MHQ1005P40NGT000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MHQ0402P0N2BT000 TDK-MHQ0402P0N2BT000 Datasheet
189Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603P1N1ST000 TDK-MLG0603P1N1ST000 Datasheet
182Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ1005P15NGTD25 TDK-MHQ1005P15NGTD25 Datasheet
208Kb / 20P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLK0603L10NJT000 TDK-MLK0603L10NJT000 Datasheet
119Kb / 10P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ0402P0N7CT000 TDK-MHQ0402P0N7CT000 Datasheet
189Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ0603P0N6BT000 TDK-MHQ0603P0N6BT000 Datasheet
175Kb / 16P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603S43NJTD25 TDK-MLG0603S43NJTD25 Datasheet
155Kb / 15P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG1005S0N3BT000 TDK-MLG1005S0N3BT000 Datasheet
239Kb / 16P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603S TDK-MLG0603S_13 Datasheet
3Mb / 24P
   Inductors for High Frequency Multilayer Ceramic
MHQ-P TDK-MHQ-P Datasheet
158Kb / 17P
   Inductors for High Frequency Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com