Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLF6045T-150M1R3-3PF Datasheet(PDF) 6 Page - TDK Electronics

Part # SLF6045T-150M1R3-3PF
Description  Inductors for Power Circuits Wound Ferrite
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

SLF6045T-150M1R3-3PF Datasheet(HTML) 6 Page - TDK Electronics

  SLF6045T-150M1R3-3PF Datasheet HTML 1Page - TDK Electronics SLF6045T-150M1R3-3PF Datasheet HTML 2Page - TDK Electronics SLF6045T-150M1R3-3PF Datasheet HTML 3Page - TDK Electronics SLF6045T-150M1R3-3PF Datasheet HTML 4Page - TDK Electronics SLF6045T-150M1R3-3PF Datasheet HTML 5Page - TDK Electronics SLF6045T-150M1R3-3PF Datasheet HTML 6Page - TDK Electronics SLF6045T-150M1R3-3PF Datasheet HTML 7Page - TDK Electronics SLF6045T-150M1R3-3PF Datasheet HTML 8Page - TDK Electronics SLF6045T-150M1R3-3PF Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
(6/9)
INDUC
T
O
RS
20160411 / inductor_commercial_power_slf6045_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
SLF6045 Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
Rated current: smaller value of either Isat or Itemp.
Isat: When based on the inductance change rate (10% below the initial value)
Itemp: When based on the temperature increase (Temperature increase of 30°C by self heating)
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
L measuring frequency
DC resistance
Rated current
Part No.
Isat
Itemp
(μH)
Tolerance
(kHz)
(m
: )
(A)max.
(A)max.
1.5
±30%
100
16±30%
4
4.1
SLF6045T-1R5N4R0-3PF
2.2
±30%
100
18±30%
3.3
3.8
SLF6045T-2R2N3R3-3PF
3.3
±30%
100
21.5±30%
2.8
3.4
SLF6045T-3R3N2R8-3PF
4.7
±30%
100
26.5±30%
2.4
3.2
SLF6045T-4R7N2R4-3PF
6.8
±30%
100
33±30%
2
2.8
SLF6045T-6R8N2R0-3PF
10
±20%
100
39±20%
1.6
2.7
SLF6045T-100M1R6-3PF
15
±20%
100
59.5±20%
1.3
2.'2
SLF6045T-150M1R3-3PF
22
±20%
100
82±20%
1.1
1.8
SLF6045T-220M1R1-3PF
Measurement item
Product No.
Manufacturer
L
4194A
Keysight Technologies
DC resistance
VP-2941A
Panasonic
Rated current Isat
4284A+42841A+42842C
Keysight Technologies


Similar Part No. - SLF6045T-150M1R3-3PF

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SLF6045 TDK-SLF6045 Datasheet
7Mb / 49P
   Inductors for Power Circuits Wound Ferrite SLFseries
SLF6045 TDK-SLF6045 Datasheet
817Kb / 49P
   Inductors for Power Circuits Wound Ferrite SLFseries
More results

Similar Description - SLF6045T-150M1R3-3PF

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SLF6025T-100M1R0-PF TDK-SLF6025T-100M1R0-PF_16 Datasheet
137Kb / 9P
   Inductors for Power Circuits Wound Ferrite
CLF6045T-100M TDK-CLF6045T-100M Datasheet
127Kb / 9P
   Inductors for Power Circuits Wound Ferrite
SLF7055T-100M2R5-3PF TDK-SLF7055T-100M2R5-3PF_16 Datasheet
141Kb / 9P
   Inductors for Power Circuits Wound Ferrite
SLF10165T-4R7N4R73PF TDK-SLF10165T-4R7N4R73PF Datasheet
143Kb / 9P
   Inductors for Power Circuits Wound Ferrite
RLF7030T-4R7M3R4 TDK-RLF7030T-4R7M3R4_16 Datasheet
128Kb / 9P
   Inductors for Power Circuits Wound Ferrite
RLF12545T-100M5R1-PF TDK-RLF12545T-100M5R1-PF_16 Datasheet
137Kb / 9P
   Inductors for Power Circuits Wound Ferrite
VLCF4024T-101MR30-2 TDK-VLCF4024T-101MR30-2 Datasheet
5Mb / 41P
   Inductors for Power Circuits Wound Ferrite
VLS252012ET-2R2M TDK-VLS252012ET-2R2M Datasheet
7Mb / 53P
   Inductors for Power Circuits Wound Ferrite
VLS2012ET-4R7M TDK-VLS2012ET-4R7M Datasheet
7Mb / 53P
   Inductors for Power Circuits Wound Ferrite
VLP8040T-221M TDK-VLP8040T-221M Datasheet
1Mb / 13P
   Inductors for Power Circuits Wound Ferrite
VLS3015ET-2R2M TDK-VLS3015ET-2R2M Datasheet
742Kb / 53P
   Inductors for Power Circuits Wound Ferrite
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com