Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLG0603P5N6JT000 Datasheet(PDF) 3 Page - TDK Electronics

Part # MLG0603P5N6JT000
Description  Inductors for High Frequency Circuits Multilayer Ceramic
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLG0603P5N6JT000 Datasheet(HTML) 3 Page - TDK Electronics

  MLG0603P5N6JT000 Datasheet HTML 1Page - TDK Electronics MLG0603P5N6JT000 Datasheet HTML 2Page - TDK Electronics MLG0603P5N6JT000 Datasheet HTML 3Page - TDK Electronics MLG0603P5N6JT000 Datasheet HTML 4Page - TDK Electronics MLG0603P5N6JT000 Datasheet HTML 5Page - TDK Electronics MLG0603P5N6JT000 Datasheet HTML 6Page - TDK Electronics MLG0603P5N6JT000 Datasheet HTML 7Page - TDK Electronics MLG0603P5N6JT000 Datasheet HTML 8Page - TDK Electronics MLG0603P5N6JT000 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
(3/17)
INDUC
T
O
RS
20150216 / inductor_commercial_high-frequency_mlg0603p_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
Inductors for High Frequency Circuits
Multilayer Ceramic
FEATURES
High Q type inductor for high-frequency circuits.
Inductance range: from 0.6 to 120nH.
0.1n step inductance lineup.
Compared with existing products, the size was greatly reduced, making it optimal for fine-pitch circuits.
Optimal configuration that greatly improves the Q to 800MHz or higher.
Advanced monolithic structure is formed using a multilayering and sintering process with ceramic and conductive materials for High-
frequency.
APPLICATION
Smart phones, tablet terminals, high frequency modules (PAs, VCOs, FEMs , etc.), Bluetooth, W-LAN, UWB, tuners
and other high frequency circuits for the mobile communication industry
PART NUMBER CONSTRUCTION
OPERATING TEMPERATURE RANGE, PACKAGE QUANTITY, PRODUCT WEIGHT
The Storage temperature range is for after the circuit board is mounted.
Product compatible with RoHS directive
Halogen-free
Compatible with lead-free solders
Overview of MLG0603P Type
MLG
0603
P
0N6
B
T
000
Series name
L×W×H Dimensions
Characteristics
Inductance
Inductance
tolerance
Packaging style
Internal code
(mm)
(nH)
0603
0.6×0.3×0.3
P
1N1
1.1
B
±0.1nH
T
Taping
000
11N
11
C
±0.2nH
S
±0.3nH
H±3%
J±5%
Type
Temperature range
Package quantity
Individual weight
Operating
temperature
(°C)
Storage
temperature
(°C)
(pieces/reel)
(mg)
MLG0603P
–55 to +125
–55 to +125
15000
0.2
RoHS Directive Compliant Product: See the following for more details related to RoHS Directive compliant products. http://product.tdk.com/en/environment/rohs/
Halogen-free: Indicates that Cl content is less than 900ppm, Br content is less than 900ppm, and that the total Cl and Br content is less than 1500ppm.


Similar Part No. - MLG0603P5N6JT000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLG0603P5N6JT000 TDK-MLG0603P5N6JT000 Datasheet
249Kb / 17P
   High Q type inductor for high-frequency circuits
MLG0603P5N6JT000 TDK-MLG0603P5N6JT000 Datasheet
128Kb / 3P
   Inductors (Coils)
MLG0603P5N6JT000 TDK-MLG0603P5N6JT000_17 Datasheet
128Kb / 3P
   Inductors (Coils)
More results

Similar Description - MLG0603P5N6JT000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MHQ0402P0N2BT000 TDK-MHQ0402P0N2BT000 Datasheet
189Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ1005P15NGTD25 TDK-MHQ1005P15NGTD25 Datasheet
208Kb / 20P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLK0603L10NJT000 TDK-MLK0603L10NJT000 Datasheet
119Kb / 10P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ0402P0N7CT000 TDK-MHQ0402P0N7CT000 Datasheet
189Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ0603P0N6BT000 TDK-MHQ0603P0N6BT000 Datasheet
175Kb / 16P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ1005P0N7BT000 TDK-MHQ1005P0N7BT000 Datasheet
208Kb / 20P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603S43NJTD25 TDK-MLG0603S43NJTD25 Datasheet
155Kb / 15P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG1005S0N3BT000 TDK-MLG1005S0N3BT000 Datasheet
239Kb / 16P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603S TDK-MLG0603S_13 Datasheet
3Mb / 24P
   Inductors for High Frequency Multilayer Ceramic
MHQ-P TDK-MHQ-P Datasheet
158Kb / 17P
   Inductors for High Frequency Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com