Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTCGP3UH153HCJDAA Datasheet(PDF) 6 Page - TDK Electronics

Part # NTCGP3UH153HCJDAA
Description  NTC Sensor Assembly products
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NTCGP3UH153HCJDAA Datasheet(HTML) 6 Page - TDK Electronics

Back Button NTCGP3UH153HCJDAA Datasheet HTML 2Page - TDK Electronics NTCGP3UH153HCJDAA Datasheet HTML 3Page - TDK Electronics NTCGP3UH153HCJDAA Datasheet HTML 4Page - TDK Electronics NTCGP3UH153HCJDAA Datasheet HTML 5Page - TDK Electronics NTCGP3UH153HCJDAA Datasheet HTML 6Page - TDK Electronics NTCGP3UH153HCJDAA Datasheet HTML 7Page - TDK Electronics NTCGP3UH153HCJDAA Datasheet HTML 8Page - TDK Electronics NTCGP3UH153HCJDAA Datasheet HTML 9Page - TDK Electronics NTCGP3UH153HCJDAA Datasheet HTML 10Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
(6/11)
20160323 / sensor_ntc-thermistor_assembly_en.fm
SENSORS
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
NTCDP Series (Glass-encapsulated Axial Lead)
Epoxy plastic case type
 NTCDP4AG103JCDBBA
FEATURES
Excellent in high reliability, high responsiveness, high heat resistance.
Two types are available.
Epoxy (ø5.5mm) type: Priority given to heat responsiveness
Epoxy (ø6.0mm) type: Compatible with copper case type of ø6.0mm
APPLICATION
Temperature detection of refrigerator and vending machine compartments
(Air conditioners, refrigerators, vending machines, dishwashers, etc.)
SHAPE & DIMENSIONS
CHARACTERISTICS
• Contact us for the other specification product about nominal resistance value and B constant.
Nominal resistance
R25=10k
:±5%
B constant
B25/85=4000K±2%
Operating temperature range
–40 to +150°C
Thermal time constant
15s max.[in still water]
Heat dissipation constant
3.3mW/°C[in still air]
150 to 1500
24±1
Filling resin
Insulating covered wire
Epoxy plastic case
Dimensions in mm
Type
Epoxy5.5
Epoxy6.0
øD
5.5
6.0
0
+3
–2


Similar Part No. - NTCGP3UH153HCJDAA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NTCG06 TDK-NTCG06 Datasheet
146Kb / 14P
   NTC Thermistors SMD NTCG series
NTCG06-0603 TDK-NTCG06-0603 Datasheet
146Kb / 14P
   NTC Thermistors SMD NTCG series
NTCG062QH101 TDK-NTCG062QH101 Datasheet
146Kb / 14P
   NTC Thermistors NTCG Series(SMD, Pb Free) NTCG06/10/16/20 Types
NTCG062QH300JTB TDK-NTCG062QH300JTB Datasheet
370Kb / 27P
   NTC Thermistors SMD
NTCG063EH300 TDK-NTCG063EH300 Datasheet
146Kb / 14P
   NTC Thermistors NTCG Series(SMD, Pb Free) NTCG06/10/16/20 Types
More results

Similar Description - NTCGP3UH153HCJDAA

ManufacturerPart #DatasheetDescription
logo
Vincotech
80-M2122PA150SC-K708F40 VINCOTECH-80-M2122PA150SC-K708F40 Datasheet
476Kb / 6P
   Integrated NTC sensor
80-M3072PA300SC-K836F30 VINCOTECH-80-M3072PA300SC-K836F30 Datasheet
399Kb / 6P
   Integrated NTC sensor
80-M2072PA150SC-K704F40 VINCOTECH-80-M2072PA150SC-K704F40 Datasheet
379Kb / 6P
   Integrated NTC sensor
logo
TDK Electronics
NTCG164QH105JT1 TDK-NTCG164QH105JT1 Datasheet
114Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG103NH681JT1 TDK-NTCG103NH681JT1 Datasheet
115Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG104LH154JTDS TDK-NTCG104LH154JTDS Datasheet
115Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG164BH222JTDS TDK-NTCG164BH222JTDS Datasheet
114Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG203JH472JT1 TDK-NTCG203JH472JT1 Datasheet
110Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG203SH223JT1 TDK-NTCG203SH223JT1 Datasheet
110Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG103JH103HT1 TDK-NTCG103JH103HT1 Datasheet
110Kb / 2P
   Chip NTC Thermistors (Sensor)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com