Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

803-91-016-65-001 Datasheet(PDF) 1 Page - Precid-Dip Durtal SA

Part # 803-91-016-65-001
Description  PCB connectors 2.54 mm Single row / double row Press-fit
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREDIP [Precid-Dip Durtal SA]
Direct Link  http://www.precidip.com
Logo PREDIP - Precid-Dip Durtal SA

803-91-016-65-001 Datasheet(HTML) 1 Page - Precid-Dip Durtal SA

  803-91-016-65-001 Datasheet HTML 1Page - Precid-Dip Durtal SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
28
Series 800
PCB connectors 2.54 mm
Single row / double row
Press-fit
Receptacles connectors, press-fit
Receptacles accept square pins
s
s 0.635 mm, and round pins
∅ 0.70–0.80 mm
With compliant pin for solderless mount into PCB
plated-thru holes
∅ 1 mm +0.09/–0.06 mm
For corresponding connectors see pages 30 to 35
New version with modified eye of the needle pin
Ordering information
Replace xxx with the number of poles, e.g. 803-93-xxx-65-001
for a double row version with 8 pins per row becomes:
803-93-016-65-001
(Older versions 801/803-..-...-61/62/63-001 please consult)
for PCB thickness 1.5 to
2.0 mm D = 2.80 mm
801-91-xxx-65-001
801-93-xxx-65-001
801-99-xxx-65-001
for PCB thickness 2.1 to
3.2 mm D = 3.80 mm
801-91-xxx-66-001
801-93-xxx-66-001
801-99-xxx-66-001
Press-fit receptacle: single row
Availability from: 1 to 50 contacts
Standard number of contacts 24,
28, 29, 30, 36, 42, 48, 50
New version with modified eye of
the needle pin
for PCB thickness 1.5 to
2.0 mm D = 2.80 mm
803-91-xxx-65-001
803-93-xxx-65-001
803-99-xxx-65-001
for PCB thickness 2.1 to
3.2 mm D = 3.80 mm
803-91-xxx-66-001
803-93-xxx-66-001
803-99-xxx-66-001
Press-fit receptacle: double row
Availability from: 4 to 100
contacts
Standard number of contacts 72
and 100
New version with modified eye of
the needle pin
Platings
Sleeve
Clip
Pin
91
5
µm Sn Pb
0.25
µm Au
93
5
µm Sn Pb
0.75
µm Au
99
5
µm Sn Pb
5
µm Sn Pb


Similar Part No. - 803-91-016-65-001

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
803-91-016-10-001 PREDIP-803-91-016-10-001 Datasheet
46Kb / 1P
   PCB connectors 2.54 mm Single row / double row / triple row Solder tail
803-91-016-10-002 PREDIP-803-91-016-10-002 Datasheet
54Kb / 1P
   PCB connectors 2.54 mm Single row / double row / triple row Solder tail
803-91-016-10-003 PREDIP-803-91-016-10-003 Datasheet
61Kb / 1P
   PCB connectors 2.54 mm Single row / double row Solder tail
803-91-016-10-004 PREDIP-803-91-016-10-004 Datasheet
57Kb / 1P
   PCB connectors 2.54 mm Single row / double row Wire-wrap / solder tail
803-91-016-10-005 PREDIP-803-91-016-10-005 Datasheet
61Kb / 1P
   PCB connectors 2.54 mm Single row / double row Solder tail
More results

Similar Description - 803-91-016-65-001

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
346-93-108-41-035 PREDIP-346-93-108-41-035 Datasheet
52Kb / 1P
   PCB connectors 2.54 mm Single row / Double row Press-fit
802-10-016-65-001 PREDIP-802-10-016-65-001 Datasheet
45Kb / 1P
   PCB connectors 2.54 mm Single row / double row Press-fit
714-91-108-31-012 PREDIP-714-91-108-31-012 Datasheet
62Kb / 1P
   PCB connectors carrier assemblies 2.54 mm Single row / double row Solder tail / press-fit
833-93-016-64-001 PREDIP-833-93-016-64-001 Datasheet
22Kb / 1P
   PCB connectors 2.0 mm Single row / double row Press-fit
451-10-216-00-001 PREDIP-451-10-216-00-001 Datasheet
59Kb / 1P
   PCB connectors 2.54 mm Single row / double row Solder tail
802-10-016-30-001 PREDIP-802-10-016-30-001 Datasheet
40Kb / 1P
   PCB connectors 2.54 mm Single row / double row Surface mount
802-10-016-20-001 PREDIP-802-10-016-20-001 Datasheet
45Kb / 1P
   PCB connectors 2.54 mm Single row / double row Solder tail
410-91-216-41-105 PREDIP-410-91-216-41-105 Datasheet
50Kb / 1P
   PCB connectors 2.54 mm Single row / double row Surface mount
499-93-216-10-009 PREDIP-499-93-216-10-009 Datasheet
39Kb / 1P
   PCB connectors 2.54 mm Single row / double row Solder tail
802-10-016-10-001 PREDIP-802-10-016-10-001 Datasheet
45Kb / 1P
   PCB connectors 2.54 mm Single row / double row Solder tail
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com