Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMZ1005F470CT000 Datasheet(PDF) 4 Page - TDK Electronics

Part # MMZ1005F470CT000
Description  Chip Beads For general signal line
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MMZ1005F470CT000 Datasheet(HTML) 4 Page - TDK Electronics

  MMZ1005F470CT000 Datasheet HTML 1Page - TDK Electronics MMZ1005F470CT000 Datasheet HTML 2Page - TDK Electronics MMZ1005F470CT000 Datasheet HTML 3Page - TDK Electronics MMZ1005F470CT000 Datasheet HTML 4Page - TDK Electronics MMZ1005F470CT000 Datasheet HTML 5Page - TDK Electronics MMZ1005F470CT000 Datasheet HTML 6Page - TDK Electronics MMZ1005F470CT000 Datasheet HTML 7Page - TDK Electronics MMZ1005F470CT000 Datasheet HTML 8Page - TDK Electronics MMZ1005F470CT000 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
(4/11)
20150203 / beads_commercial_signal_mmz1005_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
EMC Components
MMZ1005 Type
RECOMMENDED REFLOW PROFILE
Preheating
Soldering
Peak
Temp.
Time
Temp.
Time
Temp.
Time
T1
T2
t1
T3
t2
T4
t3
150°C
180°C
60 to 120s
230°C
30 to 60s
250 to 260°C
10s
Natural
cooling
t3
t1
Preheating
t2
Soldering
T3
T3
T4
T2
T1
t: Time
Peak


Similar Part No. - MMZ1005F470CT000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MMZ1005F470CT000 TDK-MMZ1005F470CT000 Datasheet
155Kb / 3P
   Chip Beads
More results

Similar Description - MMZ1005F470CT000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MMZ0603 TDK-MMZ0603 Datasheet
270Kb / 6P
   Chip beads For general signal line
MMZ2012 TDK-MMZ2012 Datasheet
276Kb / 7P
   Chip beads For general signal line
MMZ2012R600AT000 TDK-MMZ2012R600AT000 Datasheet
166Kb / 11P
   Chip Beads For general signal line
MPZ0603S220CT000 TDK-MPZ0603S220CT000 Datasheet
116Kb / 10P
   Chip Beads For general signal line
MMZ1608A182BTA00 TDK-MMZ1608A182BTA00 Datasheet
263Kb / 14P
   Chip Beads For general signal line
MMZ0402D220CT000 TDK-MMZ0402D220CT000 Datasheet
128Kb / 10P
   Chip Beads For general signal line
MZA1210 TDK-MZA1210 Datasheet
54Kb / 2P
   Chip Beads(SMD Array) For General Signal Line
MMZ2012Y202B TDK-MMZ2012Y202B Datasheet
915Kb / 29P
   Chip Beads For signal line
MZA1608 TDK-MZA1608 Datasheet
52Kb / 2P
   Chip Beads(SMD Array) For General Signal Line
KMZ1608-HR TDK-KMZ1608-HR Datasheet
262Kb / 7P
   Chip beads For general signal line Soft termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com