Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MHQ1005P12NGTD25 Datasheet(PDF) 8 Page - TDK Electronics

Part # MHQ1005P12NGTD25
Description  Inductors for High Frequency Circuits Multilayer Ceramic
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MHQ1005P12NGTD25 Datasheet(HTML) 8 Page - TDK Electronics

Back Button MHQ1005P12NGTD25 Datasheet HTML 4Page - TDK Electronics MHQ1005P12NGTD25 Datasheet HTML 5Page - TDK Electronics MHQ1005P12NGTD25 Datasheet HTML 6Page - TDK Electronics MHQ1005P12NGTD25 Datasheet HTML 7Page - TDK Electronics MHQ1005P12NGTD25 Datasheet HTML 8Page - TDK Electronics MHQ1005P12NGTD25 Datasheet HTML 9Page - TDK Electronics MHQ1005P12NGTD25 Datasheet HTML 10Page - TDK Electronics MHQ1005P12NGTD25 Datasheet HTML 11Page - TDK Electronics MHQ1005P12NGTD25 Datasheet HTML 12Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
(8/20)
INDUC
T
O
RS
20150105 / inductor_automotive_high-frequency_mhq1005p_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MHQ1005P Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
L measuring
frequency
Q
Q measuring
frequency
Self-resonant
frequency
DC resistance
Rated current
Part No.
(nH)
Tolerance
(MHz)
min.
(MHz)
(GHz)min.
(GHz)typ.
(
:)max. (:)typ.
(mA)max.
3.8
±0.1nH
100
23
250
5.0
7.9
0.10
0.07
900
MHQ1005P3N8BTD25
3.8
±0.2nH
100
23
250
5.0
7.9
0.10
0.07
900
MHQ1005P3N8CTD25
3.8
±0.3nH
100
23
250
5.0
7.9
0.10
0.07
900
MHQ1005P3N8STD25
3.9
±0.1nH
100
23
250
5.0
7.7
0.09
0.07
900
MHQ1005P3N9BTD25
3.9
±0.2nH
100
23
250
5.0
7.7
0.09
0.07
900
MHQ1005P3N9CTD25
3.9
±0.3nH
100
23
250
5.0
7.7
0.09
0.07
900
MHQ1005P3N9STD25
4.1
±0.1nH
100
23
250
5.0
7.7
0.10
0.07
800
MHQ1005P4N1BTD25
4.1
±0.2nH
100
23
250
5.0
7.7
0.10
0.07
800
MHQ1005P4N1CTD25
4.1
±0.3nH
100
23
250
5.0
7.7
0.10
0.07
800
MHQ1005P4N1STD25
4.3
±0.1nH
100
23
250
5.0
7.1
0.10
0.08
800
MHQ1005P4N3BTD25
4.3
±0.2nH
100
23
250
5.0
7.1
0.10
0.08
800
MHQ1005P4N3CTD25
4.3
±0.3nH
100
23
250
5.0
7.1
0.10
0.08
800
MHQ1005P4N3STD25
4.7
±0.1nH
100
23
250
5.0
7.7
0.11
0.08
800
MHQ1005P4N7BTD25
4.7
±0.2nH
100
23
250
5.0
7.7
0.11
0.08
800
MHQ1005P4N7CTD25
4.7
±0.3nH
100
23
250
5.0
7.7
0.11
0.08
800
MHQ1005P4N7STD25
5.1
±0.1nH
100
23
250
4.5
7.2
0.12
0.09
800
MHQ1005P5N1BTD25
5.1
±0.2nH
100
23
250
4.5
7.2
0.12
0.09
800
MHQ1005P5N1CTD25
5.1
±0.3nH
100
23
250
4.5
7.2
0.12
0.09
800
MHQ1005P5N1STD25
5.6
±0.1nH
100
23
250
4.5
6.5
0.13
0.10
800
MHQ1005P5N6BTD25
5.6
±0.2nH
100
23
250
4.5
6.5
0.13
0.10
800
MHQ1005P5N6CTD25
5.6
±0.3nH
100
23
250
4.5
6.5
0.13
0.10
800
MHQ1005P5N6STD25
5.8
±0.1nH
100
23
250
4.0
5.9
0.13
0.09
700
MHQ1005P5N8BTD25
5.8
±0.2nH
100
23
250
4.0
5.9
0.13
0.09
700
MHQ1005P5N8CTD25
5.8
±0.3nH
100
23
250
4.0
5.9
0.13
0.09
700
MHQ1005P5N8STD25
6.2
±0.1nH
100
23
250
4.0
5.9
0.13
0.09
700
MHQ1005P6N2BTD25
6.2
±0.2nH
100
23
250
4.0
5.9
0.13
0.09
700
MHQ1005P6N2CTD25
6.2
±0.3nH
100
23
250
4.0
5.9
0.13
0.09
700
MHQ1005P6N2STD25
6.8
±2%
100
23
250
4.0
5.8
0.14
0.10
700
MHQ1005P6N8GTD25
6.8
±3%
100
23
250
4.0
5.8
0.14
0.10
700
MHQ1005P6N8HTD25
6.8
±5%
100
23
250
4.0
5.8
0.14
0.10
700
MHQ1005P6N8JTD25
7.3
±2%
100
23
250
4.0
5.7
0.17
0.13
600
MHQ1005P7N3GTD25
7.3
±3%
100
23
250
4.0
5.7
0.17
0.13
600
MHQ1005P7N3HTD25
7.3
±5%
100
23
250
4.0
5.7
0.17
0.13
600
MHQ1005P7N3JTD25
7.5
±2%
100
23
250
4.0
5.6
0.16
0.12
600
MHQ1005P7N5GTD25
7.5
±3%
100
23
250
4.0
5.6
0.16
0.12
600
MHQ1005P7N5HTD25
7.5
±5%
100
23
250
4.0
5.6
0.16
0.12
600
MHQ1005P7N5JTD25
8.2
±2%
100
23
250
3.6
4.9
0.16
0.12
550
MHQ1005P8N2GTD25
8.2
±3%
100
23
250
3.6
4.9
0.16
0.12
550
MHQ1005P8N2HTD25
8.2
±5%
100
23
250
3.6
4.9
0.16
0.12
550
MHQ1005P8N2JTD25
8.7
±2%
100
23
250
3.5
4.7
0.17
0.13
550
MHQ1005P8N7GTD25
8.7
±3%
100
23
250
3.5
4.7
0.17
0.13
550
MHQ1005P8N7HTD25
8.7
±5%
100
23
250
3.5
4.7
0.17
0.13
550
MHQ1005P8N7JTD25
9.1
±2%
100
23
250
3.4
4.5
0.17
0.13
550
MHQ1005P9N1GTD25
9.1
±3%
100
23
250
3.4
4.5
0.17
0.13
550
MHQ1005P9N1HTD25
9.1
±5%
100
23
250
3.4
4.5
0.17
0.13
550
MHQ1005P9N1JTD25
Measurement item
Product No.
Manufacturer
L, Q
4291B+16193A
Agilent Technologies
Self-resonant frequency
8720C
Agilent Technologies
DC resistance
Type-7561
Yokogawa


Similar Part No. - MHQ1005P12NGTD25

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MHQ1005P12NGTD25 TDK-MHQ1005P12NGTD25 Datasheet
130Kb / 3P
   Inductors (Coils)
More results

Similar Description - MHQ1005P12NGTD25

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MHQ0402P0N2BT000 TDK-MHQ0402P0N2BT000 Datasheet
189Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603P1N1ST000 TDK-MLG0603P1N1ST000 Datasheet
182Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLK0603L10NJT000 TDK-MLK0603L10NJT000 Datasheet
119Kb / 10P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ0402P0N7CT000 TDK-MHQ0402P0N7CT000 Datasheet
189Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ0603P0N6BT000 TDK-MHQ0603P0N6BT000 Datasheet
175Kb / 16P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ1005P0N7BT000 TDK-MHQ1005P0N7BT000 Datasheet
208Kb / 20P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603S43NJTD25 TDK-MLG0603S43NJTD25 Datasheet
155Kb / 15P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG1005S0N3BT000 TDK-MLG1005S0N3BT000 Datasheet
239Kb / 16P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603S TDK-MLG0603S_13 Datasheet
3Mb / 24P
   Inductors for High Frequency Multilayer Ceramic
MHQ-P TDK-MHQ-P Datasheet
158Kb / 17P
   Inductors for High Frequency Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com