Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMZ1608R601ATA00 Datasheet(PDF) 5 Page - TDK Electronics

Part # MMZ1608R601ATA00
Description  Chip Beads For general signal line
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MMZ1608R601ATA00 Datasheet(HTML) 5 Page - TDK Electronics

  MMZ1608R601ATA00 Datasheet HTML 1Page - TDK Electronics MMZ1608R601ATA00 Datasheet HTML 2Page - TDK Electronics MMZ1608R601ATA00 Datasheet HTML 3Page - TDK Electronics MMZ1608R601ATA00 Datasheet HTML 4Page - TDK Electronics MMZ1608R601ATA00 Datasheet HTML 5Page - TDK Electronics MMZ1608R601ATA00 Datasheet HTML 6Page - TDK Electronics MMZ1608R601ATA00 Datasheet HTML 7Page - TDK Electronics MMZ1608R601ATA00 Datasheet HTML 8Page - TDK Electronics MMZ1608R601ATA00 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
(5/14)
20150203 / beads_commercial_signal_mmz1608_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
EMC Components
MMZ1608 Type
MATERIAL CHARACTERISTICS
B material: This type is perfectly suited for fast digital signals. By equalizing R components and X components that beads possess at a
frequency of 5MHz, it is able to suppress overshooting, undershooting and ringing of fast digital signals.
R material: For wide frequency applications calling for broad impedance characteristics. For digital signal line applications calling
requiring good waveform integrity. Impedance values selected for effectiveness at 10 to 200MHz.
S material: Standard type that features impedance characteristics similar to those of a typical ferrite core. For signal line applications in
which the blocking region is near 100MHz. Impedance values selected for effectiveness at 40 to 300MHz.
Y material: High frequency range type intended for the 100MHz region and above.
For signal line applications in which the signal frequency is far from the cutoff frequency. Impedance values selected for
effectiveness at 80 to 400MHz.
A material: This high-impedance product is based on the impedance frequency characteristics of our Y-material. The product offers
excellent impedance characteristics, which is greater than 2500
:, in the vicinity of 100MHz range (MMZ1608A252B).
Q material: For high-band applications designed for 100MHz and above. Impedance values selected for effectiveness at 100 to 800MHz.
D material: For applications calling for low insertion loss at low frequencies and sharply increasing impedance at high frequencies.
Designed for high impedance at high frequencies (300MHz to 1GHz) for signal line applications.
F material: This new product inherits the characteristic of our D-material, namely its sharp impedance rise time, and its impedance peak
frequency has been shifted higher into range. The product offers excellent noise suppression from 600MHz to as high as in
the GHz range.
TYPICAL MATERIAL IMPEDANCE CHARACTERISTICS
0
500
1000
1500
2000
2500
10
100
1000
Frequency(MHz)
B
R
S
A
Y
Q
D
F


Similar Part No. - MMZ1608R601ATA00

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MMZ1608R601A TDK-MMZ1608R601A Datasheet
222Kb / 8P
   Chip Beads(SMD) For Signal Line
MMZ1608R601A TDK-MMZ1608R601A Datasheet
98Kb / 6P
   Chip Beads(SMD) For Signal Line
More results

Similar Description - MMZ1608R601ATA00

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MMZ0603 TDK-MMZ0603 Datasheet
270Kb / 6P
   Chip beads For general signal line
MMZ2012 TDK-MMZ2012 Datasheet
276Kb / 7P
   Chip beads For general signal line
MMZ2012R600AT000 TDK-MMZ2012R600AT000 Datasheet
166Kb / 11P
   Chip Beads For general signal line
MPZ0603S220CT000 TDK-MPZ0603S220CT000 Datasheet
116Kb / 10P
   Chip Beads For general signal line
MMZ1005B121CT000 TDK-MMZ1005B121CT000 Datasheet
175Kb / 11P
   Chip Beads For general signal line
MMZ0402D220CT000 TDK-MMZ0402D220CT000 Datasheet
128Kb / 10P
   Chip Beads For general signal line
MZA1210 TDK-MZA1210 Datasheet
54Kb / 2P
   Chip Beads(SMD Array) For General Signal Line
MMZ2012Y202B TDK-MMZ2012Y202B Datasheet
915Kb / 29P
   Chip Beads For signal line
MZA1608 TDK-MZA1608 Datasheet
52Kb / 2P
   Chip Beads(SMD Array) For General Signal Line
KMZ1608-HR TDK-KMZ1608-HR Datasheet
262Kb / 7P
   Chip beads For general signal line Soft termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com