Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMZ1608R471ATA00 Datasheet(PDF) 8 Page - TDK Electronics

Part # MMZ1608R471ATA00
Description  Chip Beads For general signal line
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MMZ1608R471ATA00 Datasheet(HTML) 8 Page - TDK Electronics

Back Button MMZ1608R471ATA00 Datasheet HTML 4Page - TDK Electronics MMZ1608R471ATA00 Datasheet HTML 5Page - TDK Electronics MMZ1608R471ATA00 Datasheet HTML 6Page - TDK Electronics MMZ1608R471ATA00 Datasheet HTML 7Page - TDK Electronics MMZ1608R471ATA00 Datasheet HTML 8Page - TDK Electronics MMZ1608R471ATA00 Datasheet HTML 9Page - TDK Electronics MMZ1608R471ATA00 Datasheet HTML 10Page - TDK Electronics MMZ1608R471ATA00 Datasheet HTML 11Page - TDK Electronics MMZ1608R471ATA00 Datasheet HTML 12Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
(8/14)
20150203 / beads_commercial_signal_mmz1608_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
EMC Components
MMZ1608 Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
○ Measurement equipment
* Equivalent measurement equipment may be used.
Impedance
[100MHz]
DC resistance
(
:)max.
Rated current
(mA)max.
Thickness T
(mm)
Part No.
(
:)
Tolerance
5±2
:
0.05
700
0.8
MMZ1608D050CTA00
10
±5
:
0.10
500
0.6
MMZ1608D100CTAH0
22
±25%
0.20
500
0.6
MMZ1608D220CTAH0
50
±25%
0.25
500
0.6
MMZ1608D500CTAH0
80
±25%
0.30
500
0.6
MMZ1608D800CTAH0
80
±25%
0.30
500
0.8
MMZ1608D800BTA00
120
±25%
0.30
400
0.6
MMZ1608D121CTAH0
120
±25%
0.30
400
0.8
MMZ1608D121BTA00
240
±25%
0.60
300
0.8
MMZ1608D241CTA00
300
±25%
0.70
300
0.8
MMZ1608D301BTA00
3typ.
0.05
700
0.8
MMZ1608F030BTA00
47
±25%
0.40
500
0.8
MMZ1608F470BTA00
75
±25%
0.55
300
0.8
MMZ1608F750BTA00
120
±25%
0.75
200
0.8
MMZ1608F121BTA00
Measurement item
Product No.
Manufacturer
Impedance
E4991A+16192A
Agilent Technologies
DC resistance
Type-7556
Yokogawa


Similar Part No. - MMZ1608R471ATA00

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MMZ1608R471A TDK-MMZ1608R471A Datasheet
222Kb / 8P
   Chip Beads(SMD) For Signal Line
More results

Similar Description - MMZ1608R471ATA00

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MMZ0603 TDK-MMZ0603 Datasheet
270Kb / 6P
   Chip beads For general signal line
MMZ2012 TDK-MMZ2012 Datasheet
276Kb / 7P
   Chip beads For general signal line
MMZ2012R600AT000 TDK-MMZ2012R600AT000 Datasheet
166Kb / 11P
   Chip Beads For general signal line
MPZ0603S220CT000 TDK-MPZ0603S220CT000 Datasheet
116Kb / 10P
   Chip Beads For general signal line
MMZ1005B121CT000 TDK-MMZ1005B121CT000 Datasheet
175Kb / 11P
   Chip Beads For general signal line
MMZ0402D220CT000 TDK-MMZ0402D220CT000 Datasheet
128Kb / 10P
   Chip Beads For general signal line
MZA1210 TDK-MZA1210 Datasheet
54Kb / 2P
   Chip Beads(SMD Array) For General Signal Line
MMZ2012Y202B TDK-MMZ2012Y202B Datasheet
915Kb / 29P
   Chip Beads For signal line
MZA1608 TDK-MZA1608 Datasheet
52Kb / 2P
   Chip Beads(SMD Array) For General Signal Line
KMZ1608-HR TDK-KMZ1608-HR Datasheet
262Kb / 7P
   Chip beads For general signal line Soft termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com