Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZX5T853GTA Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZX5T853GTA
Description  NPN MEDIUM POWER LOW SATURATION TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZX5T853GTA Datasheet(HTML) 2 Page - Diodes Incorporated

  ZX5T853GTA Datasheet HTML 1Page - Diodes Incorporated ZX5T853GTA Datasheet HTML 2Page - Diodes Incorporated ZX5T853GTA Datasheet HTML 3Page - Diodes Incorporated ZX5T853GTA Datasheet HTML 4Page - Diodes Incorporated ZX5T853GTA Datasheet HTML 5Page - Diodes Incorporated ZX5T853GTA Datasheet HTML 6Page - Diodes Incorporated ZX5T853GTA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ZX5T853G
Datasheet Number: DS33422 Rev. 3 - 2
2 of 7
www.diodes.com
May 2015
© Diodes Incorporated
ZX5T853G
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
200
V
Collector-Emitter Voltage
VCEO
100
V
Emitter-Base Voltage
VEBO
7
V
Continuous Collector Current
IC
6
A
Peak Pulse Current
ICM
10
A
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation
Linear Derating Factor
(Note 5)
PD
3.0
24
W
mW/°C
(Note 6)
1.6
12.8
Thermal Resistance, Junction to Ambient
(Note 5)
RJA
42
°C/W
(Note 6)
RJA
78
Thermal Resistance Junction to Lead
(Note 7)
RJL
10.5
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
ESD Ratings (Note 8)
Characteristic
Symbol
Value
Unit
JEDEC Class
Electrostatic Discharge - Human Body Model
ESD HBM
4,000
V
3A
Electrostatic Discharge - Machine Model
ESD MM
400
V
C
Notes:
5. For a device surface mounted on 52mm x 52mm x 1.6mm FR4 PCB with high coverage of single sided 2oz copper, in still air conditions; the device is
measured when operating in a steady-state condition.
6. Same as Note 5, except the device is surface mounted on 25mm x 25mm with 1oz copper.
7. Thermal resistance from junction to solder-point (at the end of the collector lead).
8. Refer to JEDEC specification JESD22-A114 and JESD22-A115.


Similar Part No. - ZX5T853GTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZX5T853GTA ZETEX-ZX5T853GTA Datasheet
126Kb / 6P
   100V NPN LOW SAT MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZX5T853GTA DIODES-ZX5T853GTA Datasheet
136Kb / 6P
   100V NPN LOW SAT MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
More results

Similar Description - ZX5T853GTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN2007G DIODES-ZXTN2007G_16 Datasheet
437Kb / 7P
   30V NPN MEDIUM POWER LOW SATURATION TRANSISTOR
ZXTN2011G DIODES-ZXTN2011G_16 Datasheet
452Kb / 7P
   100V NPN MEDIUM POWER LOW SATURATION TRANSISTOR
ZXTN19100CG DIODES-ZXTN19100CG_15 Datasheet
503Kb / 7P
   100V NPN MEDIUM POWER LOW SATURATION TRANSISTOR
ZXTN19100CFF DIODES-ZXTN19100CFF_16 Datasheet
341Kb / 7P
   100V NPN MEDIUM POWER LOW SATURATION TRANSISTOR
ZXTN2010G DIODES-ZXTN2010G_16 Datasheet
489Kb / 7P
   60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR
ZXTN19060CG DIODES-ZXTN19060CG_15 Datasheet
487Kb / 7P
   60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR
ZXT1053AK DIODES-ZXT1053AK_15 Datasheet
250Kb / 7P
   75V NPN LOW SATURATION MEDIUM POWER TRANSISTOR
ZXTN2011G DIODES-ZXTN2011G_15 Datasheet
142Kb / 6P
   100V NPN LOW SATURATION MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Zetex Semiconductors
ZXTN2011G ZETEX-ZXTN2011G Datasheet
122Kb / 6P
   100V NPN LOW SATURATION MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZXTN2011G ZETEX-ZXTN2011G_06 Datasheet
135Kb / 6P
   100V NPN LOW SATURATION MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com