Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMZ1608A182BTA00 Datasheet(PDF) 11 Page - TDK Electronics

Part # MMZ1608A182BTA00
Description  Chip Beads For general signal line
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MMZ1608A182BTA00 Datasheet(HTML) 11 Page - TDK Electronics

Back Button MMZ1608A182BTA00 Datasheet HTML 6Page - TDK Electronics MMZ1608A182BTA00 Datasheet HTML 7Page - TDK Electronics MMZ1608A182BTA00 Datasheet HTML 8Page - TDK Electronics MMZ1608A182BTA00 Datasheet HTML 9Page - TDK Electronics MMZ1608A182BTA00 Datasheet HTML 10Page - TDK Electronics MMZ1608A182BTA00 Datasheet HTML 11Page - TDK Electronics MMZ1608A182BTA00 Datasheet HTML 12Page - TDK Electronics MMZ1608A182BTA00 Datasheet HTML 13Page - TDK Electronics MMZ1608A182BTA00 Datasheet HTML 14Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
(11/14)
20150203 / beads_commercial_signal_mmz1608_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
EMC Components
MMZ1608 Type
ELECTRICAL CHARACTERISTICS
Z, X, R VS. FREQUENCY CHARACTERISTICS
MMZ1608S800ATA00
MMZ1608S121ATA00
MMZ1608S181ATA00
MMZ1608S221ATA00
MMZ1608S301ATA00
MMZ1608S471ATA00
MMZ1608S601ATA00
MMZ1608S102ATA00
MMZ1608S202ATA00
MMZ1608Y150BTA00
MMZ1608Y300BTA00
MMZ1608Y600BTA00
MMZ1608Y121BTA00
MMZ1608Y221BTA00
MMZ1608Y301BTA00
Z
R
X
0
20
40
60
80
100
120
1
10
100
1000
10000
Frequency (MHz)
1
10
100
1000
10000
0
20
40
60
80
100
120
140
160
180
Frequency (MHz)
Z
R
X
10
100
1000
10000
Frequency (MHz)
0
50
100
150
200
250
300
R
Z
X
1
10
100
1000
10000
50
100
150
200
250
300
350
400
450
0
Frequency (MHz)
Z
R
X
0
50
100
150
200
250
300
1
10
100
1000
10000
Frequency (MHz)
Z
R
X
0
100
200
300
400
500
600
1
10
100
1000
10000
Frequency (MHz)
Z
R
X
1
10
100
1000
10000
0
100
200
300
400
500
600
700
Frequency (MHz)
X
Z
R
1
10
100
1000
10000
0
200
400
600
800
1000
1200
1400
Frequency (MHz)
Z
R
X
0
1
10
100
1000
10000
Frequency (MHz)
Z
R
X
500
1000
1500
2000
2500
3000
1
10
100
1000
10000
Frequency (MHz)
Z
R
X
0
10
20
30
40
50
60
1
10
100
1000
10000
0
5
10
15
20
25
Frequency (MHz)
Z
R
X
120
40
20
60
80
100
0
1
10
100
1000
10000
Z
R
X
Frequency (MHz)
1
10
100
1000
10000
Frequency (MHz)
Z
R
X
0
50
100
150
200
250
0
50
100
150
200
250
300
350
400
1
10
100
1000
10000
Frequency (MHz)
Z
R
X
0
100
200
300
400
500
600
1
10
100
1000
10000
Frequency (MHz)
Z
R
X


Similar Part No. - MMZ1608A182BTA00

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MMZ1608A182B TDK-MMZ1608A182B Datasheet
222Kb / 8P
   Chip Beads(SMD) For Signal Line
More results

Similar Description - MMZ1608A182BTA00

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MMZ0603 TDK-MMZ0603 Datasheet
270Kb / 6P
   Chip beads For general signal line
MMZ2012 TDK-MMZ2012 Datasheet
276Kb / 7P
   Chip beads For general signal line
MMZ2012R600AT000 TDK-MMZ2012R600AT000 Datasheet
166Kb / 11P
   Chip Beads For general signal line
MPZ0603S220CT000 TDK-MPZ0603S220CT000 Datasheet
116Kb / 10P
   Chip Beads For general signal line
MMZ1005B121CT000 TDK-MMZ1005B121CT000 Datasheet
175Kb / 11P
   Chip Beads For general signal line
MMZ0402D220CT000 TDK-MMZ0402D220CT000 Datasheet
128Kb / 10P
   Chip Beads For general signal line
MZA1210 TDK-MZA1210 Datasheet
54Kb / 2P
   Chip Beads(SMD Array) For General Signal Line
MMZ2012Y202B TDK-MMZ2012Y202B Datasheet
915Kb / 29P
   Chip Beads For signal line
MZA1608 TDK-MZA1608 Datasheet
52Kb / 2P
   Chip Beads(SMD Array) For General Signal Line
KMZ1608-HR TDK-KMZ1608-HR Datasheet
262Kb / 7P
   Chip beads For general signal line Soft termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com