Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLG0603S3N6STD25 Datasheet(PDF) 8 Page - TDK Electronics

Part # MLG0603S3N6STD25
Description  Inductors for High Frequency Circuits Multilayer Ceramic
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLG0603S3N6STD25 Datasheet(HTML) 8 Page - TDK Electronics

Back Button MLG0603S3N6STD25 Datasheet HTML 4Page - TDK Electronics MLG0603S3N6STD25 Datasheet HTML 5Page - TDK Electronics MLG0603S3N6STD25 Datasheet HTML 6Page - TDK Electronics MLG0603S3N6STD25 Datasheet HTML 7Page - TDK Electronics MLG0603S3N6STD25 Datasheet HTML 8Page - TDK Electronics MLG0603S3N6STD25 Datasheet HTML 9Page - TDK Electronics MLG0603S3N6STD25 Datasheet HTML 10Page - TDK Electronics MLG0603S3N6STD25 Datasheet HTML 11Page - TDK Electronics MLG0603S3N6STD25 Datasheet HTML 12Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
(8/15)
INDUC
T
O
RS
20150109 / inductor_automotive_high-frequency_mlg0603s_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MLG0603S Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
Please contact us for ±2% inductance tolerance (code G) products.
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
Q
L, Q measuring
frequency
Self-resonant
frequency
DC resistance
Rated current
Part No.
(nH)
Tolerance
min.
(MHz)
(GHz)min.
(GHz)typ.
(
:)max. (:)typ.
(mA)max.
20
±3%
6
100
2.1
2.6
1.2
0.75
150
MLG0603S20NHTD25
20
±5%
6
100
2.1
2.6
1.2
0.75
150
MLG0603S20NJTD25
22
±3%
6
100
2.0
2.5
1.2
0.88
150
MLG0603S22NHTD25
22
±5%
6
100
2.0
2.5
1.2
0.88
150
MLG0603S22NJTD25
24
±3%
6
100
1.9
2.3
1.3
0.90
150
MLG0603S24NHTD25
24
±5%
6
100
1.9
2.3
1.3
0.90
150
MLG0603S24NJTD25
27
±3%
6
100
1.8
2.2
1.5
1.00
100
MLG0603S27NHTD25
27
±5%
6
100
1.8
2.2
1.5
1.00
100
MLG0603S27NJTD25
30
±3%
6
100
1.6
2.0
1.6
0.95
100
MLG0603S30NHTD25
30
±5%
6
100
1.6
2.0
1.6
0.95
100
MLG0603S30NJTD25
33
±3%
6
100
1.6
2.0
1.8
1.20
100
MLG0603S33NHTD25
33
±5%
6
100
1.6
2.0
1.8
1.20
100
MLG0603S33NJTD25
36
±3%
6
100
1.5
1.8
2.0
1.68
50
MLG0603S36NHTD25
36
±5%
6
100
1.5
1.8
2.0
1.68
50
MLG0603S36NJTD25
39
±3%
6
100
1.4
1.6
2.0
1.40
50
MLG0603S39NHTD25
39
±5%
6
100
1.4
1.6
2.0
1.40
50
MLG0603S39NJTD25
43
±3%
6
100
1.3
1.6
2.2
1.91
50
MLG0603S43NHTD25
43
±5%
6
100
1.3
1.6
2.2
1.91
50
MLG0603S43NJTD25
47
±3%
6
100
1.3
1.5
2.2
1.48
50
MLG0603S47NHTD25
47
±5%
6
100
1.3
1.5
2.2
1.48
50
MLG0603S47NJTD25
51
±3%
5
100
1.2
1.5
2.8
1.98
50
MLG0603S51NHTD25
51
±5%
5
100
1.2
1.5
2.8
1.98
50
MLG0603S51NJTD25
56
±3%
5
100
1.2
1.4
3.2
2.11
50
MLG0603S56NHTD25
56
±5%
5
100
1.2
1.4
3.2
2.11
50
MLG0603S56NJTD25
62
±3%
5
100
1.1
1.3
3.3
2.22
50
MLG0603S62NHTD25
62
±5%
5
100
1.1
1.3
3.3
2.22
50
MLG0603S62NJTD25
68
±3%
5
100
1.1
1.2
3.5
2.40
50
MLG0603S68NHTD25
68
±5%
5
100
1.0
1.2
3.5
2.40
50
MLG0603S68NJTD25
75
±3%
5
100
1.0
1.2
3.8
2.67
50
MLG0603S75NHTD25
75
±5%
5
100
0.9
1.1
3.8
2.67
50
MLG0603S75NJTD25
82
±3%
5
100
0.9
1.1
4.0
2.80
50
MLG0603S82NHTD25
82
±5%
5
100
0.8
0.9
4.0
2.80
50
MLG0603S82NJTD25
91
±3%
5
100
0.8
0.9
4.3
2.97
50
MLG0603S91NHTD25
91
±5%
5
100
0.8
0.9
4.3
2.97
50
MLG0603S91NJTD25
100
±3%
5
100
0.8
0.9
4.5
3.13
50
MLG0603SR10HTD25
100
±5%
5
100
0.8
0.9
4.5
3.13
50
MLG0603SR10JTD25
110
±3%
5
100
0.8
0.9
6.5
5.24
50
MLG0603SR11HTD25
110
±5%
5
100
0.7
0.9
6.5
5.24
50
MLG0603SR11JTD25
120
±3%
5
100
0.7
0.9
7.0
5.53
50
MLG0603SR12HTD25
120
±5%
5
100
0.7
0.8
7.0
5.53
50
MLG0603SR12JTD25
130
±3%
5
100
0.7
0.8
7.3
5.68
50
MLG0603SR13HTD25
130
±5%
5
100
1.1
1.2
7.3
5.68
50
MLG0603SR13JTD25
150
±3%
5
100
0.64
0.77
8.0
6.24
50
MLG0603SR15HTD25
150
±5%
5
100
0.64
0.77
8.0
6.24
50
MLG0603SR15JTD25
160
±3%
5
100
0.60
0.73
8.3
6.67
50
MLG0603SR16HTD25
160
±5%
5
100
0.60
0.73
8.3
6.67
50
MLG0603SR16JTD25
180
±3%
5
100
0.56
0.68
8.5
6.99
50
MLG0603SR18HTD25
180
±5%
5
100
0.56
0.68
8.5
6.99
50
MLG0603SR18JTD25
Measurement item
Product No.
Manufacturer
L, Q
4291B+16197A
Agilent Technologies
Self-resonant frequency
8720C
Agilent Technologies
DC resistance
Type-7561
Yokogawa


Similar Part No. - MLG0603S3N6STD25

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLG0603S3N6STD25 TDK-MLG0603S3N6STD25 Datasheet
128Kb / 3P
   Inductors (Coils)
More results

Similar Description - MLG0603S3N6STD25

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MHQ0402P0N2BT000 TDK-MHQ0402P0N2BT000 Datasheet
189Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603P1N1ST000 TDK-MLG0603P1N1ST000 Datasheet
182Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ1005P15NGTD25 TDK-MHQ1005P15NGTD25 Datasheet
208Kb / 20P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLK0603L10NJT000 TDK-MLK0603L10NJT000 Datasheet
119Kb / 10P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ0402P0N7CT000 TDK-MHQ0402P0N7CT000 Datasheet
189Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ0603P0N6BT000 TDK-MHQ0603P0N6BT000 Datasheet
175Kb / 16P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ1005P0N7BT000 TDK-MHQ1005P0N7BT000 Datasheet
208Kb / 20P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG1005S0N3BT000 TDK-MLG1005S0N3BT000 Datasheet
239Kb / 16P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603S TDK-MLG0603S_13 Datasheet
3Mb / 24P
   Inductors for High Frequency Multilayer Ceramic
MHQ-P TDK-MHQ-P Datasheet
158Kb / 17P
   Inductors for High Frequency Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com