Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLG1005S2N2BT000 Datasheet(PDF) 7 Page - TDK Electronics

Part # MLG1005S2N2BT000
Description  Inductors for High Frequency Circuits Multilayer Ceramic
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLG1005S2N2BT000 Datasheet(HTML) 7 Page - TDK Electronics

Back Button MLG1005S2N2BT000 Datasheet HTML 3Page - TDK Electronics MLG1005S2N2BT000 Datasheet HTML 4Page - TDK Electronics MLG1005S2N2BT000 Datasheet HTML 5Page - TDK Electronics MLG1005S2N2BT000 Datasheet HTML 6Page - TDK Electronics MLG1005S2N2BT000 Datasheet HTML 7Page - TDK Electronics MLG1005S2N2BT000 Datasheet HTML 8Page - TDK Electronics MLG1005S2N2BT000 Datasheet HTML 9Page - TDK Electronics MLG1005S2N2BT000 Datasheet HTML 10Page - TDK Electronics MLG1005S2N2BT000 Datasheet HTML 11Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
(7/16)
INDUC
T
O
RS
20160521 / inductor_commercial_high-frequency_mlg1005s_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MLG1005S Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
Please contact us for ±2% inductance tolerance (code G) products.
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
Q
L, Q measuring
frequency
Self-resonant
frequency
DC resistance
Rated current
Part No.
(nH)
Tolerance
min.
(MHz)
(GHz)min.
(GHz)typ.
(
:)max. (:)typ.
(mA)max.
3.0
±0.1nH
7
100
5.5
6.8
0.2
0.09
800
MLG1005S3N0BT000
3.0
±0.2nH
7
100
5.5
6.8
0.20
0.09
800
MLG1005S3N0CT000
3.0
±0.3nH
7
100
5.5
6.8
0.20
0.09
800
MLG1005S3N0ST000
3.3
±0.1nH
8
100
5.0
6.1
0.20
0.09
800
MLG1005S3N3BT000
3.3
±0.2nH
8
100
5.0
6.1
0.20
0.09
800
MLG1005S3N3CT000
3.3
±0.3nH
8
100
5.0
6.1
0.20
0.09
800
MLG1005S3N3ST000
3.6
±0.1nH
8
100
5.0
6.7
0.20
0.09
700
MLG1005S3N6BT000
3.6
±0.2nH
8
100
5.0
6.7
0.20
0.09
700
MLG1005S3N6CT000
3.6
±0.3nH
8
100
5.0
6.7
0.20
0.09
700
MLG1005S3N6ST000
3.9
±0.1nH
8
100
5.0
6.5
0.20
0.11
700
MLG1005S3N9BT000
3.9
±0.2nH
8
100
5.0
6.5
0.20
0.11
700
MLG1005S3N9CT000
3.9
±0.3nH
8
100
5.0
6.5
0.20
0.11
700
MLG1005S3N9ST000
4.3
±0.2nH
8
100
4.5
6.0
0.20
0.11
700
MLG1005S4N3CT000
4.3
±0.3nH
8
100
4.5
6.0
0.20
0.11
700
MLG1005S4N3ST000
4.7
±0.2nH
8
100
4.5
5.4
0.25
0.12
700
MLG1005S4N7CT000
4.7
±0.3nH
8
100
4.5
5.4
0.25
0.12
700
MLG1005S4N7ST000
5.1
±0.2nH
8
100
4.0
5.0
0.25
0.13
600
MLG1005S5N1CT000
5.1
±0.3nH
8
100
4.0
5.0
0.25
0.13
600
MLG1005S5N1ST000
5.6
±0.2nH
8
100
4.0
5.3
0.25
0.14
600
MLG1005S5N6CT000
5.6
±0.3nH
8
100
4.0
5.3
0.25
0.14
600
MLG1005S5N6ST000
6.2
±0.3nH
8
100
4.0
4.7
0.25
0.16
600
MLG1005S6N2ST000
6.2
±3%
8
100
4.0
4.7
0.25
0.16
600
MLG1005S6N2HT000
6.8
±3%
8
100
3.5
4.4
0.25
0.15
600
MLG1005S6N8HT000
6.8
±5%
8
100
3.5
4.4
0.25
0.15
600
MLG1005S6N8JT000
7.5
±3%
8
100
3.0
4.1
0.25
0.15
500
MLG1005S7N5HT000
7.5
±5%
8
100
3.0
4.1
0.25
0.15
500
MLG1005S7N5JT000
8.2
±3%
8
100
3.0
4.0
0.30
0.19
500
MLG1005S8N2HT000
8.2
±5%
8
100
3.0
4.0
0.30
0.19
500
MLG1005S8N2JT000
9.1
±3%
8
100
3.0
3.8
0.30
0.20
500
MLG1005S9N1HT000
9.1
±5%
8
100
3.0
3.8
0.30
0.20
500
MLG1005S9N1JT000
10
±3%
8
100
2.5
3.4
0.35
0.22
500
MLG1005S10NHT000
10
±5%
8
100
2.5
3.4
0.35
0.22
500
MLG1005S10NJT000
11
±3%
8
100
2.5
3.5
0.40
0.28
400
MLG1005S11NHT000
11
±5%
8
100
2.5
3.5
0.40
0.28
400
MLG1005S11NJT000
12
±3%
8
100
2.5
3.0
0.40
0.25
400
MLG1005S12NHT000
12
±5%
8
100
2.5
3.0
0.40
0.25
400
MLG1005S12NJT000
13
±3%
8
100
2.4
2.9
0.50
0.26
400
MLG1005S13NHT000
13
±5%
8
100
2.4
2.9
0.50
0.26
400
MLG1005S13NJT000
15
±3%
8
100
2.2
2.8
0.55
0.35
400
MLG1005S15NHT000
15
±5%
8
100
2.2
2.8
0.55
0.35
400
MLG1005S15NJT000
16
±3%
8
100
2.1
2.7
0.55
0.32
400
MLG1005S16NHT000
16
±5%
8
100
2.1
2.7
0.55
0.32
400
MLG1005S16NJT000
18
±3%
8
100
2.0
2.5
0.60
0.40
350
MLG1005S18NHT000
18
±5%
8
100
2.0
2.5
0.60
0.40
350
MLG1005S18NJT000
20
±3%
8
100
1.9
2.4
0.60
0.38
350
MLG1005S20NHT000
20
±5%
8
100
1.9
2.4
0.60
0.38
350
MLG1005S20NJT000
22
±3%
8
100
1.7
2.2
0.70
0.46
350
MLG1005S22NHT000
22
±5%
8
100
1.7
2.2
0.70
0.46
350
MLG1005S22NJT000
Measurement item
Product No.
Manufacturer
L, Q
4291B +16193A
Keysight Technologies
Self-resonant frequency
8720C
Keysight Technologies
DC resistance
Type-7561
Yokogawa


Similar Part No. - MLG1005S2N2BT000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLG1005S2N2BT000 TDK-MLG1005S2N2BT000 Datasheet
129Kb / 3P
   Inductors (Coils)
MLG1005S2N2BT000 TDK-MLG1005S2N2BT000_17 Datasheet
129Kb / 3P
   Inductors (Coils)
More results

Similar Description - MLG1005S2N2BT000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MHQ0402P0N2BT000 TDK-MHQ0402P0N2BT000 Datasheet
189Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603P1N1ST000 TDK-MLG0603P1N1ST000 Datasheet
182Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ1005P15NGTD25 TDK-MHQ1005P15NGTD25 Datasheet
208Kb / 20P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLK0603L10NJT000 TDK-MLK0603L10NJT000 Datasheet
119Kb / 10P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ0402P0N7CT000 TDK-MHQ0402P0N7CT000 Datasheet
189Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ0603P0N6BT000 TDK-MHQ0603P0N6BT000 Datasheet
175Kb / 16P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ1005P0N7BT000 TDK-MHQ1005P0N7BT000 Datasheet
208Kb / 20P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603S43NJTD25 TDK-MLG0603S43NJTD25 Datasheet
155Kb / 15P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603S TDK-MLG0603S_13 Datasheet
3Mb / 24P
   Inductors for High Frequency Multilayer Ceramic
MHQ-P TDK-MHQ-P Datasheet
158Kb / 17P
   Inductors for High Frequency Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com