Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLG0603S2N0CTD25 Datasheet(PDF) 7 Page - TDK Electronics

Part # MLG0603S2N0CTD25
Description  Inductors for High Frequency Circuits Multilayer Ceramic
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLG0603S2N0CTD25 Datasheet(HTML) 7 Page - TDK Electronics

Back Button MLG0603S2N0CTD25 Datasheet HTML 3Page - TDK Electronics MLG0603S2N0CTD25 Datasheet HTML 4Page - TDK Electronics MLG0603S2N0CTD25 Datasheet HTML 5Page - TDK Electronics MLG0603S2N0CTD25 Datasheet HTML 6Page - TDK Electronics MLG0603S2N0CTD25 Datasheet HTML 7Page - TDK Electronics MLG0603S2N0CTD25 Datasheet HTML 8Page - TDK Electronics MLG0603S2N0CTD25 Datasheet HTML 9Page - TDK Electronics MLG0603S2N0CTD25 Datasheet HTML 10Page - TDK Electronics MLG0603S2N0CTD25 Datasheet HTML 11Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
(7/15)
INDUC
T
O
RS
20150109 / inductor_automotive_high-frequency_mlg0603s_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MLG0603S Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
Please contact us for ±2% inductance tolerance (code G) products.
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
Q
L, Q measuring
frequency
Self-resonant
frequency
DC resistance
Rated current
Part No.
(nH)
Tolerance
min.
(MHz)
(GHz)min.
(GHz)typ.
(
:)max. (:)typ.
(mA)max.
2.7
±0.1nH
4
100
6.5
8.1
0.25
0.15
300
MLG0603S2N7BTD25
2.7
±0.2nH
4
100
6.5
8.1
0.25
0.15
300
MLG0603S2N7CTD25
2.7
±0.3nH
4
100
6.5
8.1
0.25
0.15
300
MLG0603S2N7STD25
3.0
±0.1nH
4
100
6.2
7.8
0.3
0.20
300
MLG0603S3N0BTD25
3.0
±0.2nH
4
100
6.2
7.8
0.3
0.20
300
MLG0603S3N0CTD25
3.0
±0.3nH
4
100
6.2
7.8
0.3
0.20
300
MLG0603S3N0STD25
3.3
±0.1nH
4
100
5.8
7.0
0.35
0.23
300
MLG0603S3N3BTD25
3.3
±0.2nH
4
100
5.8
7.0
0.35
0.23
300
MLG0603S3N3CTD25
3.3
±0.3nH
4
100
5.8
7.0
0.35
0.23
300
MLG0603S3N3STD25
3.6
±0.1nH
4
100
5.5
6.9
0.35
0.22
300
MLG0603S3N6BTD25
3.6
±0.2nH
4
100
5.5
6.9
0.35
0.22
300
MLG0603S3N6CTD25
3.6
±0.3nH
4
100
5.5
6.9
0.35
0.22
300
MLG0603S3N6STD25
3.9
±0.1nH
5
100
5.0
6.6
0.4
0.27
300
MLG0603S3N9BTD25
3.9
±0.2nH
5
100
5.0
6.6
0.4
0.27
300
MLG0603S3N9CTD25
3.9
±0.3nH
5
100
5.0
6.6
0.4
0.27
300
MLG0603S3N9STD25
4.3
±0.3nH
5
100
5.0
6.4
0.4
0.27
300
MLG0603S4N3STD25
4.3
±3%
5
100
5.0
6.4
0.4
0.27
300
MLG0603S4N3HTD25
4.7
±0.3nH
5
100
4.5
5.4
0.45
0.28
300
MLG0603S4N7STD25
4.7
±3%
5
100
4.5
5.4
0.45
0.28
300
MLG0603S4N7HTD25
5.1
±0.3nH
5
100
4.5
5.5
0.45
0.23
250
MLG0603S5N1STD25
5.1
±3%
5
100
4.5
5.5
0.45
0.23
250
MLG0603S5N1HTD25
5.6
±0.3nH
5
100
4.2
5.3
0.5
0.31
250
MLG0603S5N6STD25
5.6
±3%
5
100
4.2
5.3
0.5
0.31
250
MLG0603S5N6HTD25
6.2
±0.3nH
5
100
4.2
5.1
0.55
0.32
250
MLG0603S6N2STD25
6.2
±3%
5
100
4.2
5.1
0.55
0.32
250
MLG0603S6N2HTD25
6.8
±3%
5
100
3.6
4.4
0.6
0.32
250
MLG0603S6N8HTD25
6.8
±5%
5
100
3.6
4.4
0.6
0.32
250
MLG0603S6N8JTD25
7.5
±3%
5
100
4.2
5.3
0.7
0.43
200
MLG0603S7N5HTD25
7.5
±5%
5
100
4.2
5.3
0.7
0.43
200
MLG0603S7N5JTD25
8.2
±3%
5
100
3.8
4.5
0.7
0.45
200
MLG0603S8N2HTD25
8.2
±5%
5
100
3.8
4.5
0.7
0.45
200
MLG0603S8N2JTD25
9.1
±3%
5
100
3.4
4.9
0.8
0.51
200
MLG0603S9N1HTD25
9.1
±5%
5
100
3.4
4.9
0.8
0.51
200
MLG0603S9N1JTD25
10
±3%
5
100
3.2
4.1
0.8
0.53
200
MLG0603S10NHTD25
10
±5%
5
100
3.2
4.1
0.8
0.53
200
MLG0603S10NJTD25
11
±3%
6
100
3.0
3.7
0.8
0.53
200
MLG0603S11NHTD25
11
±5%
6
100
3.0
3.7
0.8
0.53
200
MLG0603S11NJTD25
12
±3%
6
100
2.8
3.6
0.9
0.63
180
MLG0603S12NHTD25
12
±5%
6
100
2.8
3.6
0.9
0.63
180
MLG0603S12NJTD25
13
±3%
6
100
2.7
3.4
0.9
0.60
180
MLG0603S13NHTD25
13
±5%
6
100
2.7
3.4
0.9
0.60
180
MLG0603S13NJTD25
15
±3%
6
100
2.5
3.3
1.1
0.69
180
MLG0603S15NHTD25
15
±5%
6
100
2.5
3.3
1.1
0.69
180
MLG0603S15NJTD25
16
±3%
6
100
2.3
3.0
1.1
0.70
180
MLG0603S16NHTD25
16
±5%
6
100
2.3
3.0
1.1
0.70
180
MLG0603S16NJTD25
18
±3%
6
100
2.2
2.8
1.2
0.78
150
MLG0603S18NHTD25
18
±5%
6
100
2.2
2.8
1.2
0.78
150
MLG0603S18NJTD25
Measurement item
Product No.
Manufacturer
L, Q
4291B+16197A
Agilent Technologies
Self-resonant frequency
8720C
Agilent Technologies
DC resistance
Type-7561
Yokogawa


Similar Part No. - MLG0603S2N0CTD25

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLG0603S2N0CTD25 TDK-MLG0603S2N0CTD25 Datasheet
128Kb / 3P
   Inductors (Coils)
More results

Similar Description - MLG0603S2N0CTD25

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MHQ0402P0N2BT000 TDK-MHQ0402P0N2BT000 Datasheet
189Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603P1N1ST000 TDK-MLG0603P1N1ST000 Datasheet
182Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ1005P15NGTD25 TDK-MHQ1005P15NGTD25 Datasheet
208Kb / 20P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLK0603L10NJT000 TDK-MLK0603L10NJT000 Datasheet
119Kb / 10P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ0402P0N7CT000 TDK-MHQ0402P0N7CT000 Datasheet
189Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ0603P0N6BT000 TDK-MHQ0603P0N6BT000 Datasheet
175Kb / 16P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ1005P0N7BT000 TDK-MHQ1005P0N7BT000 Datasheet
208Kb / 20P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG1005S0N3BT000 TDK-MLG1005S0N3BT000 Datasheet
239Kb / 16P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603S TDK-MLG0603S_13 Datasheet
3Mb / 24P
   Inductors for High Frequency Multilayer Ceramic
MHQ-P TDK-MHQ-P Datasheet
158Kb / 17P
   Inductors for High Frequency Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com