Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLG1005S1N1ST000 Datasheet(PDF) 8 Page - TDK Electronics

Part # MLG1005S1N1ST000
Description  Inductors for High Frequency Circuits Multilayer Ceramic
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLG1005S1N1ST000 Datasheet(HTML) 8 Page - TDK Electronics

Back Button MLG1005S1N1ST000 Datasheet HTML 4Page - TDK Electronics MLG1005S1N1ST000 Datasheet HTML 5Page - TDK Electronics MLG1005S1N1ST000 Datasheet HTML 6Page - TDK Electronics MLG1005S1N1ST000 Datasheet HTML 7Page - TDK Electronics MLG1005S1N1ST000 Datasheet HTML 8Page - TDK Electronics MLG1005S1N1ST000 Datasheet HTML 9Page - TDK Electronics MLG1005S1N1ST000 Datasheet HTML 10Page - TDK Electronics MLG1005S1N1ST000 Datasheet HTML 11Page - TDK Electronics MLG1005S1N1ST000 Datasheet HTML 12Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
(8/16)
INDUC
T
O
RS
20160521 / inductor_commercial_high-frequency_mlg1005s_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MLG1005S Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
Please contact us for ±2% inductance tolerance (code G) products.
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
Q
L, Q measuring
frequency
Self-resonant
frequency
DC resistance
Rated current
Part No.
(nH)
Tolerance
min.
(MHz)
(GHz)min.
(GHz)typ.
(
:)max. (:)typ.
(mA)max.
24
±3%
8
100
1.7
2.1
0.70
0.43
350
MLG1005S24NHT000
24
±5%
8
100
1.7
2.1
0.70
0.43
350
MLG1005S24NJT000
27
±3%
8
100
1.6
2.0
0.80
0.53
300
MLG1005S27NHT000
27
±5%
8
100
1.6
2.0
0.80
0.53
300
MLG1005S27NJT000
30
±3%
8
100
1.5
1.9
0.80
0.50
300
MLG1005S30NHT000
30
±5%
8
100
1.5
1.9
0.80
0.50
300
MLG1005S30NJT000
33
±3%
8
100
1.4
1.8
0.90
0.59
300
MLG1005S33NHT000
33
±5%
8
100
1.4
1.8
0.90
0.59
300
MLG1005S33NJT000
36
±3%
8
100
1.3
1.7
1.00
0.62
250
MLG1005S36NHT000
36
±5%
8
100
1.3
1.7
1.00
0.62
250
MLG1005S36NJT000
39
±3%
8
100
1.2
1.6
1.00
0.65
250
MLG1005S39NHT000
39
±5%
8
100
1.2
1.6
1.00
0.65
250
MLG1005S39NJT000
43
±3%
8
100
1.2
1.6
1.10
0.67
250
MLG1005S43NHT000
43
±5%
8
100
1.2
1.6
1.10
0.67
250
MLG1005S43NJT000
47
±3%
8
100
1.1
1.4
1.20
0.75
250
MLG1005S47NHT000
47
±5%
8
100
1.1
1.4
1.20
0.75
250
MLG1005S47NJT000
51
±3%
8
100
1.1
1.5
1.20
0.72
250
MLG1005S51NHT000
51
±5%
8
100
1.1
1.5
1.20
0.72
250
MLG1005S51NJT000
56
±3%
8
100
1.0
1.3
1.30
0.83
200
MLG1005S56NHT000
56
±5%
8
100
1.0
1.3
1.30
0.83
200
MLG1005S56NJT000
62
±3%
8
100
1.0
1.3
1.40
0.85
200
MLG1005S62NHT000
62
±5%
8
100
1.0
1.3
1.40
0.85
200
MLG1005S62NJT000
68
±3%
8
100
0.8
1.1
1.50
0.87
200
MLG1005S68NHT000
68
±5%
8
100
0.8
1.1
1.50
0.87
200
MLG1005S68NJT000
75
±3%
8
100
0.75
1.1
1.50
0.93
200
MLG1005S75NHT000
75
±5%
8
100
0.75
1.1
1.50
0.93
200
MLG1005S75NJT000
82
±3%
8
100
0.7
1.0
1.60
1.01
200
MLG1005S82NHT000
82
±5%
8
100
0.7
1.0
1.60
1.01
200
MLG1005S82NJT000
91
±3%
8
100
0.7
0.9
1.80
1.14
200
MLG1005S91NHT000
91
±5%
8
100
0.7
0.9
1.80
1.14
200
MLG1005S91NJT000
100
±3%
8
100
0.7
0.9
2.00
1.37
200
MLG1005SR10HT000
100
±5%
8
100
0.7
0.9
2.00
1.37
200
MLG1005SR10JT000
110
±3%
8
100
0.7
0.9
2.20
1.48
150
MLG1005SR11HT000
110
±5%
8
100
0.7
0.9
2.20
1.48
150
MLG1005SR11JT000
120
±3%
8
100
0.6
0.8
2.20
1.48
150
MLG1005SR12HT000
120
±5%
8
100
0.6
0.8
2.20
1.48
150
MLG1005SR12JT000
130
±3%
8
100
0.6
0.8
2.50
1.68
150
MLG1005SR13HT000
130
±5%
8
100
0.6
0.8
2.50
1.68
150
MLG1005SR13JT000
150
±3%
8
100
0.55
0.7
3.50
2.44
150
MLG1005SR15HT000
150
±5%
8
100
0.55
0.7
3.50
2.44
150
MLG1005SR15JT000
160
±3%
8
100
0.5
0.6
3.80
2.74
150
MLG1005SR16HT000
160
±5%
8
100
0.5
0.6
3.80
2.74
150
MLG1005SR16JT000
180
±3%
8
100
0.5
0.6
3.80
2.88
150
MLG1005SR18HT000
180
±5%
8
100
0.5
0.6
3.80
2.88
150
MLG1005SR18JT000
200
±3%
8
100
0.42
0.5
4.20
3.15
100
MLG1005SR20HT000
200
±5%
8
100
0.42
0.5
4.20
3.15
100
MLG1005SR20JT000
220
±3%
8
100
0.45
0.5
4.20
3.02
100
MLG1005SR22HT000
220
±5%
8
100
0.45
0.5
4.20
3.02
100
MLG1005SR22JT000
Measurement item
Product No.
Manufacturer
L, Q
4291B +16193A
Keysight Technologies
Self-resonant frequency
8720C
Keysight Technologies
DC resistance
Type-7561
Yokogawa


Similar Part No. - MLG1005S1N1ST000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLG1005S1N1ST000 TDK-MLG1005S1N1ST000 Datasheet
130Kb / 3P
   Inductors (Coils)
MLG1005S1N1ST000 TDK-MLG1005S1N1ST000_17 Datasheet
130Kb / 3P
   Inductors (Coils)
More results

Similar Description - MLG1005S1N1ST000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MHQ0402P0N2BT000 TDK-MHQ0402P0N2BT000 Datasheet
189Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603P1N1ST000 TDK-MLG0603P1N1ST000 Datasheet
182Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ1005P15NGTD25 TDK-MHQ1005P15NGTD25 Datasheet
208Kb / 20P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLK0603L10NJT000 TDK-MLK0603L10NJT000 Datasheet
119Kb / 10P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ0402P0N7CT000 TDK-MHQ0402P0N7CT000 Datasheet
189Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ0603P0N6BT000 TDK-MHQ0603P0N6BT000 Datasheet
175Kb / 16P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ1005P0N7BT000 TDK-MHQ1005P0N7BT000 Datasheet
208Kb / 20P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603S43NJTD25 TDK-MLG0603S43NJTD25 Datasheet
155Kb / 15P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603S TDK-MLG0603S_13 Datasheet
3Mb / 24P
   Inductors for High Frequency Multilayer Ceramic
MHQ-P TDK-MHQ-P Datasheet
158Kb / 17P
   Inductors for High Frequency Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com