Electronic Components Datasheet Search |
|
DF13B-20DP-1.25V Datasheet(PDF) 2 Page - Hirose Electric |
|
DF13B-20DP-1.25V Datasheet(HTML) 2 Page - Hirose Electric |
2 / 11 page B184 sProduct Specifications Rating Current rating 1A Operating Temperature Range: -35 to +85ç (Note 1) Storage Temperature Range: -10 to +60ç (Note 2) Voltage rating 150V AC Operating Moisture Range: 40 to 80% Storage Moisture Range: 40 to 70% (Note 2) Note 1: Includes temperature rise caused by current flow. Note 2: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature Range and Humidity range covers non conducting condition of installed connectors in storage, shipment or during transportation. sMaterial Product Part Material Finish Remarks Item Specification Condition 1.Insulation Resistance 500M ohms min. 100V DC 2.Withstanding voltage No flashover or insulation breakdown. 500V AC/1 minute 3.Contact Resistance 30m ohms max. 100mA 4.Single Insertion/Extraction Force 0.3N (30gf) min., 3N (300gf) max. Measured at the square steel pin of 0.35±0.002mm 5.Vibration No electrical discontinuity of 1µs or more Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 2 hours in each of the 3 directions. 6.Humidity (Steady state) Contact resistance: 30m ohms max. Insulation resistance: 500M ohms min. 96 hours at temperature of 40ç and humidity of 90% to 95% 7.Temperature Cycle Contact resistance: 30m ohms max. Insulation resistance: 500M ohms min. (-55ç: 30 minutes➝ 5 to 35ç: 10 minutes➝ 85ç: 30 minutes➝ 5 to 35ç: 10 minutes) 5 cycles 8.Durability (Mating/un-mating) Contact resistance: 30m ohms max. Tin plating: 30 cycles Gold plating: 50 cycles 9.Resistance to Soldering heat No deformation of components affecting performance. Flow: 250ç for 10 seconds Manual soldering: 300ç for 3 seconds Reflow: At the recommended temperature profile Manual soldering: 300ç for 3 seconds Crimping Socket Insulator Polyamide Beige UL94V-0 Crimping Contact for Socket Contact Phosphor copper Tin plated or gold plated ---- Pin Header (Through hole) Insulator Polyamide Beige UL94V-0 Contact Brass Tin plated ---- Insulator Polyamide Beige UL94V-0 Pin Header (SMT) Contact Brass Tin plated or gold plated ---- Metal Fitting Phosphor copper Tin plated ---- sOrdering Information DF13 # - * S - 1.25 C qe wr t y e Number of Contacts r Single row: 2 to 12, 14, 15 r Double row: 10, 20, 30, 40 r Connector Type t S: Single row socket / P: Single row pin header t DS: Double row socket / DP: Double row pin header t Contact Pitch: 1.25mm y Contact Type C : Crimping socket / DSA : Straight through hole DS : Right angle through hole / V : Straight SMT H : Right angle SMT q Series Name : DF13 w Style Symbol : Blank: With boss A: Without boss B: Without boss, embossed tape type C: Without boss, embossed tape type qConnector qContact V Type q Applicable Cable Size 2630: AWG26 to 30 w Packaging Type SCF: Socket Contact/Reel e Plating Type Blank: Tin plated A : Gold plated DF 13 - 2630 SCF A qw e |
Similar Part No. - DF13B-20DP-1.25V |
|