Electronic Components Datasheet Search |
|
MHQ0402P13NJT000 Datasheet(PDF) 7 Page - TDK Electronics |
|
MHQ0402P13NJT000 Datasheet(HTML) 7 Page - TDK Electronics |
7 / 17 page (7/17) INDUC T O RS 20150105 / inductor_commercial_high-frequency_mhq0402p_en.fm Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use. Please note that the contents may change without any prior notice due to reasons such as upgrading. MHQ0402P Type ELECTRICAL CHARACTERISTICS CHARACTERISTICS SPECIFICATION TABLE ・ Short bar residual inductance =0.11nH ○ Measurement equipment * Equivalent measurement equipment may be used. L L measuring frequency Q Q measuring frequency Self-resonant frequency DC resistance Rated current Part No. (nH) Tolerance (MHz) min. (MHz) (GHz)min. (GHz)typ. ( :)max. (:)typ. (mA)max. 1.6 ±0.1nH 500 10 500 8.0 11.1 0.3 0.14 320 MHQ0402P1N6BT000 1.6 ±0.2nH 500 10 500 8.0 11.1 0.3 0.14 320 MHQ0402P1N6CT000 1.6 ±0.3nH 500 10 500 8.0 11.1 0.3 0.14 320 MHQ0402P1N6ST000 1.7 ±0.1nH 500 10 500 8.0 10.7 0.3 0.15 320 MHQ0402P1N7BT000 1.7 ±0.2nH 500 10 500 8.0 10.7 0.3 0.15 320 MHQ0402P1N7CT000 1.7 ±0.3nH 500 10 500 8.0 10.7 0.3 0.15 320 MHQ0402P1N7ST000 1.8 ±0.1nH 500 10 500 8.0 10.6 0.3 0.19 250 MHQ0402P1N8BT000 1.8 ±0.2nH 500 10 500 8.0 10.6 0.3 0.19 250 MHQ0402P1N8CT000 1.8 ±0.3nH 500 10 500 8.0 10.6 0.3 0.19 250 MHQ0402P1N8ST000 1.9 ±0.1nH 500 10 500 8.0 10.6 0.4 0.25 250 MHQ0402P1N9BT000 1.9 ±0.2nH 500 10 500 8.0 10.6 0.4 0.25 250 MHQ0402P1N9CT000 1.9 ±0.3nH 500 10 500 8.0 10.6 0.4 0.25 250 MHQ0402P1N9ST000 2.0 ±0.1nH 500 10 500 8.0 10.5 0.4 0.29 250 MHQ0402P2N0BT000 2.0 ±0.2nH 500 10 500 8.0 10.5 0.4 0.29 250 MHQ0402P2N0CT000 2.0 ±0.3nH 500 10 500 8.0 10.5 0.4 0.29 250 MHQ0402P2N0ST000 2.1 ±0.1nH 500 10 500 6.0 8.9 0.4 0.20 250 MHQ0402P2N1BT000 2.1 ±0.2nH 500 10 500 6.0 8.9 0.4 0.20 250 MHQ0402P2N1CT000 2.1 ±0.3nH 500 10 500 6.0 8.9 0.4 0.20 250 MHQ0402P2N1ST000 2.2 ±0.1nH 500 10 500 6.0 8.8 0.4 0.20 250 MHQ0402P2N2BT000 2.2 ±0.2nH 500 10 500 6.0 8.8 0.4 0.20 250 MHQ0402P2N2CT000 2.2 ±0.3nH 500 10 500 6.0 8.8 0.4 0.20 250 MHQ0402P2N2ST000 2.3 ±0.1nH 500 10 500 6.0 8.4 0.4 0.17 200 MHQ0402P2N3BT000 2.3 ±0.2nH 500 10 500 6.0 8.4 0.4 0.17 200 MHQ0402P2N3CT000 2.3 ±0.3nH 500 10 500 6.0 8.4 0.4 0.17 200 MHQ0402P2N3ST000 2.4 ±0.1nH 500 10 500 6.0 8.6 0.4 0.20 200 MHQ0402P2N4BT000 2.4 ±0.2nH 500 10 500 6.0 8.6 0.4 0.20 200 MHQ0402P2N4CT000 2.4 ±0.3nH 500 10 500 6.0 8.6 0.4 0.20 200 MHQ0402P2N4ST000 2.5 ±0.1nH 500 10 500 6.0 8.3 0.4 0.20 200 MHQ0402P2N5BT000 2.5 ±0.2nH 500 10 500 6.0 8.3 0.4 0.20 200 MHQ0402P2N5CT000 2.5 ±0.3nH 500 10 500 6.0 8.3 0.4 0.20 200 MHQ0402P2N5ST000 2.6 ±0.1nH 500 10 500 6.0 8.6 0.4 0.21 200 MHQ0402P2N6BT000 2.6 ±0.2nH 500 10 500 6.0 8.6 0.4 0.21 200 MHQ0402P2N6CT000 2.6 ±0.3nH 500 10 500 6.0 8.6 0.4 0.21 200 MHQ0402P2N6ST000 2.7 ±0.1nH 500 10 500 6.0 8.0 0.4 0.21 200 MHQ0402P2N7BT000 2.7 ±0.2nH 500 10 500 6.0 8.0 0.4 0.21 200 MHQ0402P2N7CT000 2.7 ±0.3nH 500 10 500 6.0 8.0 0.4 0.21 200 MHQ0402P2N7ST000 2.8 ±0.1nH 500 10 500 6.0 8.0 0.4 0.19 200 MHQ0402P2N8BT000 2.8 ±0.2nH 500 10 500 6.0 8.0 0.4 0.19 200 MHQ0402P2N8CT000 2.8 ±0.3nH 500 10 500 6.0 8.0 0.4 0.19 200 MHQ0402P2N8ST000 2.9 ±0.1nH 500 10 500 6.0 8.3 0.4 0.22 200 MHQ0402P2N9BT000 Measurement item Product No. Manufacturer L, Q 4991A+16196D Agilent Technologies Self-resonant frequency 8720C Agilent Technologies DC resistance 4338A Yokogawa |
Similar Part No. - MHQ0402P13NJT000 |
|
Similar Description - MHQ0402P13NJT000 |