Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

802-10-016-66-001 Datasheet(PDF) 1 Page - Precid-Dip Durtal SA

Part # 802-10-016-66-001
Description  PCB connectors 2.54 mm Single row / double row Press-fit
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREDIP [Precid-Dip Durtal SA]
Direct Link  http://www.precidip.com
Logo PREDIP - Precid-Dip Durtal SA

802-10-016-66-001 Datasheet(HTML) 1 Page - Precid-Dip Durtal SA

  802-10-016-66-001 Datasheet HTML 1Page - Precid-Dip Durtal SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
33
Series 800
PCB connectors 2.54 mm
Single row / double row
Press-fit
Pin connectors, press-fit
Pin connectors with screw-machined
pin
∅ 0.76 mm
With compliant pin for solderless mount into PCB
plated-thru holes
∅ 1 mm +0.09/–0.06 mm
For corresponding connectors see pages 22 to 29
New version with modified eye of the needle pin
Ordering information
Replace xxx with the number of poles, e.g. 802-10-xxx-65-001
for a double row version with 8 pins per row becomes:
802-10-016-65-001
(Older versions 800/802-..-...-61/62-001 please consult)
for PCB thickness 1.5 to
2.0 mm D = 2.80 mm
800-10-xxx-65-001
800-90-xxx-65-001
for PCB thickness 2.1 to
3.2 mm D = 3.80 mm
800-10-xxx-66-001
800-90-xxx-66-001
Press-fit pin connector: single
row
Availability from: 1 to 64 contacts
Standard number of contacts 5,
6, 8, 10, 14, 16, 20, 21, 25, 30,
32, 48, 56, 60, 64
New version with modified eye of
the needle pin
for PCB thickness 1.5 to
2.0 mm D = 2.80 mm
802-10-xxx-65-001
802-90-xxx-65-001
for PCB thickness 2.1 to
3.2 mm D = 3.80 mm
802-10-xxx-66-001
802-90-xxx-66-001
Press-fit pin connector: double
row
Availability from: 4 to 72 contacts
Standard number of contacts 40,
44, 56, 64, 72
New version with modified eye of
the needle pin
Platings
Sleeve
Clip
Pin
10
0.25
µm Au
90
5
µm Sn Pb


Similar Part No. - 802-10-016-66-001

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
802-10-016-10-001 PREDIP-802-10-016-10-001 Datasheet
45Kb / 1P
   PCB connectors 2.54 mm Single row / double row Solder tail
802-10-016-10-002 PREDIP-802-10-016-10-002 Datasheet
45Kb / 1P
   PCB connectors 2.54 mm Single row / double row Solder tail
802-10-016-20-001 PREDIP-802-10-016-20-001 Datasheet
45Kb / 1P
   PCB connectors 2.54 mm Single row / double row Solder tail
802-10-016-30-001 PREDIP-802-10-016-30-001 Datasheet
40Kb / 1P
   PCB connectors 2.54 mm Single row / double row Surface mount
802-10-016-30-507101 PREDIP-802-10-016-30-507101 Datasheet
19Kb / 2P
   SPRING-LOADED CONNECTORS & PAD CONNECTORS
More results

Similar Description - 802-10-016-66-001

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
346-93-108-41-035 PREDIP-346-93-108-41-035 Datasheet
52Kb / 1P
   PCB connectors 2.54 mm Single row / Double row Press-fit
803-93-016-65-001 PREDIP-803-93-016-65-001 Datasheet
42Kb / 1P
   PCB connectors 2.54 mm Single row / double row Press-fit
714-91-108-31-012 PREDIP-714-91-108-31-012 Datasheet
62Kb / 1P
   PCB connectors carrier assemblies 2.54 mm Single row / double row Solder tail / press-fit
833-93-016-64-001 PREDIP-833-93-016-64-001 Datasheet
22Kb / 1P
   PCB connectors 2.0 mm Single row / double row Press-fit
451-10-216-00-001 PREDIP-451-10-216-00-001 Datasheet
59Kb / 1P
   PCB connectors 2.54 mm Single row / double row Solder tail
802-10-016-30-001 PREDIP-802-10-016-30-001 Datasheet
40Kb / 1P
   PCB connectors 2.54 mm Single row / double row Surface mount
802-10-016-20-001 PREDIP-802-10-016-20-001 Datasheet
45Kb / 1P
   PCB connectors 2.54 mm Single row / double row Solder tail
410-91-216-41-105 PREDIP-410-91-216-41-105 Datasheet
50Kb / 1P
   PCB connectors 2.54 mm Single row / double row Surface mount
499-93-216-10-009 PREDIP-499-93-216-10-009 Datasheet
39Kb / 1P
   PCB connectors 2.54 mm Single row / double row Solder tail
802-10-016-10-001 PREDIP-802-10-016-10-001 Datasheet
45Kb / 1P
   PCB connectors 2.54 mm Single row / double row Solder tail
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com