Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MHQ0603P2N9ST000 Datasheet(PDF) 7 Page - TDK Electronics

Part # MHQ0603P2N9ST000
Description  Inductors for High Frequency Circuits Multilayer Ceramic
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MHQ0603P2N9ST000 Datasheet(HTML) 7 Page - TDK Electronics

Back Button MHQ0603P2N9ST000 Datasheet HTML 3Page - TDK Electronics MHQ0603P2N9ST000 Datasheet HTML 4Page - TDK Electronics MHQ0603P2N9ST000 Datasheet HTML 5Page - TDK Electronics MHQ0603P2N9ST000 Datasheet HTML 6Page - TDK Electronics MHQ0603P2N9ST000 Datasheet HTML 7Page - TDK Electronics MHQ0603P2N9ST000 Datasheet HTML 8Page - TDK Electronics MHQ0603P2N9ST000 Datasheet HTML 9Page - TDK Electronics MHQ0603P2N9ST000 Datasheet HTML 10Page - TDK Electronics MHQ0603P2N9ST000 Datasheet HTML 11Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
(7/16)
INDUC
T
O
RS
20150105 / inductor_commercial_high-frequency_mhq0603p_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MHQ0603P Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
Short bar residual inductance =0.48nH
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
L measuring
frequency
Q
Q measuring
frequency
Self-resonant
frequency
DC resistance
Rated current
Part No.
(nH)
Tolerance
(MHz)
min.
(MHz)
(GHz)min.
(GHz)typ.
(
:)max. (:)typ.
(mA)max.
2.2
±0.1nH
500
16
500
10.0
13.2
0.15
0.09
700
MHQ0603P2N2BT000
2.2
±0.2nH
500
16
500
10.0
13.2
0.15
0.09
700
MHQ0603P2N2CT000
2.2
±0.3nH
500
16
500
10.0
13.2
0.15
0.09
700
MHQ0603P2N2ST000
2.3
±0.1nH
500
16
500
10.0
12.5
0.15
0.08
700
MHQ0603P2N3BT000
2.3
±0.2nH
500
16
500
10.0
12.5
0.15
0.08
700
MHQ0603P2N3CT000
2.3
±0.3nH
500
16
500
10.0
12.5
0.15
0.08
700
MHQ0603P2N3ST000
2.4
±0.1nH
500
16
500
8.0
11.7
0.15
0.08
700
MHQ0603P2N4BT000
2.4
±0.2nH
500
16
500
8.0
11.7
0.15
0.08
700
MHQ0603P2N4CT000
2.4
±0.3nH
500
16
500
8.0
11.7
0.15
0.08
700
MHQ0603P2N4ST000
2.5
±0.1nH
500
16
500
8.0
11.1
0.25
0.17
500
MHQ0603P2N5BT000
2.5
±0.2nH
500
16
500
8.0
11.1
0.25
0.17
500
MHQ0603P2N5CT000
2.5
±0.3nH
500
16
500
8.0
11.1
0.25
0.17
500
MHQ0603P2N5ST000
2.6
±0.1nH
500
16
500
8.0
11.1
0.25
0.16
500
MHQ0603P2N6BT000
2.6
±0.2nH
500
16
500
8.0
11.1
0.25
0.16
500
MHQ0603P2N6CT000
2.6
±0.3nH
500
16
500
8.0
11.1
0.25
0.16
500
MHQ0603P2N6ST000
2.7
±0.1nH
500
16
500
8.0
10.5
0.25
0.16
500
MHQ0603P2N7BT000
2.7
±0.2nH
500
16
500
8.0
10.5
0.25
0.16
500
MHQ0603P2N7CT000
2.7
±0.3nH
500
16
500
8.0
10.5
0.25
0.16
500
MHQ0603P2N7ST000
2.8
±0.1nH
500
16
500
8.0
10.6
0.25
0.18
500
MHQ0603P2N8BT000
2.8
±0.2nH
500
16
500
8.0
10.6
0.25
0.18
500
MHQ0603P2N8CT000
2.8
±0.3nH
500
16
500
8.0
10.6
0.25
0.18
500
MHQ0603P2N8ST000
2.9
±0.1nH
500
16
500
8.0
10.8
0.30
0.19
450
MHQ0603P2N9BT000
2.9
±0.2nH
500
16
500
8.0
10.8
0.30
0.19
450
MHQ0603P2N9CT000
2.9
±0.3nH
500
16
500
8.0
10.8
0.30
0.19
450
MHQ0603P2N9ST000
3.0
±0.1nH
500
16
500
8.0
10.3
0.30
0.19
450
MHQ0603P3N0BT000
3.0
±0.2nH
500
16
500
8.0
10.3
0.30
0.19
450
MHQ0603P3N0CT000
3.0
±0.3nH
500
16
500
8.0
10.3
0.30
0.19
450
MHQ0603P3N0ST000
3.1
±0.1nH
500
16
500
8.0
10.5
0.30
0.19
450
MHQ0603P3N1BT000
3.1
±0.2nH
500
16
500
8.0
10.5
0.30
0.19
450
MHQ0603P3N1CT000
3.1
±0.3nH
500
16
500
8.0
10.5
0.30
0.19
450
MHQ0603P3N1ST000
3.2
±0.1nH
500
16
500
7.0
9.5
0.20
0.13
550
MHQ0603P3N2BT000
3.2
±0.2nH
500
16
500
7.0
9.5
0.20
0.13
550
MHQ0603P3N2CT000
3.2
±0.3nH
500
16
500
7.0
9.5
0.20
0.13
550
MHQ0603P3N2ST000
3.3
±0.1nH
500
16
500
7.0
9.6
0.25
0.15
500
MHQ0603P3N3BT000
3.3
±0.2nH
500
16
500
7.0
9.6
0.25
0.15
500
MHQ0603P3N3CT000
3.3
±0.3nH
500
16
500
7.0
9.6
0.25
0.15
500
MHQ0603P3N3ST000
3.4
±0.1nH
500
16
500
6.5
9.3
0.25
0.14
500
MHQ0603P3N4BT000
3.4
±0.2nH
500
16
500
6.5
9.3
0.25
0.14
500
MHQ0603P3N4CT000
3.4
±0.3nH
500
16
500
6.5
9.3
0.25
0.14
500
MHQ0603P3N4ST000
3.5
±0.1nH
500
16
500
6.5
9.5
0.25
0.17
500
MHQ0603P3N5BT000
3.5
±0.2nH
500
16
500
6.5
9.5
0.25
0.17
500
MHQ0603P3N5CT000
3.5
±0.3nH
500
16
500
6.5
9.5
0.25
0.17
500
MHQ0603P3N5ST000
3.6
±0.1nH
500
16
500
6.5
9.1
0.25
0.16
500
MHQ0603P3N6BT000
3.6
±0.2nH
500
16
500
6.5
9.1
0.25
0.16
500
MHQ0603P3N6CT000
3.6
±0.3nH
500
16
500
6.5
9.1
0.25
0.16
500
MHQ0603P3N6ST000
Measurement item
Product No.
Manufacturer
L, Q
4991A+16197A
Agilent Technologies
Self-resonant frequency
8720C
Agilent Technologies
DC resistance
Type-7561
Yokogawa


Similar Part No. - MHQ0603P2N9ST000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MHQ0603P2N9ST000 TDK-MHQ0603P2N9ST000_17 Datasheet
130Kb / 3P
   Inductors (Coils)
More results

Similar Description - MHQ0603P2N9ST000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MHQ0402P0N2BT000 TDK-MHQ0402P0N2BT000 Datasheet
189Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603P1N1ST000 TDK-MLG0603P1N1ST000 Datasheet
182Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ1005P15NGTD25 TDK-MHQ1005P15NGTD25 Datasheet
208Kb / 20P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLK0603L10NJT000 TDK-MLK0603L10NJT000 Datasheet
119Kb / 10P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ0402P0N7CT000 TDK-MHQ0402P0N7CT000 Datasheet
189Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ1005P0N7BT000 TDK-MHQ1005P0N7BT000 Datasheet
208Kb / 20P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603S43NJTD25 TDK-MLG0603S43NJTD25 Datasheet
155Kb / 15P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG1005S0N3BT000 TDK-MLG1005S0N3BT000 Datasheet
239Kb / 16P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603S TDK-MLG0603S_13 Datasheet
3Mb / 24P
   Inductors for High Frequency Multilayer Ceramic
MHQ-P TDK-MHQ-P Datasheet
158Kb / 17P
   Inductors for High Frequency Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com