Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MHQ1005P2N2CTD25 Datasheet(PDF) 9 Page - TDK Electronics

Part # MHQ1005P2N2CTD25
Description  Inductors for High Frequency Circuits Multilayer Ceramic
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MHQ1005P2N2CTD25 Datasheet(HTML) 9 Page - TDK Electronics

Back Button MHQ1005P2N2CTD25 Datasheet HTML 5Page - TDK Electronics MHQ1005P2N2CTD25 Datasheet HTML 6Page - TDK Electronics MHQ1005P2N2CTD25 Datasheet HTML 7Page - TDK Electronics MHQ1005P2N2CTD25 Datasheet HTML 8Page - TDK Electronics MHQ1005P2N2CTD25 Datasheet HTML 9Page - TDK Electronics MHQ1005P2N2CTD25 Datasheet HTML 10Page - TDK Electronics MHQ1005P2N2CTD25 Datasheet HTML 11Page - TDK Electronics MHQ1005P2N2CTD25 Datasheet HTML 12Page - TDK Electronics MHQ1005P2N2CTD25 Datasheet HTML 13Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
(9/20)
INDUC
T
O
RS
20150105 / inductor_automotive_high-frequency_mhq1005p_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MHQ1005P Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
L measuring
frequency
Q
Q measuring
frequency
Self-resonant
frequency
DC resistance
Rated current
Part No.
(nH)
Tolerance
(MHz)
min.
(MHz)
(GHz)min.
(GHz)typ.
(
:)max. (:)typ.
(mA)max.
9.5
±2%
100
23
250
3.3
4.7
0.21
0.16
500
MHQ1005P9N5GTD25
9.5
±3%
100
23
250
3.3
4.7
0.21
0.16
500
MHQ1005P9N5HTD25
9.5
±5%
100
23
250
3.3
4.7
0.21
0.16
500
MHQ1005P9N5JTD25
10
±2%
100
23
250
3.3
4.6
0.19
0.15
500
MHQ1005P10NGTD25
10
±3%
100
23
250
3.3
4.6
0.19
0.15
500
MHQ1005P10NHTD25
10
±5%
100
23
250
3.3
4.6
0.19
0.15
500
MHQ1005P10NJTD25
11
±2%
100
23
250
3.0
4.2
0.24
0.20
450
MHQ1005P11NGTD25
11
±3%
100
23
250
3.0
4.2
0.24
0.20
450
MHQ1005P11NHTD25
11
±5%
100
23
250
3.0
4.2
0.24
0.20
450
MHQ1005P11NJTD25
12
±2%
100
23
250
2.8
3.8
0.24
0.19
450
MHQ1005P12NGTD25
12
±3%
100
23
250
2.8
3.8
0.24
0.19
450
MHQ1005P12NHTD25
12
±5%
100
23
250
2.8
3.8
0.24
0.19
450
MHQ1005P12NJTD25
13
±2%
100
23
250
2.5
3.5
0.26
0.20
420
MHQ1005P13NGTD25
13
±3%
100
23
250
2.5
3.5
0.26
0.20
420
MHQ1005P13NHTD25
13
±5%
100
23
250
2.5
3.5
0.26
0.20
420
MHQ1005P13NJTD25
15
±2%
100
23
250
2.3
3.2
0.28
0.22
400
MHQ1005P15NGTD25
15
±3%
100
23
250
2.3
3.2
0.28
0.22
400
MHQ1005P15NHTD25
15
±5%
100
23
250
2.3
3.2
0.28
0.22
400
MHQ1005P15NJTD25
16
±2%
100
20
250
2.3
3.5
0.80
0.57
260
MHQ1005P16NGTD25
16
±3%
100
20
250
2.3
3.5
0.80
0.57
260
MHQ1005P16NHTD25
16
±5%
100
20
250
2.3
3.5
0.80
0.57
260
MHQ1005P16NJTD25
18
±2%
100
22
250
2.3
3.4
0.80
0.48
260
MHQ1005P18NGTD25
18
±3%
100
22
250
2.3
3.4
0.80
0.48
260
MHQ1005P18NHTD25
18
±5%
100
22
250
2.3
3.4
0.80
0.48
260
MHQ1005P18NJTD25
19
±2%
100
20
250
2.3
3.2
0.80
0.46
260
MHQ1005P19NGTD25
19
±3%
100
20
250
2.3
3.2
0.80
0.46
260
MHQ1005P19NHTD25
19
±5%
100
20
250
2.3
3.2
0.80
0.46
260
MHQ1005P19NJTD25
20
±2%
100
20
250
2.1
3.1
1.10
0.46
260
MHQ1005P20NGTD25
20
±3%
100
20
250
2.1
3.1
1.10
0.46
260
MHQ1005P20NHTD25
20
±5%
100
20
250
2.1
3.1
1.10
0.46
260
MHQ1005P20NJTD25
22
±2%
100
20
250
2.1
2.9
1.10
0.66
230
MHQ1005P22NGTD25
22
±3%
100
20
250
2.1
2.9
1.10
0.66
230
MHQ1005P22NHTD25
22
±5%
100
20
250
2.1
2.9
1.10
0.66
230
MHQ1005P22NJTD25
23
±2%
100
22
250
2.0
2.9
1.10
0.62
230
MHQ1005P23NGTD25
23
±3%
100
22
250
2.0
2.9
1.10
0.62
230
MHQ1005P23NHTD25
23
±5%
100
22
250
2.0
2.9
1.10
0.62
230
MHQ1005P23NJTD25
24
±2%
100
20
250
2.0
2.8
1.20
0.55
230
MHQ1005P24NGTD25
24
±3%
100
20
250
2.0
2.8
1.20
0.55
230
MHQ1005P24NHTD25
24
±5%
100
20
250
2.0
2.8
1.20
0.55
230
MHQ1005P24NJTD25
27
±2%
100
20
250
1.7
2.6
1.30
0.66
230
MHQ1005P27NGTD25
27
±3%
100
20
250
1.7
2.6
1.30
0.66
230
MHQ1005P27NHTD25
27
±5%
100
20
250
1.7
2.6
1.30
0.66
230
MHQ1005P27NJTD25
30
±2%
100
20
250
1.7
2.4
1.30
0.80
220
MHQ1005P30NGTD25
30
±3%
100
20
250
1.7
2.4
1.30
0.80
220
MHQ1005P30NHTD25
30
±5%
100
20
250
1.7
2.4
1.30
0.80
220
MHQ1005P30NJTD25
Measurement item
Product No.
Manufacturer
L, Q
4291B+16193A
Agilent Technologies
Self-resonant frequency
8720C
Agilent Technologies
DC resistance
Type-7561
Yokogawa


Similar Part No. - MHQ1005P2N2CTD25

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MHQ1005P2N2CTD25 TDK-MHQ1005P2N2CTD25 Datasheet
130Kb / 3P
   Inductors (Coils)
More results

Similar Description - MHQ1005P2N2CTD25

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MHQ0402P0N2BT000 TDK-MHQ0402P0N2BT000 Datasheet
189Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603P1N1ST000 TDK-MLG0603P1N1ST000 Datasheet
182Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLK0603L10NJT000 TDK-MLK0603L10NJT000 Datasheet
119Kb / 10P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ0402P0N7CT000 TDK-MHQ0402P0N7CT000 Datasheet
189Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ0603P0N6BT000 TDK-MHQ0603P0N6BT000 Datasheet
175Kb / 16P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ1005P0N7BT000 TDK-MHQ1005P0N7BT000 Datasheet
208Kb / 20P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603S43NJTD25 TDK-MLG0603S43NJTD25 Datasheet
155Kb / 15P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG1005S0N3BT000 TDK-MLG1005S0N3BT000 Datasheet
239Kb / 16P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603S TDK-MLG0603S_13 Datasheet
3Mb / 24P
   Inductors for High Frequency Multilayer Ceramic
MHQ-P TDK-MHQ-P Datasheet
158Kb / 17P
   Inductors for High Frequency Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com