Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

714-99-108-31-008 Datasheet(PDF) 1 Page - Precid-Dip Durtal SA

Part # 714-99-108-31-008
Description  PCB connectors carrier assemblies 2.54 mm Single row / double row Solder tail / press-fit
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREDIP [Precid-Dip Durtal SA]
Direct Link  http://www.precidip.com
Logo PREDIP - Precid-Dip Durtal SA

714-99-108-31-008 Datasheet(HTML) 1 Page - Precid-Dip Durtal SA

  714-99-108-31-008 Datasheet HTML 1Page - Precid-Dip Durtal SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
48
Series 714
PCB connectors carrier assemblies 2.54 mm
Single row / double row
Solder tail / press-fit
PCB “Zero profile” receptacles
Accept pins
∅ 0.40–0.54 mm
Single receptacle contacts for solder- and press-fit
solderless mount into PCB, supplied on disposable carriers
For corresponding pin connectors see pages 43 to 46
Ordering information
Replace xx with the number of poles, e.g. 714-91-1xx-31-012
for a single row version with 8 pins per row becomes:
714-91-108-31-012
Option:
Double row, disposable carrier strip on request
714-91-1xx-31-012
714-93-1xx-31-012
714-99-1xx-31-012
Straight receptacle contacts: sol-
der mount into PCB thickness 1
to 2.4 mm with hole
∅ 1mm
Availability: supplied on single
row, disposable carrier strip, from
2 to 64 contacts
Standard number of contacts 5,
6, 8, 10, 14, 16, 20, 21, 25, 30,
32, 48, 56, 60, 64
714-91-1xx-31-018
714-93-1xx-31-018
714-99-1xx-31-018
Straight receptacle contacts: sol-
der mount into PCB thickness 1
to 3.4 mm with hole
∅ 1mm
Availability: supplied on single
row, disposable carrier strip, from
2 to 64 contacts
Standard number of contacts 5,
6, 8, 10, 14, 16, 20, 21, 25, 30,
32, 48, 56, 60, 64
714-91-1xx-31-008
714-93-1xx-31-008
714-99-1xx-31-008
Straight receptacle contacts: sol-
derless press-fit mount into PCB
thickness 1.5 to 2.5 mm with
plated-thru hole
∅ 1.05 mm
(± 0.05)
Availability: supplied on single
row, disposable carrier strip, from
2 to 64 contacts
Standard number of contacts 5,
6, 8, 10, 14, 16, 20, 21, 25, 30,
32, 48, 56, 60, 64
Platings
Sleeve
Clip
Pin
91
5
µm Sn Pb
0.25
µm Au
93
5
µm Sn Pb
0.75
µm Au
99
5
µm Sn Pb
5
µm Sn Pb
B
B
B
Products not available from stock. Please consult PRECI-DIP.
B


Similar Part No. - 714-99-108-31-008

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
714-99-116-41-001 PREDIP-714-99-116-41-001 Datasheet
65Kb / 1P
   PCB connectors carrier assemblies 2.54 mm Single row / double row Solder tail
714-99-116-41-014 PREDIP-714-99-116-41-014 Datasheet
65Kb / 1P
   PCB connectors carrier assemblies 2.54 mm Single row / double row Solder tail
More results

Similar Description - 714-99-108-31-008

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
714-91-216-41-001 PREDIP-714-91-216-41-001 Datasheet
65Kb / 1P
   PCB connectors carrier assemblies 2.54 mm Single row / double row Solder tail
346-93-108-41-035 PREDIP-346-93-108-41-035 Datasheet
52Kb / 1P
   PCB connectors 2.54 mm Single row / Double row Press-fit
803-93-016-65-001 PREDIP-803-93-016-65-001 Datasheet
42Kb / 1P
   PCB connectors 2.54 mm Single row / double row Press-fit
802-10-016-65-001 PREDIP-802-10-016-65-001 Datasheet
45Kb / 1P
   PCB connectors 2.54 mm Single row / double row Press-fit
451-10-216-00-001 PREDIP-451-10-216-00-001 Datasheet
59Kb / 1P
   PCB connectors 2.54 mm Single row / double row Solder tail
802-10-016-20-001 PREDIP-802-10-016-20-001 Datasheet
45Kb / 1P
   PCB connectors 2.54 mm Single row / double row Solder tail
499-93-216-10-009 PREDIP-499-93-216-10-009 Datasheet
39Kb / 1P
   PCB connectors 2.54 mm Single row / double row Solder tail
802-10-016-10-001 PREDIP-802-10-016-10-001 Datasheet
45Kb / 1P
   PCB connectors 2.54 mm Single row / double row Solder tail
892-39-024-20-902 PREDIP-892-39-024-20-902 Datasheet
40Kb / 1P
   PCB connectors 2.54 mm Single row / double row Solder tail
410-91-216-41-001 PREDIP-410-91-216-41-001 Datasheet
55Kb / 1P
   PCB connectors 2.54 mm Single row / double row Solder tail
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com