Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC3582 Datasheet(PDF) 5 Page - Inchange Semiconductor Company Limited

Part # 2SC3582
Description  Low Noise and High Gain
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC3582 Datasheet(HTML) 5 Page - Inchange Semiconductor Company Limited

  2SC3582 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC3582 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC3582 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC3582 Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2SC3582 Datasheet HTML 5Page - Inchange Semiconductor Company Limited 2SC3582 Datasheet HTML 6Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
INCHANGE Semiconductor
isc RF Product Specification
5
isc website:www.iscsemi.cn
isc Silicon NPN RF Transistor
2SC3582
VCE = 8 V, IC = 20 mA, ZO = 50Ω
f (MHz)
S11
S11
S21
S21
S12
S12
S22
S22
200
0.333
-51.4
17.197
107.7
0.053
97.5
0.638
-29.7
400
0.195
-49.2
8.729
89.7
0.064
90.1
0.585
-31.8
600
0.158
-44.3
6.149
78.8
0.078
80.3
0.573
-35.0
800
0.156
-41.0
4.603
68.7
0.111
70.0
0.549
-38.2
1000
0.146
-35.8
3.997
60.4
0.136
64.2
0.537
-42.4
1200
0.143
-30.7
3.205
54.1
0.168
58.1
0.524
-57.1
1400
0.134
-25.8
2.939
46.7
0.185
53.2
0.524
-55.4
1600
0.132
-22.3
2.463
38.1
0.218
47.3
0.524
-62.0
1800
0.131
-20.0
2.396
30.7
0.234
41.3
0.557
-68.5
2000
0.130
-17.8
2.107
22.1
0.238
36.5
0.579
-74.8
S-PARAMETER
S11e, S22e-FREQUENCY
CONDITION VCE = 8 V
200MHz Step


Similar Part No. - 2SC3582

ManufacturerPart #DatasheetDescription
logo
NEC
2SC3582 NEC-2SC3582 Datasheet
99Kb / 8P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
More results

Similar Description - 2SC3582

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
2SC3356 YEASHIN-2SC3356 Datasheet
860Kb / 4P
   Low Noise and High Gain
logo
Inchange Semiconductor ...
2SC5064 ISC-2SC5064 Datasheet
326Kb / 7P
   Low Noise and High Gain
2SC3585 ISC-2SC3585 Datasheet
308Kb / 6P
   Low Noise and High Gain
2SC3583 ISC-2SC3583 Datasheet
300Kb / 6P
   Low Noise and High Gain
2SC4227 ISC-2SC4227 Datasheet
172Kb / 8P
   Low Noise, High Gain
logo
Infineon Technologies A...
BGA428 INFINEON-BGA428_07 Datasheet
399Kb / 11P
   Gain and PCS Low Noise Amplifier
Rev. 2.2, November 2007
logo
Advanced Semiconductor ...
ASL54T8 ASB-ASL54T8 Datasheet
498Kb / 13P
   High Gain, Low Noise Amplifier
June 2014
ASL5463 ASB-ASL5463 Datasheet
440Kb / 10P
   High Gain, Low Noise Amplifier
June 2014
logo
List of Unclassifed Man...
ANT-GPS-UC-SMA ETC2-ANT-GPS-UC-SMA Datasheet
222Kb / 1P
   High-gain, low-noise design
logo
Advanced Semiconductor ...
ASL54T8 ASB-ASL54T8_17 Datasheet
664Kb / 16P
   High Gain, Low Noise Amplifier
January 2017
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com