Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

550-90-108-12-051-001 Datasheet(PDF) 1 Page - Precid-Dip Durtal SA

Part # 550-90-108-12-051-001
Description  Pin grid array sockets / interconnect receptacle and pin / solder tail Receptacle with wire-wrap posts
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREDIP [Precid-Dip Durtal SA]
Direct Link  http://www.precidip.com
Logo PREDIP - Precid-Dip Durtal SA

550-90-108-12-051-001 Datasheet(HTML) 1 Page - Precid-Dip Durtal SA

  550-90-108-12-051-001 Datasheet HTML 1Page - Precid-Dip Durtal SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
81
Series 516 / 52X / 550 / 551
Pin grid array sockets / interconnect
receptacle and pin / solder tail
Receptacle with wire-wrap posts
Pin grid array sockets, interconnect receptacle and pin,
solder tail, receptacle with wire-wrap posts
Series 516, 521, 522, 523, 550 and 551 PGA sockets are high
density connecting devices equipped with machined precision
male or female contacts.
Receptacles have soft contact clips assuring low insertion/with-
drawal forces. Over 200 standard pinouts are available; inquiries
for custom varieties are welcome
Insertion characteristics: receptacle 6-finger low force
Ordering information
Replace xxx-xx-xxx with the number of poles, body size and lay-
out numbers as indicated on pages 88 to 92. For example, a 12
×12
pin configuration with window and 108 interconnect contacts as
shown on page 88 becomes: 516-93-108-12-051-003 or 551-90-
108-12-051-003
L =
516-93-xxx-xx-xxx-006
6
516-93-xxx-xx-xxx-003
8
516-93-xxx-xx-xxx-012
9
516-93-xxx-xx-xxx-007 10
516-93-xxx-xx-xxx-008 12
516-93-xxx-xx-xxx-009 13
516-93-xxx-xx-xxx-001 15
516-93-xxx-xx-xxx-011 18
516-93-xxx-xx-xxx-004 22
516-93-xxx-xx-xxx-013 33
PGA interconnect sockets; solder
tail
L =
550-10-xxx-xx-xxx-001
4.0 mm
550-90-xxx-xx-xxx-001
551-10-xxx-xx-xxx-003
6.2 mm
551-90-xxx-xx-xxx-003
551-10-xxx-xx-xxx-004
8.4 mm
551-90-xxx-xx-xxx-004
551-10-xxx-xx-xxx-005 15.3 mm
551-90-xxx-xx-xxx-005
551-10-xxx-xx-xxx-016 21.2 mm
551-90-xxx-xx-xxx-016
551-10-xxx-xx-xxx-017 27.4 mm
551-90-xxx-xx-xxx-017
PGA interconnect sockets; solder
tail
Platings
Sleeve
Clip
Pin
10
0.25
µm Au
13
0.25
µm Au
0.75
µm Au
90
5.0
µm Sn Pb
91
5.0
µm Sn Pb
0.25
µm Au
93
5.0
µm Sn Pb
0.75
µm Au
97
5.0
µm Sn Pb
Goldflash
99
5.0
µm Sn Pb
5.0
µm Sn Pb
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
Products not available from stock. Please consult PRECI-DIP.
B
52x-13-xxx-xx-xxx-001
52x-91-xxx-xx-xxx-001
52x-93-xxx-xx-xxx-001
52x-97-xxx-xx-xxx-001
52x-99-xxx-xx-xxx-001
1 level L = 6.60 mm = 521-..
2 level L = 9.40 mm = 522-..
3 level L = 12.95 mm = 523-..
PGA sockets with wire-wrap
terminations
Dimensions of wrapost 0.635
square
B
B
B
B
B


Similar Part No. - 550-90-108-12-051-001

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
550-018M2 GLENAIR-550-018M2 Datasheet
44Kb / 2P
   D-Subminiature Potting Split Backshell
logo
Dialight Corporation
550-0204 DIALIGHT-550-0204 Datasheet
132Kb / 1P
   5mm LED CBI, TOP VIEW
550-0204 DIALIGHT-550-0204 Datasheet
73Kb / 9P
   5mm LED CBI Circuit Board Indicator Top View, Single
550-0205 DIALIGHT-550-0205 Datasheet
121Kb / 1P
   5mm LED CBI, SO BACK HOUSING
550-0207 DIALIGHT-550-0207 Datasheet
83Kb / 1P
   5mm LED CBI
More results

Similar Description - 550-90-108-12-051-001

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
510-93-108-12-051-001 PREDIP-510-93-108-12-051-001 Datasheet
33Kb / 1P
   Pin grid array sockets Solder tail
517-93-391-18-101-111 PREDIP-517-93-391-18-101-111 Datasheet
52Kb / 1P
   Pin grid array sockets and carrier with interstitial contact rows Solder tail
612-93-108-12-051-001 PREDIP-612-93-108-12-051-001 Datasheet
53Kb / 1P
   Pin grid array sockets Carrier types
153-90-210-00-001 PREDIP-153-90-210-00-001 Datasheet
42Kb / 1P
   Dual-in-line pin / slotted / turret / solder cup headers / open frame / solder tail / wire-wrap posts
logo
Tyco Electronics
166717-4 MACOM-166717-4 Datasheet
69Kb / 1P
   Type F Vertical Receptacle Assemblies with Wrap Type and Solder Posts
logo
Precid-Dip Durtal SA
126-93-210-41-001 PREDIP-126-93-210-41-001 Datasheet
35Kb / 1P
   Dual-in-line sockets Open frame Wire-wrap posts with solder tails
logo
Aries Electronics, Inc.
08-0503-31 ARIES-08-0503-31 Datasheet
189Kb / 2P
   Series 0503 Pin-Line Collet Sockets with Wire Wrap Pins
logo
Keystone Electronics Co...
5070 KEYSTONE-5070 Datasheet
269Kb / 1P
   WIRE WRAP PIN
2.27.06
logo
Precid-Dip Durtal SA
546-93-108-12-101-028 PREDIP-546-93-108-12-101-028 Datasheet
41Kb / 1P
   Pin Grid Array sockets Press-fit terminations
logo
Aries Electronics, Inc.
0503 ARIES-0503 Datasheet
554Kb / 1P
   Available with Solder Pin Tails or Wire Wrap Pins
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com