Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

410-93-214-10-002 Datasheet(PDF) 1 Page - Precid-Dip Durtal SA

Part # 410-93-214-10-002
Description  Sockets for specific applications Solder tail
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREDIP [Precid-Dip Durtal SA]
Direct Link  http://www.precidip.com
Logo PREDIP - Precid-Dip Durtal SA

410-93-214-10-002 Datasheet(HTML) 1 Page - Precid-Dip Durtal SA

  410-93-214-10-002 Datasheet HTML 1Page - Precid-Dip Durtal SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
70
Series 110 / 410 / 510
Sockets for specific applications
Solder tail
Quad-in-line sockets and staggered (zig-zag) strips are suitable
for IC's with staggered double row Dual-in-line type pin
patterns. (e.g. NEC, etc…).
Double row staggered strips will also accommodate single-in-
line zig-zag memory packages on high density boards.
Display sockets
Insertion characteristics:
Partially equipped DIL and staggered strips: 4-finger standard
Quad-in-line and Display sockets: 6-finger low force
Ordering information
Replace 9x with required plating code, e.g. 410-9x-214-10-001
for a 5
µm Sn Pb / 0.75 µm Au becomes 410-93-214-10-001
110-xx-314-10-001 fig. 1
110-xx-314-10-002 fig. 2
110-xx-316-10-003 fig. 3
Partially equipped DIL sockets
Insulator body dimensions see
page 50
Please consult for versions not
shown
110-91-064-01-505
110-93-064-01-505
110-97-064-01-505
110-99-064-01-505
Quad-in-line socket
Rockwell packages with 2.22 mm
nominal row distance can also be
inserted
Important: Quad-in-line sockets
require a PCB drilling pattern
with 2.54 mm centerline distance
410-xx-214-10-001 left
410-xx-214-10-002 right
410-xx-216-10-001 left
410-xx-216-10-002 right
410-xx-220-10-001 left
410-xx-220-10-002 right
410-xx-224-10-001 left
410-xx-224-10-002 right
410-xx-228-10-001 left
410-xx-228-10-002 right
Staggered zig-zag strips
Not stackable A: 18.98 C: 4.94
Not stackable
18.98
4.94
Stackable
21.52
4.94
Stackable
21.52
4.94
Stackable
26.60
4.94
Stackable
26.60
4.94
Stackable
31.68
4.94
Stackable
31.68
4.94
Stackable
36.76
4.94
Stackable
36.76
4.94
510-91-010-01-504101 Fig. 1
510-97-010-01-504101
510-99-010-01-783101
510-91-018-01-504101
510-97-018-01-504101 Fig. 2
510-99-018-01-783101
Display sockets for 7 segment
displays (1 or 2 digits)
Platings
Sleeve
Clip
Pin
91
5
µm Sn Pb
0.25
µm Au
93
5
µm Sn Pb
0.75
µm Au
97
5
µm Sn Pb
Goldflash
99
5
µm Sn Pb
5
µm Sn Pb
Fig. 1
Fig. 3
Fig. 2
002
right
001
left
Fig. 1
Fig. 2


Similar Part No. - 410-93-214-10-002

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
410-93-216-41-001 PREDIP-410-93-216-41-001 Datasheet
55Kb / 1P
   PCB connectors 2.54 mm Single row / double row Solder tail
410-93-216-41-105 PREDIP-410-93-216-41-105 Datasheet
50Kb / 1P
   PCB connectors 2.54 mm Single row / double row Surface mount
More results

Similar Description - 410-93-214-10-002

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
917-99-103-41-005 PREDIP-917-99-103-41-005 Datasheet
37Kb / 1P
   TO sockets Solder tail
510-93-108-12-051-001 PREDIP-510-93-108-12-051-001 Datasheet
33Kb / 1P
   Pin grid array sockets Solder tail
504-99-020-24-000 PREDIP-504-99-020-24-000 Datasheet
52Kb / 1P
   Sockets for Plastic Leaded Chip Carriers (PLCC) Solder tail
540-99-020-24-000-1 PREDIP-540-99-020-24-000-1 Datasheet
33Kb / 1P
   Sockets for Plastic Leaded Chip Carriers (PLCC) Solder tail
111-91-210-41-001 PREDIP-111-91-210-41-001 Datasheet
40Kb / 1P
   Dual-in-line sockets for multilayer PCB Open frame Solder tail
210-91-306-41-001 PREDIP-210-91-306-41-001 Datasheet
37Kb / 1P
   Dual-in-line sockets Closed frame Solder tail
110-93-628-41-001 PREDIP-110-93-628-41-001 Datasheet
40Kb / 1P
   Dual-in-line sockets Open frame Solder tail
117-91-316-41-005 PREDIP-117-91-316-41-005 Datasheet
44Kb / 1P
   Shrinkdip sockets Open and closed frame Solder tail
logo
Mill-Max Mfg. Corp.
110-13-308-41-001000 MILL-MAX-110-13-308-41-001000 Datasheet
137Kb / 1P
   DUAL-IN-LINE SOCKETS Standard Solder Tail Open Frame
logo
Precid-Dip Durtal SA
116-93-210-41-006 PREDIP-116-93-210-41-006 Datasheet
42Kb / 1P
   Dual-in-line sockets interconnect Open frame Solder tail
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com