Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCN21B-110PA-2W-G Datasheet(PDF) 4 Page - Hirose Electric

Part # PCN21B-110PA-2W-G
Description  2mm Hard Metric Connector
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

PCN21B-110PA-2W-G Datasheet(HTML) 4 Page - Hirose Electric

  PCN21B-110PA-2W-G Datasheet HTML 1Page - Hirose Electric PCN21B-110PA-2W-G Datasheet HTML 2Page - Hirose Electric PCN21B-110PA-2W-G Datasheet HTML 3Page - Hirose Electric PCN21B-110PA-2W-G Datasheet HTML 4Page - Hirose Electric PCN21B-110PA-2W-G Datasheet HTML 5Page - Hirose Electric PCN21B-110PA-2W-G Datasheet HTML 6Page - Hirose Electric PCN21B-110PA-2W-G Datasheet HTML 7Page - Hirose Electric PCN21B-110PA-2W-G Datasheet HTML 8Page - Hirose Electric PCN21B-110PA-2W-G Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
sProduct Specifications
sMaterials
Rating
1.5A
AC 300V
Current rating
Voltage rating
–55ç to +85ç
95% RH max.
(No condensation)
Operating temperature
Operating humidity
–10ç to +60ç
40% to 70% RH
Storage temperature
Storage humidity
100 V DC
750 V rms AC for 1 min
0.1 A
40 ±2ç, 90 to 95% RH, duration 96 h
Frequency 10 to 500 Hz, amplitude of 0.35 mm in 3
directions, 50m/s
2 acceleration, 10 cycles each
5 cycles
( -55ç for 30 min, 15 to 30ç for 5 min max, +125ç for
30 min, 15 to 30ç for 5 min max. )
Ambient temperature + 125ç, 16 h
500 cycles
PCN21A
Contact area : Nickel base, gold plating
Mounted area: Nickel base, solder plating
PCN21B
Contact area: Nickel base, gold plating
PCB leads
: Nickel base, tin plating
104 M ohms
No flashover or breakdown
30 m ohms max.
Contact resistance:40 m ohms max.
Insulation resistance: 10
3 M ohms min.
No damage, cracks or parts looseness
Contact resistance:40 m ohms max.
Insulation resistance: 10
3 M ohms min.
Contact resistance:40 m ohms max.
Contact resistance: 40 m ohms max.
Insulation resistance: 10
3 M ohms min.
No electrical discontinuity for 1µs min.
1.Insulation resistance
2.Withstanding voltage
3.Contact resistance
4.Vibration
5.Damp heat
6.Rapid change of
temperature
7.Heat resistance
8.Operation life
Item
Requirements
Test Conditions
Remarks
UL94V-0
–––––––
UL94V-0
–––––––
–––––––
Part
Material
Finish
PBT
Phosphor bronze
PBT
Phosphor bronze
Insulator
Terminal
Insulator
Terminal
Shield
Phosphor bronze
Product
Header
Receptacle
Gray
PCN21A
Contact area: Nickel base, gold plating
PCB leads
: Nickel base, gold plating
PCN21B
Contact area: Nickel base, gold plating
PCB leads
: Nickel base, tin plating
Gray
PCN21A
Contact area: Nickel base, gold plating
PCB leads
: Nickel base, gold plating
PCN21B
Contact area: Nickel base, gold plating
PCB leads
: Nickel base, tin plating


Similar Part No. - PCN21B-110PA-2W-G

ManufacturerPart #DatasheetDescription
logo
CUI INC
PCN2-S CUI-PCN2-S Datasheet
1Mb / 10P
   DC-DC CONVERTER
PCN2-S CUI-PCN2-S Datasheet
3Mb / 10P
   DC-DC CONVERTER
07/09/2021
PCN2-S12-D12-S CUI-PCN2-S12-D12-S Datasheet
1Mb / 10P
   DC-DC CONVERTER
PCN2-S12-D12-S CUI-PCN2-S12-D12-S Datasheet
1Mb / 10P
   DC-DC CONVERTER
PCN2-S12-D12-S CUI-PCN2-S12-D12-S Datasheet
3Mb / 10P
   DC-DC CONVERTER
07/09/2021
More results

Similar Description - PCN21B-110PA-2W-G

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
PO21M-6P-SA HIROSE-PO21M-6P-SA Datasheet
707Kb / 10P
   2mm Hard Metric Coaxial Connector
logo
FCI connector
HM2DK1457PLF FCI-CONNECTOR-HM2DK1457PLF Datasheet
375Kb / 3P
   MILLIPACS 2mm HARD METRIC SERIES- ACCESSORIES
logo
Tyco Electronics
5188578-1 MACOM-5188578-1 Datasheet
84Kb / 1P
   2mm Hard Metric PCB Mount Connectors
logo
FCI connector
HM2DK1567PLF FCI-CONNECTOR-HM2DK1567PLF Datasheet
375Kb / 3P
   MILLIPACS 2mm HARD METRIC SERIES- ACCESSORIES
HM2R01PA5100L9LF FCI-CONNECTOR-HM2R01PA5100L9LF Datasheet
226Kb / 3P
   MILLIPACS 2mm HARD METRIC SERIES - RIGHT ANGLE RECEPTACLE CONNECTORS
HM2A30PG5000LF FCI-CONNECTOR-HM2A30PG5000LF Datasheet
1Mb / 7P
   Millipacs (2 mm Hard-Metric) Signal Connector ??IEC specifications
HM2J07PE5110N9LF FCI-CONNECTOR-HM2J07PE5110N9LF Datasheet
734Kb / 10P
   MILLIPACS 2MM HARD METRICS SERIES - RIGHT ANGLE HEADER CONNECTORS
logo
Adam Technologies, Inc.
2PCI-A-M-154-A-0 ADAM-TECH-2PCI-A-M-154-A-0 Datasheet
96Kb / 1P
   HEAD METRIC CONNECTOR
2PCI-A-M-110-B-0 ADAM-TECH-2PCI-A-M-110-B-0 Datasheet
98Kb / 1P
   HEAD METRIC CONNECTOR
2PCI-AB25-M-110-NP-B ADAM-TECH-2PCI-AB25-M-110-NP-B Datasheet
88Kb / 1P
   HEAD METRIC CONNECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com