Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLF2012K10NJT000 Datasheet(PDF) 6 Page - TDK Electronics

Part # MLF2012K10NJT000
Description  Multilayer Ferrite
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLF2012K10NJT000 Datasheet(HTML) 6 Page - TDK Electronics

Back Button MLF2012K10NJT000 Datasheet HTML 2Page - TDK Electronics MLF2012K10NJT000 Datasheet HTML 3Page - TDK Electronics MLF2012K10NJT000 Datasheet HTML 4Page - TDK Electronics MLF2012K10NJT000 Datasheet HTML 5Page - TDK Electronics MLF2012K10NJT000 Datasheet HTML 6Page - TDK Electronics MLF2012K10NJT000 Datasheet HTML 7Page - TDK Electronics MLF2012K10NJT000 Datasheet HTML 8Page - TDK Electronics MLF2012K10NJT000 Datasheet HTML 9Page - TDK Electronics MLF2012K10NJT000 Datasheet HTML 10Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
(6/11)
INDUC
T
O
RS
20150310 / inductor_commercial_standard_mlf2012_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MLF2012 Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
The " △ " of the Part Number contains the inductance tolerance code, J (±5%), K (±10%), or M (±20%).
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
Q
L, Q measuring
conditions
Self-resonant
frequency
DC resistance
Rated
current
Thickness Part No.
Frequency
Current
T
(μH)
Tolerance
min. typ.
(MHz)
(mA)
(MHz)
min.
(MHz)
typ.
(
)
max.
( )
typ.
(mA)
max.
(mm)
0.047 ±20%
15
25
50
1.0
550
700
0.10
0.05
300
0.85
MLF2012D47N
△ T000
0.068 ±20%
15
25
50
1.0
500
600
0.15
0.08
300
0.85
MLF2012D68N
△ T000
0.082 ±20%
15
25
50
1.0
450
550
0.15
0.08
300
0.85
MLF2012D82N
△ T000
0.10
±5%±10%±20%
20
30
25
1.0
400
500
0.15
0.10
300
0.85
MLF2012DR10
△ T000
0.12
±5%±10%±20%
20
30
25
1.0
360
450
0.20
0.12
300
0.85
MLF2012DR12
△ T000
0.15
±5%±10%±20%
20
30
25
1.0
320
410
0.20
0.13
300
0.85
MLF2012DR15
△ T000
0.18
±5%±10%±20%
20
30
25
1.0
280
370
0.25
0.15
300
0.85
MLF2012DR18
△ T000
0.22
±5%±10%±20%
20
30
25
1.0
250
330
0.30
0.16
250
0.85
MLF2012DR22
△ T000
0.27
±5%±10%±20%
20
30
25
1.0
220
300
0.35
0.18
250
0.85
MLF2012DR27
△ T000
0.33
±5%±10%±20%
20
30
25
1.0
200
270
0.40
0.23
250
0.85
MLF2012DR33
△ T000
0.39
±5%±10%±20%
25
35
25
1.0
180
250
0.45
0.25
200
0.85
MLF2012DR39
△ T000
0.47
±5%±10%±20%
25
35
25
1.0
160
230
0.50
0.25
200
1.25
MLF2012DR47
△ T000
0.56
±5%±10%±20%
25
35
25
1.0
150
210
0.55
0.30
150
1.25
MLF2012DR56
△ T000
0.68
±5%±10%±20%
25
35
25
1.0
140
190
0.60
0.35
150
1.25
MLF2012DR68
△ T000
0.82
±5%±10%±20%
25
35
25
1.0
130
170
0.65
0.40
150
1.25
MLF2012DR82
△ T000
1.0
±5%±10%±20%
45
55
10
1.0
120
160
0.30
0.15
80
0.85
MLF2012A1R0
△ T000
1.2
±5%±10%±20%
45
55
10
1.0
110
150
0.35
0.15
80
0.85
MLF2012A1R2
△ T000
1.5
±5%±10%±20%
45
60
10
1.0
100
140
0.40
0.18
80
0.85
MLF2012A1R5
△ T000
1.8
±5%±10%±20%
45
60
10
1.0
90
130
0.45
0.20
80
0.85
MLF2012A1R8
△ T000
2.2
±5%±10%±20%
45
60
10
1.0
80
120
0.50
0.22
50
0.85
MLF2012A2R2
△ T000
2.7
±5%±10%±20%
45
70
10
1.0
70
100
0.55
0.25
50
1.25
MLF2012A2R7
△ T000
3.3
±5%±10%±20%
45
70
10
1.0
60
90
0.60
0.28
50
1.25
MLF2012A3R3
△ T000
3.9
±5%±10%±20%
45
70
10
1.0
55
80
0.65
0.30
30
1.25
MLF2012A3R9
△ T000
4.7
±5%±10%±20%
45
70
10
1.0
50
70
0.70
0.35
30
1.25
MLF2012A4R7
△ T000
5.6
±5%±10%±20%
50
75
4
0.1
45
65
0.60
0.30
15
1.25
MLF2012E5R6
△ T000
6.8
±5%±10%±20%
50
75
4
0.1
40
60
0.65
0.32
15
1.25
MLF2012E6R8
△ T000
8.2
±5%±10%±20%
50
75
4
0.1
35
55
0.70
0.35
15
1.25
MLF2012E8R2
△ T000
10
±5%±10%±20%
50
75
2
0.1
30
50
0.80
0.40
15
1.25
MLF2012E100
△ T000
12
±5%±10%±20%
50
75
2
0.1
25
45
0.90
0.50
15
1.25
MLF2012E120
△ T000
15
±10%±20%
30
45
1
0.1
22
40
0.70
0.35
5
1.25
MLF2012C150
△ T000
18
±10%±20%
30
45
1
0.1
20
38
0.80
0.38
5
1.25
MLF2012C180
△ T000
22
±10%±20%
30
45
1
0.1
18
35
0.90
0.45
5
1.25
MLF2012C220
△ T000
27
±10%±20%
30
45
1
0.1
17
33
1.00
0.50
5
1.25
MLF2012C270
△ T000
33
±10%±20%
30
45
0.4
0.1
15
28
1.10
0.55
5
1.25
MLF2012C330
△ T000
39
±10%±20%
35
55
2
0.1
13
23
2.40
1.30
4
1.25
MLF2012K390
△ T000
47
±10%±20%
35
55
2
0.1
11
20
2.70
1.60
4
1.25
MLF2012K470
△ T000
56
±10%±20%
35
55
2
0.1
10
18
2.80
1.80
4
1.25
MLF2012K560
△ T000
68
±10%±20%
25
45
1
0.1
9
16
2.90
2.00
2
1.25
MLF2012C680
△ T000
82
±10%±20%
25
45
1
0.1
8
14
3.00
2.40
2
1.25
MLF2012C820
△ T000
100
±10%±20%
25
45
1
0.1
7
12
3.10
2.50
2
1.25
MLF2012C101
△ T000
Measurement item
Product No.
Manufacturer
L, Q
4294A+16034G
Agilent Technologies
Self-resonant frequency
E4991A
Agilent Technologies
DC resistance
Type-7561
Yokogawa


Similar Part No. - MLF2012K10NJT000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLF2012K390KT TDK-MLF2012K390KT Datasheet
123Kb / 10P
   Inductors for Standard Circuits Multilayer/STD magnetic shielded MLF series
MLF2012K390KT000 TDK-MLF2012K390KT000 Datasheet
141Kb / 3P
   Inductors (Coils)
MLF2012K390KTD25 TDK-MLF2012K390KTD25 Datasheet
210Kb / 3P
   Inductors (Coils)
MLF2012K390MT000 TDK-MLF2012K390MT000 Datasheet
141Kb / 3P
   Inductors (Coils)
MLF2012K390MTD25 TDK-MLF2012K390MTD25 Datasheet
210Kb / 3P
   Inductors (Coils)
More results

Similar Description - MLF2012K10NJT000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLF1608A1R0JT000 TDK-MLF1608A1R0JT000 Datasheet
150Kb / 11P
   Multilayer Ferrite
MLF1005VR10JT000 TDK-MLF1005VR10JT000 Datasheet
150Kb / 9P
   Multilayer Ferrite
logo
Vishay Siliconix
ILBB-1210 VISHAY-ILBB-1210_07 Datasheet
105Kb / 3P
   Multilayer Ferrite Beads
Revision: 28-Aug-07
logo
Wurth Elektronik GmbH &...
7427927291 WURTH-7427927291 Datasheet
77Kb / 2P
   Multilayer-SMD-Ferrite
7427927311 WURTH-7427927311 Datasheet
76Kb / 2P
   Multilayer-SMD-Ferrite
logo
Allied Components Inter...
MLB10-050-RC ALLIED-MLB10-050-RC Datasheet
771Kb / 1P
   Multilayer Ferrite Beads
logo
Vishay Siliconix
ILBB-0805 VISHAY-ILBB-0805_06 Datasheet
132Kb / 7P
   Multilayer Ferrite Beads
Revision: 14-Mar-06
logo
KOA Speer Electronics, ...
MCL1JHT KOA-MCL1JHT Datasheet
139Kb / 3P
   multilayer ferrite inductor
logo
Vishay Siliconix
ILBB-0805 VISHAY-ILBB-0805_12 Datasheet
112Kb / 6P
   Multilayer Ferrite Beads
Revision: 21-Jun-11
logo
Wurth Elektronik GmbH &...
7427927130 WURTH-7427927130 Datasheet
75Kb / 2P
   Multilayer-SMD-Ferrite
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com