Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLG0402P1N1CT000 Datasheet(PDF) 4 Page - TDK Electronics

Part # MLG0402P1N1CT000
Description  Multilayer Ceramic
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLG0402P1N1CT000 Datasheet(HTML) 4 Page - TDK Electronics

  MLG0402P1N1CT000 Datasheet HTML 1Page - TDK Electronics MLG0402P1N1CT000 Datasheet HTML 2Page - TDK Electronics MLG0402P1N1CT000 Datasheet HTML 3Page - TDK Electronics MLG0402P1N1CT000 Datasheet HTML 4Page - TDK Electronics MLG0402P1N1CT000 Datasheet HTML 5Page - TDK Electronics MLG0402P1N1CT000 Datasheet HTML 6Page - TDK Electronics MLG0402P1N1CT000 Datasheet HTML 7Page - TDK Electronics MLG0402P1N1CT000 Datasheet HTML 8Page - TDK Electronics MLG0402P1N1CT000 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
(4/16)
INDUC
T
O
RS
20150216 / inductor_commercial_high-frequency_mlg0402p_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MLG0402P Type
RECOMMENDED REFLOW PROFILE
Preheating
Soldering
Peak
Temp.
Time
Temp.
Time
Temp.
Time
T1
T2
t1
T3
t2
T4
t3
150°C
180°C
60 to 120s
230°C
30 to 60s
250 to 260°C
10s max.
Natural
cooling
t3
t1
Preheating
t2
Soldering
T3
T3
T4
T2
T1
t: Time
Peak


Similar Part No. - MLG0402P1N1CT000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLG0402P1N1CT000 TDK-MLG0402P1N1CT000 Datasheet
133Kb / 3P
   Inductors (Coils)
More results

Similar Description - MLG0402P1N1CT000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
logo
Samsung semiconductor
CL21C220 SAMSUNG-CL21C220 Datasheet
552Kb / 35P
   Multilayer Ceramic Capacitor
logo
EPCOS
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-1VF1C334Z PANASONIC-ECJ-1VF1C334Z Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
A0805C330JCT ETC2-A0805C330JCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
Samsung semiconductor
CL31B104KCFNNNF SAMSUNG-CL31B104KCFNNNF Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
logo
List of Unclassifed Man...
M15G221 ETC1-M15G221 Datasheet
39Kb / 4P
   Multilayer Ceramic Capacitors
logo
TOKO, Inc
LTF2012D TOKO-LTF2012D Datasheet
354Kb / 2P
   MULTILAYER CERAMIC DIPLEXER
logo
EPCOS
C0G EPCOS-C0G Datasheet
235Kb / 21P
   Multilayer Ceramic Capacitors
X7R EPCOS-X7R Datasheet
432Kb / 19P
   Multilayer ceramic capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com