Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLG0402P11NBT000 Datasheet(PDF) 6 Page - TDK Electronics

Part # MLG0402P11NBT000
Description  Multilayer Ceramic
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLG0402P11NBT000 Datasheet(HTML) 6 Page - TDK Electronics

Back Button MLG0402P11NBT000 Datasheet HTML 2Page - TDK Electronics MLG0402P11NBT000 Datasheet HTML 3Page - TDK Electronics MLG0402P11NBT000 Datasheet HTML 4Page - TDK Electronics MLG0402P11NBT000 Datasheet HTML 5Page - TDK Electronics MLG0402P11NBT000 Datasheet HTML 6Page - TDK Electronics MLG0402P11NBT000 Datasheet HTML 7Page - TDK Electronics MLG0402P11NBT000 Datasheet HTML 8Page - TDK Electronics MLG0402P11NBT000 Datasheet HTML 9Page - TDK Electronics MLG0402P11NBT000 Datasheet HTML 10Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
(6/16)
INDUC
T
O
RS
20150216 / inductor_commercial_high-frequency_mlg0402p_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MLG0402P Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
* Short bar residual inductance =0.11nH
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
Q
L, Q measuring
frequency
Self-resonant
frequency
DC resistance
Rated current
Part No.
(nH)
Tolerance
min.
(MHz)
(GHz)min.
(GHz)typ.
(
:)max. (:)typ.
(mA)max.
0.2
±0.1nH
500
10.0
20.0
0.1
0.03
350
MLG0402P0N2BT000
0.2
±0.2nH
500
10.0
20.0
0.1
0.03
350
MLG0402P0N2CT000
0.3
±0.1nH
500
10.0
20.0
0.1
0.03
350
MLG0402P0N3BT000
0.3
±0.2nH
500
10.0
20.0
0.1
0.03
350
MLG0402P0N3CT000
0.4
±0.1nH
500
10.0
20.0
0.2
0.07
350
MLG0402P0N4BT000
0.4
±0.2nH
500
10.0
20.0
0.2
0.07
350
MLG0402P0N4CT000
0.4
±0.3nH
500
10.0
20.0
0.2
0.07
350
MLG0402P0N4ST000
0.5
±0.1nH
500
10.0
20.0
0.2
0.08
350
MLG0402P0N5BT000
0.5
±0.2nH
500
10.0
20.0
0.2
0.08
350
MLG0402P0N5CT000
0.5
±0.3nH
500
10.0
20.0
0.2
0.08
350
MLG0402P0N5ST000
0.6
±0.1nH
500
10.0
20.0
0.2
0.11
350
MLG0402P0N6BT000
0.6
±0.2nH
500
10.0
20.0
0.2
0.11
350
MLG0402P0N6CT000
0.6
±0.3nH
500
10.0
20.0
0.2
0.11
350
MLG0402P0N6ST000
0.7
±0.1nH
500
10.0
20.0
0.3
0.13
320
MLG0402P0N7BT000
0.7
±0.2nH
500
10.0
20.0
0.3
0.13
320
MLG0402P0N7CT000
0.7
±0.3nH
500
10.0
20.0
0.3
0.13
320
MLG0402P0N7ST000
0.8
±0.1nH
500
10.0
18.3
0.4
0.11
320
MLG0402P0N8BT000
0.8
±0.2nH
500
10.0
18.3
0.4
0.11
320
MLG0402P0N8CT000
0.8
±0.3nH
500
10.0
18.3
0.4
0.11
320
MLG0402P0N8ST000
0.9
±0.1nH
500
10.0
17.3
0.4
0.15
320
MLG0402P0N9BT000
0.9
±0.2nH
500
10.0
17.3
0.4
0.15
320
MLG0402P0N9CT000
0.9
±0.3nH
500
10.0
17.3
0.4
0.15
320
MLG0402P0N9ST000
1.0
±0.1nH
8
500
10.0
16.5
0.4
0.20
250
MLG0402P1N0BT000
1.0
±0.2nH
8
500
10.0
16.5
0.4
0.20
250
MLG0402P1N0CT000
1.0
±0.3nH
8
500
10.0
16.5
0.4
0.20
250
MLG0402P1N0ST000
1.1
±0.1nH
8
500
10.0
15.0
0.5
0.22
250
MLG0402P1N1BT000
1.1
±0.2nH
8
500
10.0
15.0
0.5
0.22
250
MLG0402P1N1CT000
1.1
±0.3nH
8
500
10.0
15.0
0.5
0.22
250
MLG0402P1N1ST000
1.2
±0.1nH
8
500
10.0
14.8
0.5
0.25
250
MLG0402P1N2BT000
1.2
±0.2nH
8
500
10.0
14.8
0.5
0.25
250
MLG0402P1N2CT000
1.2
±0.3nH
8
500
10.0
14.8
0.5
0.25
250
MLG0402P1N2ST000
1.3
±0.1nH
8
500
10.0
15.9
0.6
0.28
250
MLG0402P1N3BT000
1.3
±0.2nH
8
500
10.0
15.9
0.6
0.28
250
MLG0402P1N3CT000
1.3
±0.3nH
8
500
10.0
15.9
0.6
0.28
250
MLG0402P1N3ST000
1.4
±0.1nH
7
500
10.0
14.0
0.6
0.30
250
MLG0402P1N4BT000
1.4
±0.2nH
7
500
10.0
14.0
0.6
0.30
250
MLG0402P1N4CT000
1.4
±0.3nH
7
500
10.0
14.0
0.6
0.30
250
MLG0402P1N4ST000
1.5
±0.1nH
8
500
10.0
14.0
0.6
0.37
220
MLG0402P1N5BT000
1.5
±0.2nH
8
500
10.0
14.0
0.6
0.37
220
MLG0402P1N5CT000
1.5
±0.3nH
8
500
10.0
14.0
0.6
0.37
220
MLG0402P1N5ST000
1.6
±0.1nH
9
500
9.0
12.9
0.6
0.25
220
MLG0402P1N6BT000
1.6
±0.2nH
9
500
9.0
12.9
0.6
0.25
220
MLG0402P1N6CT000
1.6
±0.3nH
9
500
9.0
12.9
0.6
0.25
220
MLG0402P1N6ST000
1.7
±0.1nH
9
500
9.0
12.4
0.6
0.25
200
MLG0402P1N7BT000
1.7
±0.2nH
9
500
9.0
12.4
0.6
0.25
200
MLG0402P1N7CT000
1.7
±0.3nH
9
500
9.0
12.4
0.6
0.25
200
MLG0402P1N7ST000
Measurement item
Product No.
Manufacturer
L, Q
4291B+16196D
Agilent Technologies
Self-resonant frequency
8720C
Agilent Technologies
DC resistance
4338A
Agilent Technologies


Similar Part No. - MLG0402P11NBT000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLG0402P11NHT000 TDK-MLG0402P11NHT000 Datasheet
128Kb / 3P
   Inductors (Coils)
MLG0402P11NJT000 TDK-MLG0402P11NJT000 Datasheet
128Kb / 3P
   Inductors (Coils)
More results

Similar Description - MLG0402P11NBT000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
logo
Samsung semiconductor
CL21C220 SAMSUNG-CL21C220 Datasheet
552Kb / 35P
   Multilayer Ceramic Capacitor
logo
EPCOS
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-1VF1C334Z PANASONIC-ECJ-1VF1C334Z Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
A0805C330JCT ETC2-A0805C330JCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
Samsung semiconductor
CL31B104KCFNNNF SAMSUNG-CL31B104KCFNNNF Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
logo
List of Unclassifed Man...
M15G221 ETC1-M15G221 Datasheet
39Kb / 4P
   Multilayer Ceramic Capacitors
logo
TOKO, Inc
LTF2012D TOKO-LTF2012D Datasheet
354Kb / 2P
   MULTILAYER CERAMIC DIPLEXER
logo
EPCOS
C0G EPCOS-C0G Datasheet
235Kb / 21P
   Multilayer Ceramic Capacitors
X7R EPCOS-X7R Datasheet
432Kb / 19P
   Multilayer ceramic capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com