Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

111-91-648-41-001 Datasheet(PDF) 1 Page - Precid-Dip Durtal SA

Part # 111-91-648-41-001
Description  Dual-in-line sockets for multilayer PCB Open frame Solder tail
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREDIP [Precid-Dip Durtal SA]
Direct Link  http://www.precidip.com
Logo PREDIP - Precid-Dip Durtal SA

111-91-648-41-001 Datasheet(HTML) 1 Page - Precid-Dip Durtal SA

  111-91-648-41-001 Datasheet HTML 1Page - Precid-Dip Durtal SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
54
Series 111
Dual-in-line sockets for multilayer PCB
Open frame
Solder tail
Standard Dual-in-line
socket with increased sol-
der tail length of 4.2 mm,
allowing application on
multilayer PCBs up to
3.4 mm thickness. Other
lengths on request
Insertion
characteristics:
4-finger standard
Platings
Sleeve
Clip
Pin
91
5
µm Sn Pb
0.25
µm Au
93
5
µm Sn Pb
0.75
µm Au
99
5
µm Sn Pb
5
µm Sn Pb
Ordering information
For complete part number see Order Codes list below
10
111-91-210-41-001
111-93-210-41-001
111-99-210-41-001
Fig. 1
12.6
5.08
7.6
4
111-91-304-41-001
111-93-304-41-001
111-99-304-41-001
Fig. 2
5.0
7.62 10.1
6
111-91-306-41-001
111-93-306-41-001
111-99-306-41-001
Fig. 3
7.6
7.62 10.1
8
111-91-308-41-001
111-93-308-41-001
111-99-308-41-001
Fig. 4
10.1
7.62 10.1
10
111-91-310-41-001
111-93-310-41-001
111-99-310-41-001
Fig. 5
12.6
7.62 10.1
12
111-91-312-41-001
111-93-312-41-001
111-99-312-41-001
aFig. 5a
15.2
7.62 10.1
14
111-91-314-41-001
111-93-314-41-001
111-99-314-41-001
Fig. 6
17.7
7.62 10.1
16
111-91-316-41-001
111-93-316-41-001
111-99-316-41-001
Fig. 7
20.3
7.62 10.1
18
111-91-318-41-001
111-93-318-41-001
111-99-318-41-001
Fig. 8
22.8
7.62 10.1
20
111-91-320-41-001
111-93-320-41-001
111-99-320-41-001
Fig. 9
25.3
7.62 10.1
22
111-91-322-41-001
111-93-322-41-001
111-99-322-41-001
Fig. 10
27.8
7.62 10.1
24
111-91-324-41-001
111-93-324-41-001
111-99-324-41-001
Fig. 11
30.4
7.62 10.1
28
111-91-328-41-001
111-93-328-41-001
111-99-328-41-001
Fig. 12
35.5
7.62 10.1
20
111-91-420-41-001
111-93-420-41-001
110-99-420-41-001
aFig. 12a
25.3 10.16 12.6
22
111-91-422-41-001
111-93-422-41-001
111-99-422-41-001
Fig. 13
27.8 10.16 12.6
24
111-91-424-41-001
111-93-424-41-001
111-99-424-41-001
Fig. 14
30.4 10.16 12.6
28
111-91-428-41-001
111-93-428-41-001
111-99-428-41-001
Fig. 15
35.5 10.16 12.6
32
111-91-432-41-001
111-93-432-41-001
111-99-432-41-001
Fig. 16
40.6 10.16 12.6
10
111-91-610-41-001
110-93-610-41-001
110-99-610-41-001
aFig. 16a
12.6 15.24 17.7
24
111-91-624-41-001
111-93-624-41-001
111-99-624-41-001
Fig. 17
30.4 15.24 17.7
28
111-91-628-41-001
111-93-628-41-001
111-99-628-41-001
Fig. 18
35.5 15.24 17.7
32
111-91-632-41-001
111-93-632-41-001
111-99-632-41-001
Fig. 19
40.6 15.24 17.7
36
111-91-636-41-001
111-93-636-41-001
111-99-636-41-001
Fig. 20
45.7 15.24 17.7
40
111-91-640-41-001
111-93-640-41-001
111-99-640-41-001
Fig. 21
50.6 15.24 17.7
42
111-91-642-41-001
111-93-642-41-001
111-99-642-41-001
Fig. 22
53.2 15.24 17.7
48
111-91-648-41-001
111-93-648-41-001
111-99-648-41-001
Fig. 23
60.9 15.24 17.7
50
111-91-650-41-001
111-93-650-41-001
111-99-650-41-001
Fig. 24
63.4 15.24 17.7
52
111-91-652-41-001
111-93-652-41-001
111-99-652-41-001
Fig. 25
65.9 15.24 17.7
50
111-91-950-41-001
111-93-950-41-001
111-99-950-41-001
Fig. 26
63.4 22.86 25.3
52
111-91-952-41-001
111-93-952-41-001
111-99-952-41-001
Fig. 27
65.9 22.86 25.3
64
111-91-964-41-001
111-93-964-41-001
111-99-964-41-001
Fig. 28
81.1 22.86 25.3
No.
Insulator
of
Order Codes
dimen-
poles
sions
Plating 91
Plating 93
Plating 99
See
ABC
page 50
B
B
B
Products not available from stock. Please consult PRECI-DIP.
B


Similar Part No. - 111-91-648-41-001

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
111-000306-10 OSCILENT-111-000306-10 Datasheet
140Kb / 3P
   32.768 KHz Tuning Fork
111-000306-20 OSCILENT-111-000306-20 Datasheet
140Kb / 3P
   32.768 KHz Tuning Fork
111-000312-10 OSCILENT-111-000312-10 Datasheet
140Kb / 3P
   32.768 KHz Tuning Fork
111-000312-20 OSCILENT-111-000312-20 Datasheet
140Kb / 3P
   32.768 KHz Tuning Fork
logo
Altech corporation
111-001 ALTECH-111-001 Datasheet
906Kb / 26P
   TK 77 -Polystyrene and Polycarbonate-65x65mm (2.56x2.56in.)
More results

Similar Description - 111-91-648-41-001

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
110-93-628-41-001 PREDIP-110-93-628-41-001 Datasheet
40Kb / 1P
   Dual-in-line sockets Open frame Solder tail
logo
Mill-Max Mfg. Corp.
110-13-308-41-001000 MILL-MAX-110-13-308-41-001000 Datasheet
137Kb / 1P
   DUAL-IN-LINE SOCKETS Standard Solder Tail Open Frame
logo
Precid-Dip Durtal SA
116-93-210-41-006 PREDIP-116-93-210-41-006 Datasheet
42Kb / 1P
   Dual-in-line sockets interconnect Open frame Solder tail
110-91-210-41-005 PREDIP-110-91-210-41-005 Datasheet
39Kb / 1P
   Dual-in-line sockets automatic insertion Open frame Solder tail
110-93-308-41-801 PREDIP-110-93-308-41-801 Datasheet
44Kb / 1P
   Dual-in-line sockets with capacitor Open frame Solder tail
110-91-306-41-605 PREDIP-110-91-306-41-605 Datasheet
37Kb / 1P
   Dual-in-line sockets automatic insertion Open frame Solder tail
210-91-306-41-001 PREDIP-210-91-306-41-001 Datasheet
37Kb / 1P
   Dual-in-line sockets Closed frame Solder tail
115-91-306-41-003 PREDIP-115-91-306-41-003 Datasheet
38Kb / 1P
   Dual-in-line sockets very low profile / ultra low profile / open frame Solder tail
299-93-306-10-001 PREDIP-299-93-306-10-001 Datasheet
41Kb / 1P
   Dual-in-line sockets / right angle version Closed frame Solder tail
612-91-210-41-001 PREDIP-612-91-210-41-001 Datasheet
42Kb / 1P
   Dual-in-line pin carrier assemblies Open frame Solder tail
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com