Electronic Components Datasheet Search |
|
CC45SL3AD220CYNNA Datasheet(PDF) 7 Page - TDK Electronics |
|
CC45SL3AD220CYNNA Datasheet(HTML) 7 Page - TDK Electronics |
7 / 9 page (7/9) 20160219 / leaddisc_commercial_cc45_en.fm Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use. Please note that the contents may change without any prior notice due to reasons such as upgrading. CAPACITORS CC45 Type CAPACITANCE AND DIMENSIONS Temperature Characteristics: SL (+350 to –1000ppm/°C) Rated Voltage Edc: 3kV * The part numbers are TDK’s standard specification products. The " □ " of the Part Number contains the lead type, G, N or V. Please refer to the details of each shape is shown below. Please refer to P-9 about the taping dimemsions. LIST OF STANDARD LEAD SHAPES Dimemsions in mm • TDK’s standard product is vertical kink. • TDK’s recommendation is short lead type with the symbol N for bulk products. Capacitance (pF) Capacitance tolerance Dimensions (mm) Taping dimensions Part No. D max. T max. F (Applied to bulk) F (Applied to taping) d 10 ±5% 5.5 6.0 7.5±1.5 7.5±0.8 0.6±0.05 V2 CC45SL3FD100JY □NA 12 ±5% 5.5 6.0 7.5±1.5 7.5±0.8 0.6±0.05 V2 CC45SL3FD120JY □NA 15 ±5% 5.5 6.0 7.5±1.5 7.5±0.8 0.6±0.05 V2 CC45SL3FD150JY □NA 18 ±5% 5.5 6.0 7.5±1.5 7.5±0.8 0.6±0.05 V2 CC45SL3FD180JY □NA 22 ±5% 5.5 6.0 7.5±1.5 7.5±0.8 0.6±0.05 V2 CC45SL3FD220JY □NA 27 ±5% 5.5 6.0 7.5±1.5 7.5±0.8 0.6±0.05 V2 CC45SL3FD270JY □NA 33 ±5% 6.0 6.0 7.5±1.5 7.5±0.8 0.6±0.05 V2 CC45SL3FD330JY □NA 39 ±5% 6.0 6.0 7.5±1.5 7.5±0.8 0.6±0.05 V2 CC45SL3FD390JY □NA 47 ±5% 6.5 6.0 7.5±1.5 7.5±0.8 0.6±0.05 V2 CC45SL3FD470JY □NA 56 ±5% 7.0 6.0 7.5±1.5 7.5±0.8 0.6±0.05 V2 CC45SL3FD560JY □NA 68 ±5% 7.5 6.0 7.5±1.5 7.5±0.8 0.6±0.05 V2 CC45SL3FD680JY □NA 82 ±5% 8.0 6.0 7.5±1.5 7.5±0.8 0.6±0.05 V2 CC45SL3FD820JY □NA 100 ±5% 8.5 6.0 7.5±1.5 7.5±0.8 0.6±0.05 V2 CC45SL3FD101JY □NA 120 ±5% 9.5 6.0 7.5±1.5 7.5±0.8 0.6±0.05 V2 CC45SL3FD121JY □NA 150 ±5% 10.0 6.0 7.5±1.5 7.5±0.8 0.6±0.05 V2 CC45SL3FD151JY □NA 180 ±5% 11.0 6.0 7.5±1.5 7.5±0.8 0.6±0.05 V2 CC45SL3FD181JY □NA 220 ±5% 12.0 6.0 7.5±1.5 7.5±0.8 0.6±0.05 V2 CC45SL3FD221JY □NA Symbol G Bulk/Long lead Symbol N Bulk/Short lead Symbol V Taping Vertical kink D F d T D T F d D T F d |
Similar Part No. - CC45SL3AD220CYNNA |
|
Similar Description - CC45SL3AD220CYNNA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |