Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CK45B3DD102KYGNA Datasheet(PDF) 1 Page - TDK Electronics

Part # CK45B3DD102KYGNA
Description  High Voltage Ceramic Capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CK45B3DD102KYGNA Datasheet(HTML) 1 Page - TDK Electronics

  CK45B3DD102KYGNA Datasheet HTML 1Page - TDK Electronics CK45B3DD102KYGNA Datasheet HTML 2Page - TDK Electronics CK45B3DD102KYGNA Datasheet HTML 3Page - TDK Electronics CK45B3DD102KYGNA Datasheet HTML 4Page - TDK Electronics CK45B3DD102KYGNA Datasheet HTML 5Page - TDK Electronics CK45B3DD102KYGNA Datasheet HTML 6Page - TDK Electronics CK45B3DD102KYGNA Datasheet HTML 7Page - TDK Electronics CK45B3DD102KYGNA Datasheet HTML 8Page - TDK Electronics CK45B3DD102KYGNA Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
February 2016
CA P A C I TO R S
Type:
CK45 [B, E characteristics, Edc: 1kV to 3kV]
Disc Type Capacitors with Lead
High Voltage Ceramic Capacitors
CK45 series
Commercial Grade


Similar Part No. - CK45B3DD102KYGNA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CK45-B3AD101KYGNA TDK-CK45-B3AD101KYGNA_17 Datasheet
89Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CK45-B3AD101KYN TDK-CK45-B3AD101KYN Datasheet
85Kb / 4P
   Mid-high Voltage Ceramic Capacitors Disk type with lead General use
CK45-B3AD101KYNA TDK-CK45-B3AD101KYNA Datasheet
85Kb / 4P
   Mid-high Voltage Ceramic Capacitors Disk type with lead General use
CK45-B3AD101KYNN TDK-CK45-B3AD101KYNN Datasheet
38Kb / 2P
   Mid-high Voltage Ceramic Capacitors
CK45-B3AD101KYNNA TDK-CK45-B3AD101KYNNA Datasheet
89Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
More results

Similar Description - CK45B3DD102KYGNA

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DE1E3KX222MA4BL01 MURATA-DE1E3KX222MA4BL01 Datasheet
1Mb / 66P
   High Voltage Ceramic Capacitors
DE2E3KH332MA3B MURATA-DE2E3KH332MA3B Datasheet
1Mb / 83P
   High Voltage Ceramic Capacitors
DE1E3KX472MN5AA01 MURATA-DE1E3KX472MN5AA01 Datasheet
1Mb / 72P
   High Voltage Ceramic Capacitors
DE2E3KY472MN2AM01 MURATA-DE2E3KY472MN2AM01 Datasheet
1Mb / 83P
   High Voltage Ceramic Capacitors
logo
TDK Electronics
CC45SL3AD100JYGNA TDK-CC45SL3AD100JYGNA Datasheet
157Kb / 9P
   High Voltage Ceramic Capacitors
CD85-B2GA471KYGKA TDK-CD85-B2GA471KYGKA Datasheet
59Kb / 4P
   High Voltage Ceramic Capacitors
CD90ZU2GA222MYGKA TDK-CD90ZU2GA222MYGKA Datasheet
59Kb / 4P
   High Voltage Ceramic Capacitors
CD70-B2GA151KYGKA TDK-CD70-B2GA151KYGKA Datasheet
59Kb / 4P
   High Voltage Ceramic Capacitors
CD80ZU2GA152MYGKA TDK-CD80ZU2GA152MYGKA Datasheet
59Kb / 4P
   High Voltage Ceramic Capacitors
logo
Murata Manufacturing Co...
C41E2 MURATA-C41E2 Datasheet
310Kb / 20P
   HIGH VOLTAGE CERAMIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com