Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF13-30DP-1.25H Datasheet(PDF) 11 Page - Hirose Electric

Part # DF13-30DP-1.25H
Description  1.25mm Pitch Miniature Crimping Connector
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF13-30DP-1.25H Datasheet(HTML) 11 Page - Hirose Electric

Back Button DF13-30DP-1.25H Datasheet HTML 3Page - Hirose Electric DF13-30DP-1.25H Datasheet HTML 4Page - Hirose Electric DF13-30DP-1.25H Datasheet HTML 5Page - Hirose Electric DF13-30DP-1.25H Datasheet HTML 6Page - Hirose Electric DF13-30DP-1.25H Datasheet HTML 7Page - Hirose Electric DF13-30DP-1.25H Datasheet HTML 8Page - Hirose Electric DF13-30DP-1.25H Datasheet HTML 9Page - Hirose Electric DF13-30DP-1.25H Datasheet HTML 10Page - Hirose Electric DF13-30DP-1.25H Datasheet HTML 11Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
B193
BPrecautions
1. Recommended Temperature
Profile (SMT)
Note 1.This process is allowed up to twice under the same condition.
However, the interval between the first and second processes must be maintained at
the room temperature.
Note 2.The temperature indicates the board surface temperature in the connector lead area.
2. Recommended Soldering
Condition (SMT)
Manual soldering: 290ç for 2 seconds
3. Recommended Screen
Thickness (SMT)
0.15 to 0.2mm
4. Board Warpage (SMT)
Max 0.03mm in the connector center area, based on both connector edges
5. Recommended Soldering
Flow: 250ç for 3 seconds
5. Condition (Through hole)
Manual soldering: 290ç for 2 seconds
6. Cleaning Condition
Refer to Nylon Connector Use Hand book.
7. Connection Condition
Refer to Nylon Connector Use Hand book.
sCarefully carry out the crimping operation according to "Crimping Condition Sheet" and
"Crimping Quality Standard", because the crimping contact is an extremely small style.
8. Cautions
sBe careful for the excessive scoop insertion/extraction, which will cause damage to the
product.


Similar Part No. - DF13-30DP-1.25H

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF13-30DS-1.25C HIROSE-DF13-30DS-1.25C Datasheet
363Kb / 12P
   1.25mm Pitch Miniature Crimping Connector (UL Listed)
More results

Similar Description - DF13-30DP-1.25H

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF13C-3P-1.25V50 HIROSE-DF13C-3P-1.25V50 Datasheet
428Kb / 11P
   1.25mm Pitch Miniature Crimping Connector
DF13-3P-1.25V50 HIROSE-DF13-3P-1.25V50 Datasheet
661Kb / 12P
   1.25mm Pitch Miniature Crimping Connector
DF13 HIROSE-DF13 Datasheet
363Kb / 12P
   1.25mm Pitch Miniature Crimping Connector (UL Listed)
DF14-2S-1.25C HIROSE-DF14-2S-1.25C Datasheet
195Kb / 6P
   1.25mm Pitch Super Low profile Crimping Connector
DF14A-20P-1.25H55 HIROSE-DF14A-20P-1.25H55 Datasheet
273Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF14 HIROSE-DF14 Datasheet
299Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF14A-5P-1.25H56 HIROSE-DF14A-5P-1.25H56 Datasheet
273Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF1420P1.25H55 HIROSE-DF1420P1.25H55 Datasheet
273Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF14-2S-1.25C HIROSE-DF14-2S-1.25C_1 Datasheet
284Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
logo
YEONHO ELECTRONICS
12507TS YEONHO-12507TS Datasheet
216Kb / 1P
   1.25mm PITCH CONNECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com