Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B78118E1333J000 Datasheet(PDF) 2 Page - TDK Electronics

Part # B78118E1333J000
Description  RF chokes, BC series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B78118E1333J000 Datasheet(HTML) 2 Page - TDK Electronics

  B78118E1333J000 Datasheet HTML 1Page - TDK Electronics B78118E1333J000 Datasheet HTML 2Page - TDK Electronics B78118E1333J000 Datasheet HTML 3Page - TDK Electronics B78118E1333J000 Datasheet HTML 4Page - TDK Electronics B78118E1333J000 Datasheet HTML 5Page - TDK Electronics B78118E1333J000 Datasheet HTML 6Page - TDK Electronics B78118E1333J000 Datasheet HTML 7Page - TDK Electronics B78118E1333J000 Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Inductors
RF chokes, BC+ series
B78108E, B78148E
SZ MAG PD IN/T
July 2015
Please read Cautions and warnings and
Page 2 of 8
Important notes at the end of this document.
BC chokes
Rated inductance 0.1 μH … 100 μH
Rated current 640 mA .. 7300 mA
Construction
Ferrite drum core
Winding: enamel copper wire
Flame-retardant lacquer coating
Features
Very high rated current
High saturation behaviour
High self-resonance frequency
Suitable for wave soldering
RoHS-compatible
Applications
DC-DC converter
Filtering of supply voltage & battery charger (EMI)
RF blocking and filtering
Decoupling and interference suppression
For telecommunications, LED and energy-saving
lamps, solar LED lamps, entertainment electronics
Terminals
Radially bent to 5mm lead spacing (B78148E)
Central axial leads (B78108E)
Base material Cu
Electroplated with nickel and pure tin
Marking
Inductance indicated by color bands in accordance
with IEC 60062
Delivery mode and packing units
Taped, Ammo and reel packing
Packing units:
Ammo
(pcs./pack.)
Reel
(pcs./reel)
Axial
2500
5000
Radial
2500
2000
B78108E
B78148E


Similar Part No. - B78118E1333J000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B78108E1071M000 TDK-B78108E1071M000 Datasheet
550Kb / 8P
   RF chokes, BC series
B78108E1072K000 TDK-B78108E1072K000 Datasheet
550Kb / 8P
   RF chokes, BC series
B78108E1073J000 TDK-B78108E1073J000 Datasheet
550Kb / 8P
   RF chokes, BC series
B78108E1100J000 TDK-B78108E1100J000 Datasheet
550Kb / 8P
   RF chokes, BC series
B78108E1101M000 TDK-B78108E1101M000 Datasheet
550Kb / 8P
   RF chokes, BC series
More results

Similar Description - B78118E1333J000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B78148E1101M000 TDK-B78148E1101M000 Datasheet
550Kb / 8P
   RF chokes, BC series
B78108S1185J009 TDK-B78108S1185J009 Datasheet
615Kb / 9P
   RF chokes, BC series
B78148S1102K000 TDK-B78148S1102K000 Datasheet
615Kb / 9P
   RF chokes, BC series
logo
EPCOS
B78108S1105J EPCOS-B78108S1105J Datasheet
598Kb / 9P
   Inductors RF chokes, BC series
logo
TDK Electronics
B82141A1102K000 TDK-B82141A1102K000 Datasheet
615Kb / 9P
   RF chokes, SBC series
B82144A2102K000 TDK-B82144A2102K000 Datasheet
610Kb / 9P
   RF chokes, LBC series
B82144B2153K000 TDK-B82144B2153K000 Datasheet
451Kb / 9P
   RF chokes, LBC series
B82144F1105J000 TDK-B82144F1105J000 Datasheet
453Kb / 8P
   RF chokes, LBC series
B78108T1102K000 TDK-B78108T1102K000 Datasheet
642Kb / 8P
   RF chokes, MCC series
B82144F1476J009 TDK-B82144F1476J009 Datasheet
453Kb / 8P
   Inductors RF chokes, LBC series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com